전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

FBR4030 데이터시트(HTML) 1 Page - First Components International

부품명 FBR4030
상세내용  40 Amp SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FCI [First Components International]
홈페이지  http://www.cotra.com.tw/
Logo 

FBR4030 데이터시트(HTML) 1 Page - First Components International

   
Zoom Inzoom in Zoom Outzoom out
/ 2 page
 1 / 2 page
background image
Description
Features
Mechanical Dimensions
Maximum Ratings
Peak Repetitive Reverse Voltage...V
RRM
Working Peak Reverse Voltage...V
RWM
DC Blocking Voltage...V
DC
RMS Reverse Voltage...V
R(rms)
FBR4030 . . . 4060 Series
Average Forward Rectified Current...I
O
@ T
C = 110°C VR (equiv.) < = 0.2VR(DC)
Non-Repetitive Peak Forward Surge Current...I
FSM
@RatedLoadConditions,½SineWave,SinglePhase,60Hz
Operating & Storage Temperature Range...T
J, TSTRG
Maximum Forward Voltage...V
F
@ I
F = 20 Amps
Maximum DC Reverse Current...I
R
@ Rated DC Blocking Voltage
T
C = 25°C
T
C =125°C
FBR4030 FBR4035 FBR4040 FBR4045 FBR4050 FBR4060
30
35
40
45
50
60
30
35
40
45
50
60
30
35
40
45
50
60
21
24
28
31
35
42
Data Sheet
40 Amp SCHOTTKY
BARRIER RECTIFIERS
Units
............................................. 40 ...............................................
............................................. 400 ...............................................
........................................ -65 to 150 .........................................
............................................. 3.0 ...............................................
Volts
Volts
Volts
Volts
Amps
Amps
°C
Volts
mAmps
mAmps
Page 7-40
n HIGH CURRENT CAPABILITY
WITH LOW V
F
n HIGH EFFICIENCY w/LOW POWER LOSS
n HIGH SURGE VOLTAGE AND
TRANSIENT PROTECTION
n MEETS UL SPECIFICATION 94V-0
< ........................ .55 ........................ > < ........ .65 ......... >
< ........................ 100 ........................ > < ..........150 ........ >
JEDEC
T0-3P
1
3
Case
2
1
3
2
Common Anode Suffix ‘‘A’’
CASE
1
3
2
Common Cathode Suffix ‘‘C’’
CASE
Electrical Characteristics


Html Pages

1  2 


데이터시트 Download



관련 부품명

부품명상세내용Html View제조사
1N58191 AMP SCHOTTKY BARRIER RECTIFIERS 1 2 Microsemi Corporation
1N5820_13.0A SCHOTTKY BARRIER RECTIFIERS 1 2 Diodes Incorporated
SD830_18.0A SCHOTTKY BARRIER RECTIFIERS 1 2 Diodes Incorporated
82CNQ030APBFSCHOTTKY RECTIFIER 80 Amp New GenIII D-61 Package 1 2 3 4 5 MoreInternational Rectifier
YA846C04BSchottky Barrier Diode 1 2 3 4 5 MoreFuji Electric
CMS-S040-020SCHOTTKY BARRIER DIODE 1 Champion Microelectronic Corp.
SBL3040CSCHOTTKY BARRIER RECTIFIER DIODES 1 2 Unisonic Technologies
CMS-S087-060SCHOTTKY BARRIER DIODE 1 Champion Microelectronic Corp.
MBRB1530CT_15A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 1 2 3 Diodes Incorporated

링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn