전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPCA8004-H 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TPCA8004-H
상세설명  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCA8004-H 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TPCA8004-H Datasheet HTML 1Page - Toshiba Semiconductor TPCA8004-H Datasheet HTML 2Page - Toshiba Semiconductor TPCA8004-H Datasheet HTML 3Page - Toshiba Semiconductor TPCA8004-H Datasheet HTML 4Page - Toshiba Semiconductor TPCA8004-H Datasheet HTML 5Page - Toshiba Semiconductor TPCA8004-H Datasheet HTML 6Page - Toshiba Semiconductor TPCA8004-H Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TPCA8004-H
2003-8-7
3
Electrical Characteristics (Ta
= 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
±10
µA
Drain cut-OFF current
IDSS
VDS = 30 V, VGS = 0 V
10
µA
V (BR) DSS
ID = 10 mA, VGS = 0 V
30
Drain-source breakdown voltage
V (BR) DSX
ID = 10 mA, VGS = −20 V
15
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
1.1
2.3
V
VGS = 4.5 V, ID = 20 A
4.8
6.2
Drain-source ON resistance
RDS (ON)
VGS = 10 V, ID = 20 A
3.5
4.6
m
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 20 A
40
80
S
Input capacitance
Ciss
2265
Reverse transfer capacitance
Crss
255
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
1045
pF
Rise time
tr
5
Turn-ON time
ton
14
Fall time
tf
11
Switching time
Turn-OFF time
toff
Duty <= 1%, tw = 10 µs
50
ns
VDD ∼− 24 V, VGS = 10 V, ID = 40 A
37
Total gate charge
(gate-source plus gate-drain)
Qg
VDD ∼− 24 V, VGS = 5 V, ID = 40 A
20
Gate-source charge 1
Qgs1
8.2
Gate-drain (“miller”) charge
Qgd
8.7
Gate switch charge
QSW
VDD ∼− 24 V, VGS = 10 V, ID = 40 A
12.7
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Drain reverse current
Pulse
(Note 1)
IDRP
120
A
Forward voltage (diode)
VDSF
IDR = 40 A, VGS = 0 V
−1.2
V
VDD ∼− 15 V
0 V
VGS
10 V
ID = 20A
VOUT


유사한 부품 번호 - TPCA8004-H

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPCA8004-H TOSHIBA-TPCA8004-H Datasheet
462Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
logo
VBsemi Electronics Co.,...
TPCA8004-H VBSEMI-TPCA8004-H Datasheet
1Mb / 7P
   N-Channel 30 V (D-S) MOSFET
logo
Toshiba Semiconductor
TPCA8004-H TOSHIBA-TPCA8004-H_06 Datasheet
462Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
More results

유사한 설명 - TPCA8004-H

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPCP8001-H TOSHIBA-TPCP8001-H Datasheet
249Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
TPCA8014-H TOSHIBA-TPCA8014-H Datasheet
41Kb / 4P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
TPCM8001-H TOSHIBA-TPCM8001-H_07 Datasheet
306Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (Ultra-High-Speed U-MOSIII)
TPCP8003-H TOSHIBA-TPCP8003-H Datasheet
248Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
TPC8009-H TOSHIBA-TPC8009-H Datasheet
185Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (High speed U-MOSIII)
TPC8010-H TOSHIBA-TPC8010-H Datasheet
342Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (High speed U-MOSIII)
TPC6109-H TOSHIBA-TPC6109-H Datasheet
264Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (Ultra-High-Speed U-MOSIII)
TPCP8103-H TOSHIBA-TPCP8103-H Datasheet
212Kb / 4P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (Ultra High speed U-MOSIII)
TPCS8208 TOSHIBA-TPCS8208 Datasheet
205Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC6003 TOSHIBA-TPC6003 Datasheet
159Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com