전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STC62WV1M8EIG70 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 STC62WV1M8EIG70
상세설명  Very Low Power/Voltage CMOS SRAM 1M X 8 bit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

STC62WV1M8EIG70 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  STC62WV1M8EIG70 Datasheet HTML 1Page - List of Unclassifed Manufacturers STC62WV1M8EIG70 Datasheet HTML 2Page - List of Unclassifed Manufacturers STC62WV1M8EIG70 Datasheet HTML 3Page - List of Unclassifed Manufacturers STC62WV1M8EIG70 Datasheet HTML 4Page - List of Unclassifed Manufacturers STC62WV1M8EIG70 Datasheet HTML 5Page - List of Unclassifed Manufacturers STC62WV1M8EIG70 Datasheet HTML 6Page - List of Unclassifed Manufacturers STC62WV1M8EIG70 Datasheet HTML 7Page - List of Unclassifed Manufacturers STC62WV1M8EIG70 Datasheet HTML 8Page - List of Unclassifed Manufacturers STC62WV1M8EIG70 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Revision 2.1
Jan.
2004
2
R0201-
STC62WV1M8
Name
Function
A0-A19 Address Input
These 20 address inputs select one of the 1,048,576 x 8-bit words in the RAM
CE1 Chip Enable 1 Input
CE2 Chip Enable 2 Input
CE1 is active LOW and CE2 is active HIGH. Both chip enables must be active when
data read from or write to the device. If either chip enable is not active, the device is
deselected and is in a standby power mode. The DQ pins will be in the high
impedance state when the device is deselected.
WE Write Enable Input
The write enable input is active LOW and controls read and write operations. With the
chip selected, when WE is HIGH and OE is LOW, output data will be present on the
DQ pins; when WE is LOW, the data present on the DQ pins will be written into the
selected memory location.
OE Output Enable Input
The output enable input is active LOW. If the output enable is active while the chip is
selected and the write enable is inactive, data will be present on the DQ pins and they
will be enabled. The DQ pins will be in the high impedance state when OE is inactive.
DQ0-DQ7 Data Input/Output
Ports
These 8 bi-directional ports are used to read data from or write data into the RAM.
Vcc
Power Supply
Gnd
Ground
TRUTH TABLE
PIN DESCRIPTIONS
STC
CIN
Input
Capacitance
VIN=0V
10
pF
CDQ
Input/Output
Capacitance
VI/O=0V
12
pF
ABSOLUTE MAXIMUM RATINGS(1)
OPERATING RANGE
CAPACITANCE (1) (TA = 25oC, f = 1.0 MHz)
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these
or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
reliability.
1. This parameter is guaranteed and not 100% tested.
SYMBOL
PARAMETER
RATING
UNITS
V TERM
Terminal Voltage with
Respect to GND
-0.5 to
Vcc+0.5
V
T BIAS
Temperature Under Bias
-40 to +85
O C
T STG
Storage Temperature
-60 to +150
O C
P T
Power Dissipation
1.0
W
I OUT
DC Output Current
20
mA
STC62WV1M8
RANGE
AMBIENT
TEMPERATURE
Vcc
Commercial
0 O C to +70 O C2.4V ~ 5.5V
Industrial
-40 O C to +85 O C2.4V ~ 5.5V
MODE
WE
CE1
CE2
OE
I/O OPERATION
Vcc CURRENT
XH
X
X
Not selected
(Power Down)
XX
L
X
High Z
ICCSB, ICCSB1
Output Disabled
H
L
H
H
High Z
ICC
Read
H
L
H
L
DOUT
ICC
Write
L
L
H
X
DIN
ICC
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT


유사한 부품 번호 - STC62WV1M8EIG70

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
STC62WV1024 ETC-STC62WV1024 Datasheet
437Kb / 10P
   VERY LOW POWER VOLTAGE CMOS SRAM
STC62WV1024DC ETC-STC62WV1024DC Datasheet
437Kb / 10P
   VERY LOW POWER VOLTAGE CMOS SRAM
STC62WV1024DC-55 ETC-STC62WV1024DC-55 Datasheet
437Kb / 10P
   VERY LOW POWER VOLTAGE CMOS SRAM
STC62WV1024DC-70 ETC-STC62WV1024DC-70 Datasheet
437Kb / 10P
   VERY LOW POWER VOLTAGE CMOS SRAM
STC62WV1024DCG55 ETC-STC62WV1024DCG55 Datasheet
437Kb / 10P
   VERY LOW POWER VOLTAGE CMOS SRAM
More results

유사한 설명 - STC62WV1M8EIG70

제조업체부품명데이터시트상세설명
logo
Brilliance Semiconducto...
BS62LV8005 BSI-BS62LV8005 Datasheet
218Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
BS62LV8001 BSI-BS62LV8001 Datasheet
265Kb / 9P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
BS62LV8000 BSI-BS62LV8000 Datasheet
220Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
BS62LV8006 BSI-BS62LV8006 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
BS62LV8003 BSI-BS62LV8003 Datasheet
217Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
BS62LV8001 BSI-BS62LV8001_08 Datasheet
243Kb / 10P
   Very Low Power CMOS SRAM 1M X 8 bit
BS62LV8001 BSI-BS62LV8001_06 Datasheet
204Kb / 10P
   Very Low Power CMOS SRAM 1M X 8 bit
BS616LV161 BSI-BS616LV161 Datasheet
254Kb / 8P
   Very Low Power/Voltage CMOS SRAM 1M X 16 bit
BS616LV1611 BSI-BS616LV1611 Datasheet
255Kb / 8P
   Very Low Power/Voltage CMOS SRAM 1M X 16 bit
BS616LV1615 BSI-BS616LV1615 Datasheet
253Kb / 8P
   Very Low Power/Voltage CMOS SRAM 1M X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com