전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STGP10NC60H 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 STGP10NC60H
상세설명  N-CHANNEL 10A - 600V - TO-220 VERY FAST PowerMESH??IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP10NC60H 데이터시트(HTML) 3 Page - STMicroelectronics

  STGP10NC60H Datasheet HTML 1Page - STMicroelectronics STGP10NC60H Datasheet HTML 2Page - STMicroelectronics STGP10NC60H Datasheet HTML 3Page - STMicroelectronics STGP10NC60H Datasheet HTML 4Page - STMicroelectronics STGP10NC60H Datasheet HTML 5Page - STMicroelectronics STGP10NC60H Datasheet HTML 6Page - STMicroelectronics STGP10NC60H Datasheet HTML 7Page - STMicroelectronics STGP10NC60H Datasheet HTML 8Page - STMicroelectronics STGP10NC60H Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STP10NC60H
2 Electrical characteristics
3/9
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Table 3.
On/Off
Table 4.
Dynamic
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VBR(CES)
Collector-Emitter Breakdown
Voltage
IC= 1mA, VGE= 0
600
V
ICES
Collector cut-off Current
(VGE = 0)
VCE= Max Rating,TC= 25°C
VCE=Max Rating,TC= 125°C
10
1
µA
mA
IGES
Gate-Emitter Leakage
Current (VCE = 0)
VGE= ±20V , VCE= 0
±100
nA
VGE(th)
Gate Threshold Voltage
VCE= VGE, IC= 250µA
57
V
VCE(sat)
Collector-Emitter Saturation
Voltage
VGE= 15V, IC= 5A
VGE= 15V, IC= 5A, Tc= 125°C
1.9
1.7
2.5
V
V
gfs
Forward Transconductance
VCE = 15V, IC= 5A
TBD
S
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Cies
Coes
Cres
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
VCE = 25V, f = 1MHz,VGE = 0
TBD
TBD
TBD
pF
pF
pF
Qg
Qge
Qgc
Total Gate Charge
Gate-Emitter Charge
Gate-Collector Charge
VCE = 390V, IC = 5A,
VGE = 15V,
(see Figure 2)
TBD
TBD
TBD
nC
nC
nC


유사한 부품 번호 - STGP10NC60H

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGP10NC60H STMICROELECTRONICS-STGP10NC60H Datasheet
272Kb / 13P
   N-channel 10A - 600V - TO-220 Very fast PowerMESH TM IGBT
STGP10NC60H STMICROELECTRONICS-STGP10NC60H Datasheet
315Kb / 13P
   N-channel 10A - 600V - TO-220 Very fast PowerMESH IGBT
STGP10NC60HD STMICROELECTRONICS-STGP10NC60HD Datasheet
453Kb / 15P
   N-channel 600V - 10A - TO-220 - D2PAK Very fast PowerMESH TM IGBT
STGP10NC60HD STMICROELECTRONICS-STGP10NC60HD Datasheet
410Kb / 17P
   N-channel 600V - 10A - TO-220 - D2PAK - TO-220FP very fast PowerMESH IGBT
STGP10NC60HD STMICROELECTRONICS-STGP10NC60HD Datasheet
774Kb / 19P
   600 V - 10 A - very fast IGBT
More results

유사한 설명 - STGP10NC60H

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGP10NC60H STMICROELECTRONICS-STGP10NC60H_07 Datasheet
315Kb / 13P
   N-channel 10A - 600V - TO-220 Very fast PowerMESH IGBT
STGP10NC60H STMICROELECTRONICS-STGP10NC60H_06 Datasheet
272Kb / 13P
   N-channel 10A - 600V - TO-220 Very fast PowerMESH TM IGBT
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD Datasheet
453Kb / 15P
   N-channel 600V - 10A - TO-220 - D2PAK Very fast PowerMESH TM IGBT
STGB10NC60HD_0710 STMICROELECTRONICS-STGB10NC60HD_0710 Datasheet
410Kb / 17P
   N-channel 600V - 10A - TO-220 - D2PAK - TO-220FP very fast PowerMESH IGBT
STGP10NB60S STMICROELECTRONICS-STGP10NB60S Datasheet
85Kb / 8P
   N-CHANNEL 10A - 600V TO-220 PowerMESH IGBT
STGD10NC60H STMICROELECTRONICS-STGD10NC60H Datasheet
428Kb / 14P
   N-channel 10A - 600V - DPAK Very fast PowerMESH??IGBT
STGP7NC60H STMICROELECTRONICS-STGP7NC60H Datasheet
367Kb / 12P
   N-CHANNEL 14A - 600V TO-220/DPAK Very Fast PowerMESH IGBT
STGP20NC60V STMICROELECTRONICS-STGP20NC60V Datasheet
293Kb / 11P
   N-CHANNEL 30A - 600V - TO-220/TO-247 Very Fast PowerMESH IGBT
STGP7NC60HD STMICROELECTRONICS-STGP7NC60HD Datasheet
430Kb / 15P
   N-CHANNEL 14A - 600V - TO-220/TO-220FP/DPAK Very Fast PowerMESH IGBT
June 2005 Rev.9
STGB6NC60HD STMICROELECTRONICS-STGB6NC60HD Datasheet
406Kb / 17P
   N-channel 600V - 7A - D2PAK / TO-220 / TO-220FP Very fast PowerMESH TM IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com