전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XP01211 데이터시트(PDF) 1 Page - Panasonic Semiconductor

부품명 XP01211
상세설명  Silicon NPN epitaxial planar type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

XP01211 데이터시트(HTML) 1 Page - Panasonic Semiconductor

  XP01211 Datasheet HTML 1Page - Panasonic Semiconductor XP01211 Datasheet HTML 2Page - Panasonic Semiconductor XP01211 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Publication date: June 2003
SJJ00136BED
Composite Transistors
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emitter open)
VCBO
IC
= 10 µA, I
E
= 050
V
Collector-emitter voltage (Base open)
VCEO
IC = 2 mA, IB = 050
V
Collector-base cutoff current (Emitter open)
ICBO
VCB = 50 V, IE = 0
0.1
µA
Collector-emitter cutoff current (Base open)
ICEO
VCE
= 50 V, I
B
= 0
0.5
µA
Emitter-base cutoff current (Collector open)
IEBO
VEB = 6 V, IC = 0
0.5
mA
Forward current transfer ratio
hFE
VCE = 10 V, IC = 5 mA
35
hFE Ratio *
hFE(Small
VCE = 10 V, IC = 5 mA
0.50
0.99
/Large)
Collector-emitter saturation voltage
VCE(sat)
IC
= 10 mA, I
B
= 0.3 mA
0.25
V
Output voltage high-level
VOH
VCC = 5 V, VB = 0.5 V, RL = 1 kΩ
4.9
V
Output voltage low-level
VOL
VCC = 5 V, VB = 2.5 V, RL = 1 kΩ
0.2
V
Input resistance
R1
−30%
10
+30%
k
Resistance ratio
R1 / R2
0.8
1.0
1.2
Transition frequency
fT
VCB = 10 V, IE = −2 mA, f = 200 MHz
150
MHz
XP01211 (XP1211)
Silicon NPN epitaxial planar type
For switching/digital circuits
■ Features
• Two elements incorporated into one package
(Emitter-coupled transistors with built-in resistor)
• Reduction of the mounting area and assembly cost by one half
■ Basic Part Number
• UNR2211 (UN2211) × 2
■ Absolute Maximum Ratings T
a
= 25°C
Unit: mm
Internal Connection
Marking Symbol: 9T
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
50
V
Collector-emitter voltage (Base open)
VCEO
50
V
Collector current
IC
100
mA
Total power dissipation
PT
150
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
2. *: Ratio between 2 elements
12
Tr1
Tr2
3
4
5
Note) The part number in the parenthesis shows conventional part number.
■ Electrical Characteristics T
a
= 25°C ± 3°C
1: Base (Tr1)
4: Collector (Tr2)
2: Emitter
5: Collector (Tr1)
3: Base (Tr2)
EIAJ: SC-88A
SMini5-G1 Package
1
3
2
0.20±0.05
1.3±0.1
2.0±0.1
54
(0.65) (0.65)
0.12
+0.05
–0.02
10˚


유사한 부품 번호 - XP01211

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
XP01212 PANASONIC-XP01212 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XP01214 PANASONIC-XP01214 Datasheet
32Kb / 2P
   Silicon NPN epitaxial planer transistor
XP01216 PANASONIC-XP01216 Datasheet
76Kb / 3P
   Silicon NPN epitaxial planar type
XP0121E PANASONIC-XP0121E Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XP0121M PANASONIC-XP0121M Datasheet
80Kb / 3P
   Silicon NPN epitaxial planar type For switching/digital circuits
More results

유사한 설명 - XP01211

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
UNR2225 PANASONIC-UNR2225 Datasheet
133Kb / 5P
   Silicon NPN epitaxial planar type
2SD1707 PANASONIC-2SD1707 Datasheet
93Kb / 4P
   Silicon NPN epitaxial planar type
2SD1752 PANASONIC-2SD1752 Datasheet
57Kb / 3P
   Silicon NPN epitaxial planar type
logo
Guangdong Kexin Industr...
2SC5026 KEXIN-2SC5026 Datasheet
50Kb / 1P
   Silicon NPN Epitaxial Planar Type
2SD874 KEXIN-2SD874 Datasheet
52Kb / 2P
   Silicon NPN Epitaxial Planar Type
logo
Panasonic Semiconductor
2SC1567 PANASONIC-2SC1567 Datasheet
93Kb / 4P
   Silicon NPN epitaxial planar type
2SC1568 PANASONIC-2SC1568 Datasheet
94Kb / 4P
   Silicon NPN epitaxial planar type
2SC2590 PANASONIC-2SC2590 Datasheet
80Kb / 3P
   Silicon NPN epitaxial planar type
logo
Toshiba Semiconductor
MT3S03AS TOSHIBA-MT3S03AS Datasheet
119Kb / 2P
   SILICON NPN EPITAXIAL PLANAR TYPE
logo
Panasonic Semiconductor
UNR1211 PANASONIC-UNR1211 Datasheet
347Kb / 14P
   Silicon NPN epitaxial planar type
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com