전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMM150ER00 데이터시트(PDF) 5 Page - Summit Microelectronics, Inc.

부품명 SMM150ER00
상세설명  Single-Channel Supply Voltage Marginer/Monitor
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUMMIT [Summit Microelectronics, Inc.]
홈페이지  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM150ER00 데이터시트(HTML) 5 Page - Summit Microelectronics, Inc.

  SMM150ER00 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMM150ER00 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMM150ER00 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMM150ER00 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMM150ER00 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM150ER00 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM150ER00 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM150ER00 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM150ER00 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
SMM150
Preliminary Information
Summit Microelectronics, Inc
2075 2.6 05/13/05
5
ABSOLUTE MAXIMUM RATINGS
Temperature Under Bias ...................... -55
°C to 125°C
Storage Temperature QFN ................... -65
°C to 150°C
Terminal Voltage with Respect to GND:
VDD Supply Voltage ..........................-0.3V to 6.0V
All Others ................................-0.3V to VDD + 0.7V
FAULT#…………………………….… GND to 15.0V
Output Short Circuit Current ............................... 100mA
Reflow Solder Temperature (10 secs)….………....240
°C
Junction Temperature.........................…….....…...150°C
ESD Rating per JEDEC……………………..……..2000V
Latch-Up testing per JEDEC………..……......…
±100mA
Note - The device is not guaranteed to function outside its operating
rating. Stresses listed under Absolute Maximum Ratings may cause
permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions
outside those listed in the operational sections of the specification is
not implied. Exposure to any absolute maximum rating for extended
periods may affect device performance and reliability. Devices are
ESD sensitive. Handling precautions are recommended.
RECOMMENDED OPERATING CONDITIONS
Temperature Range (Industrial) .......... –40
°C to +85°C
(Commercial).............. 0
°C to +70°C
VDD Supply Voltage.................................. 2.7V to 5.5V
Inputs.........................................................GND to VDD
Package Thermal Resistance (
θJA)
28 Pad QFN…………….…………………….…80
oC/W
20 Ball Ultra CSP
TM………..………….…….…TBDoC/W
Moisture Classification Level 1 (MSL 1) per J-STD- 020
RELIABILITY CHARACTERISTICS
Data Retention……………………………..…..100 Years
Endurance……………………….……….100,000 Cycles
DC OPERATING CHARACTERISTICS
(Over recommended operating conditions, unless otherwise noted. All voltages are relative to GND.)
Symbol
Parameter
Notes
Min.
Typ.
Max
Unit
VDD
Supply Voltage
2.7
3.3
5.5
V
VM
Positive Sense Voltage
VM pin
0.3
VDD
V
IDD
Power Supply Current from
VDD
TRIM pin floating
3
mA
TRIM Sourcing Max Current
1.5
mA
ITRIM
TRIM output current through
100
Ω to 1.0V
TRIM Sinking Max Current
-1.5
mA
VTRIM
TRIM output voltage range
ITRIM ±1.5mA
GND
2.5
V
VADOC
Margin Range
Depends on Trim range of DC-
DC Converter
0.3
VDD
V
VDD = 2.7V
0.9xVDD
VDD
VIH
Input High Voltage
SDA,SCL,WP,MUP,MDN
VDD = 5.0V
0.7xVDD
VDD
V
VDD = 2.7V
0.1xVDD
VIL
Input Low Voltage
SDA,SCL,WP,MUP,MDN
VDD = 5.0V
0.3xVDD
V
VOL
Open Drain Output
FAULT#, READY
ISINK = 1mA
0.2
V
VDD = 2.7V, Rpullup≤300kΩ
0.9xVDD
VDD
VAIH
Address Input High Voltage,
A2, A1, A0
VDD = 5.0V, Rpullup≤300kΩ
0.7xVDD
VDD
V
VDD = 2.7V, Rpulldown≤300kΩ
0.1xVDD
VAIL
Address Input Low Voltage,
A2, A1, A0
VDD = 5.0V, Rpulldown≤300kΩ
0.3xVDD
V
VDD = 2.7V
-1.8
+1.4
IAIT
Address Input Tristate
Maximum Leakage – High Z
VDD = 5.0V
-2.0
+1.6
µA
OV/UV
Monitor Voltage Range
COMP1 and COMP2 pins
0
VDD
V
VHYST
COMP1/2 DC Hysteresis
COMP1 and COMP2 pins,
VTH-VTL
(see Note 1)
10
mV
RPull-Up
Input Pull-Up Resistors
See Pin Descriptions
50
k
Note 1 – The Base DC Hysteresis voltage is measured with a 1.25V external voltage source. The resulting value is determined by subtracting
Threshold Low from Threshold High, VTH-VTL while monitoring the FAULT# pin state. Base DC Hysteresis is measured with a 1.25V input. Actual DC
Hysteresis is derived from the equation: (VIN/VREF)(Base Hysteresis). For example, if VIN=2.5V and VREF=1.25V then Actual DC Hysteresis=
(2.5V/1.25V)(0.003V)=6mV.


유사한 부품 번호 - SMM150ER00

제조업체부품명데이터시트상세설명
logo
Summit Microelectronics...
SMM151 SUMMIT-SMM151 Datasheet
397Kb / 23P
   Single-channel Voltage/Current Monitors and Voltage Marginers
SMM151 SUMMIT-SMM151_10 Datasheet
288Kb / 24P
   Single-channel Voltage/Current Monitors and Voltage Marginers
SMM152 SUMMIT-SMM152 Datasheet
397Kb / 23P
   Single-channel Voltage/Current Monitors and Voltage Marginers
SMM152 SUMMIT-SMM152 Datasheet
288Kb / 24P
   Single-channel Voltage/Current Monitors and Voltage Marginers
SMM153 SUMMIT-SMM153 Datasheet
330Kb / 17P
   10-bit Digital Differential Voltage and Current Monitor
More results

유사한 설명 - SMM150ER00

제조업체부품명데이터시트상세설명
logo
Summit Microelectronics...
SMM105 SUMMIT-SMM105 Datasheet
379Kb / 21P
   Single-Channel Supply Voltage Marginer and Active DC Output Controller
SMM205 SUMMIT-SMM205 Datasheet
901Kb / 20P
   Dual Channel Supply Voltage Marginer and Active DC Output Controller
logo
Zetex Semiconductors
ZM33164-3 ZETEX-ZM33164-3 Datasheet
109Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530_06 Datasheet
143Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Diodes Incorporated
ZSM330GTA DIODES-ZSM330GTA Datasheet
416Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Zetex Semiconductors
ZSM330 ZETEX-ZSM330 Datasheet
139Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164_06 Datasheet
144Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164 Datasheet
131Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530 Datasheet
140Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM560 ZETEX-ZSM560 Datasheet
136Kb / 5P
   SUPPLY VOLTAGE MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com