전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMM764FR0 데이터시트(PDF) 6 Page - Summit Microelectronics, Inc.

부품명 SMM764FR0
상세설명  Four-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUMMIT [Summit Microelectronics, Inc.]
홈페이지  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM764FR0 데이터시트(HTML) 6 Page - Summit Microelectronics, Inc.

Back Button SMM764FR0 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMM764FR0 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMM764FR0 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMM764FR0 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM764FR0 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM764FR0 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM764FR0 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM764FR0 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMM764FR0 Datasheet HTML 10Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
SMM764
Preliminary Information
Summit Microelectronics, Inc
2098 1.1 6/29/2005
6
Pin
Number
Pin
Type
Pin Name
Pin Description
13
I/O
SEQ_LINK
SEQ_LINK (Sequence-Link™) is an open drain bi-directional pin. This pin
should be attached to other Sequence-Link devices, during linked operation.
SEQ_LINK must be pulled high through an external pull-up resistor when
multiple Sequence-Link devices are used. When the SMM764 is not used
with another Sequence-Link device, SEQ_LINK should be tied directly to
ground.
14
I/O
VREF
VREF (Voltage Reference) is a bi-directional analog pin. VREF is used for
Active DC Output Control and margining. VREF can be programmed to
output the internal 1.25V reference, or accept an external reference. VREF is
also used as a reference for the ADC.
15
CAP
FILT_CAP
FILT_CAP (Filter Capacitor) is an external capacitor input used to filter VMX
inputs.
16,17,
18,20,
21,22,
23,25
NC
No Connect
Leave open, do not connect. These pins must be left floating.
41,36,
31,26
IN
VMX
VMX (Voltage Monitor) pins are analog inputs. These pins are normally
attached to the positive converter sense line, VMA through VMD.
42,37,
32,27
CAP
CAPX
External capacitor input used to filter the VMX inputs to the 10-bit ADC, CAPA
through CAPD. This provides an RC filter where R = 25kΩ..
43,38,
33,28
OUT
PUPX
PUPX (Power Up Permitted) pins are programmable active high/low open
drain converter enable output, PUPA through PUPD.
44,39,
34,29
OUT
TRIMX
Output voltage used to control the output of DC/DC converters, TRIMA
through TRIMD.
45,40,
35,30
CAP
TRIM_CAPX
TRIM_CAPX is an analog output pin used to control the output of DC/DC
converters. If the ADOC/margining functionality is not used on a channel the
associated TRIM_CAPX pin should be left floating. There are 4 TRIM_CAPX
pins, TRIM_CAPA through TRIM_CAPD.
46
PWR
VDD
Power supply of the part
47
PWR
12VIN
12VIN (12 Volt Input) is a power supply input internally regulated to either
3.6V or 5.5V.
48
CAP
VDD_CAP
VDD_CAP ( VDD Capacitor) is an external capacitor input used to filter the
internal supply.
PIN DESCRIPTIONS (Cont.)


유사한 부품 번호 - SMM764FR0

제조업체부품명데이터시트상세설명
logo
Summit Microelectronics...
SMM766 SUMMIT-SMM766 Datasheet
960Kb / 32P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
SMM766B SUMMIT-SMM766B Datasheet
498Kb / 39P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link
SMM766B SUMMIT-SMM766B_11 Datasheet
449Kb / 39P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
SMM766FCR0 SUMMIT-SMM766FCR0 Datasheet
960Kb / 32P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
SMM766FCR1 SUMMIT-SMM766FCR1 Datasheet
960Kb / 32P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
More results

유사한 설명 - SMM764FR0

제조업체부품명데이터시트상세설명
logo
Summit Microelectronics...
SMM766B SUMMIT-SMM766B Datasheet
498Kb / 39P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link
SMM766 SUMMIT-SMM766_11 Datasheet
420Kb / 32P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
SMM766B SUMMIT-SMM766B_11 Datasheet
449Kb / 39P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
SMM766 SUMMIT-SMM766 Datasheet
960Kb / 32P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
SMM665B SUMMIT-SMM665B Datasheet
867Kb / 30P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665C SUMMIT-SMM665C Datasheet
639Kb / 36P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665B SUMMIT-SMM665B_11 Datasheet
938Kb / 30P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665C SUMMIT-SMM665C_11 Datasheet
587Kb / 36P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM465 SUMMIT-SMM465 Datasheet
950Kb / 30P
   4-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM205 SUMMIT-SMM205 Datasheet
901Kb / 20P
   Dual Channel Supply Voltage Marginer and Active DC Output Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com