전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMS46GCR01 데이터시트(PDF) 9 Page - Summit Microelectronics, Inc.

부품명 SMS46GCR01
상세설명  Quad Programmable Precision Supervisory Controller With Independent Resets and 4k-Bit Nonvolatile Memory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUMMIT [Summit Microelectronics, Inc.]
홈페이지  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS46GCR01 데이터시트(HTML) 9 Page - Summit Microelectronics, Inc.

Back Button SMS46GCR01 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMS46GCR01 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS46GCR01 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS46GCR01 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS46GCR01 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMS46GCR01 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMS46GCR01 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMS46GCR01 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMS46GCR01 Datasheet HTML 13Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
2083 1.1 06/04/04
SMS46
SUMMIT MICROELECTRONICS, Inc.
Preliminary Information
Table 5. Configuration Register 6 (D3 through D7)
Note 1 - Read Only bit D7 is set to a 1. Read only bits
D4 and D3 are revision control and the value indi-
cates the status code of the device (ie. 01 is status
code 1).
Table 4. Status Register 5 (D4 through D7)
Table 3. Configuration Register 5 (D0 through D3)
If WLDI is held low the timer will free-run generating a series
of resets. When RESET# returns high (after tPRTO) the
timer is reset to time zero. Register 6 is also used to set
the programmable reset time-out period (tPRTO).
Table 6. Configuration Register 6 (D0, D1, D2)
n
o
i
t
c
A
3
D
B
S
M
2
D1
D
0
D
B
S
L
V
3
V
2
V
1
V
0
s
e
l
b
a
n
e
0
a
g
n
i
t
i
r
W
r
o
f
n
o
i
t
c
e
t
e
d
e
g
a
t
l
o
v
r
e
d
n
u
t
u
p
n
i
V
d
e
t
c
e
l
e
s
e
h
t
0000
s
e
l
b
a
n
e
1
a
g
n
i
t
i
r
W
r
o
f
n
o
i
t
c
e
t
e
d
e
g
a
t
l
o
v
r
e
v
o
t
u
p
n
i
V
d
e
t
c
e
l
e
s
e
h
t
1111
2
D1
D
0
D
B
S
L
n
o
i
t
c
A2
D
W1
D
W0
D
W
F
F
O
000
s
m
0
0
40
1
1
s
m
0
0
81
0
0
s
m
0
0
6
11
0
1
s
m
0
0
2
31
1
0
s
m
0
0
4
6
111
7
D
B
S
M
6
D5
D4
D3
D
d
a
e
R
1
y
l
n
O
1
O
T
R0
O
T
R
d
a
e
R
y
l
n
O
d
a
e
R
y
l
n
O
n
o
i
t
c
A
10
0
xx
t
O
T
R
P
s
m
5
2
=
10
1
xx
t
O
T
R
P
s
m
0
5
=
11
0
xx
t
O
T
R
P
s
m
0
0
1
=
11
1
xx
t
O
T
R
P
s
m
0
0
2
=
Table 7. Configuration Register 7 (D7, D6) Bits D5
through D0 are not used.
7
D
B
S
M
6
D
n
o
i
t
c
A
s
s
e
r
d
d
A
t
c
e
l
e
S
k
c
o
L0
S
A
x
0
n
e
h
w
y
l
n
o
s
d
n
o
p
s
e
r
,
0
1
0
1
=
I
T
D
s
e
t
a
t
s
c
i
g
o
l
1
A
&
2
A
=
s
t
i
b
s
s
e
r
d
d
a
x
1
n
e
h
w
y
l
n
o
s
d
n
o
p
s
e
r
,
1
1
0
1
=
I
T
D
s
e
t
a
t
s
c
i
g
o
l
1
A
&
2
A
=
s
t
i
b
s
s
e
r
d
d
a
0
xd
e
l
b
a
n
e
e
t
i
r
W
/
d
a
e
R
.
g
e
R
.
g
i
f
n
o
C
1
xt
u
o
d
e
k
c
o
l
e
t
i
r
W
/
d
a
e
R
.
g
e
R
.
g
i
f
n
o
C
Note 1 - Setting this bit will cause a permanent Read/Write Lock out.
1
7
D
B
S
M
6
D5
D
4
D
B
S
L
n
o
i
t
c
A
V
3
V
2
V
1
V
0
0000
e
h
t
s
e
t
a
c
i
d
n
i
1
a
g
n
i
d
a
e
R
t
l
u
a
f
t
i
m
il
f
o
t
u
o
f
o
e
c
r
u
o
s
1111
DEVICE OPERATION AND CONFIGURATION REGISTERS (CONTINUED)


유사한 부품 번호 - SMS46GCR01

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SMS4003K SECOS-SMS4003K Datasheet
641Kb / 4P
   N-Channel MOSFET
logo
VBsemi Electronics Co.,...
SMS4003K VBSEMI-SMS4003K Datasheet
482Kb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SMS4003K SECOS-SMS4003K_15 Datasheet
636Kb / 4P
   N-Channel MOSFET
SMS4021-C SECOS-SMS4021-C Datasheet
323Kb / 3P
   N-Channel Enhancement Mode Power MOSFET
logo
Summit Microelectronics...
SMS44 SUMMIT-SMS44 Datasheet
408Kb / 16P
   Highly Programmble Voltage Supervisory Circuit
More results

유사한 설명 - SMS46GCR01

제조업체부품명데이터시트상세설명
logo
Summit Microelectronics...
SMS48 SUMMIT-SMS48 Datasheet
841Kb / 16P
   Quad Programmable Precision Supervisory Controller With Independent Resets
SMS45 SUMMIT-SMS45 Datasheet
984Kb / 20P
   Quad Programmable Precision Cascade Sequencer and Supervisory Controller with 4k-Bit Nonvolatile Memory
SMS47 SUMMIT-SMS47 Datasheet
915Kb / 19P
   Quad Programmable Precision Cascade Sequencer and Supervisory Controller
logo
Maxim Integrated Produc...
MAX792 MAXIM-MAX792_05 Datasheet
340Kb / 16P
   Microprocessor and Nonvolatile Memory Supervisory Circuits
Rev. 4; 11/05
logo
Global Mixed-mode Techn...
G1625 GMT-G1625 Datasheet
64Kb / 1P
   7-bit Programmable VCOM Reference with Integrated Nonvolatile Memory
logo
Summit Microelectronics...
S93WD662 SUMMIT-S93WD662 Datasheet
147Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 4k-bit Microwire Memory
S24042 SUMMIT-S24042 Datasheet
157Kb / 14P
   Precision RESET Controller and 4K I2C Memory With Both RESET and RESET Outputs
logo
Maxim Integrated Produc...
DS4510 MAXIM-DS4510 Datasheet
581Kb / 12P
   CPU Supervisor with Nonvolatile Memory and Programmable I/O
logo
Microchip Technology
MCP444X MICROCHIP-MCP444X Datasheet
4Mb / 100P
   7/8-Bit Quad I2C Digital POT with Nonvolatile Memory
08/04/10
MCP4461-503E-ML MICROCHIP-MCP4461-503E-ML Datasheet
4Mb / 100P
   7/8-Bit Quad I2C Digital POT with Nonvolatile Memory
08/04/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com