전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMS64FR04 데이터시트(PDF) 7 Page - Summit Microelectronics, Inc.

부품명 SMS64FR04
상세설명  Six-Channel Supply Monitor and Sequencing Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUMMIT [Summit Microelectronics, Inc.]
홈페이지  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS64FR04 데이터시트(HTML) 7 Page - Summit Microelectronics, Inc.

Back Button SMS64FR04 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMS64FR04 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMS64FR04 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMS64FR04 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS64FR04 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS64FR04 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS64FR04 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMS64FR04 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMS64FR04 Datasheet HTML 11Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
SMS64
Preliminary
Summit Microelectronics, Inc
2060 2.22 10/09/03
7
ABSOLUTE MAXIMUM RATINGS
Temperature Under Bias ...................... -55
°C to 125°C
Storage Temperature............................ -65
°C to 150°C
Terminal Voltage with Respect to GND:
VCCA, VCCB, VCCC, VCCD, VCCE, VCCF..-0.3V to 6.0V
VMA, VMB, VMC, VMD, VME, VMF...............-0.3V to 6.0V
PUPA, PUPB, PUPC, PUPD, PUPE, PUPF .............. 15.5V
All Others ......................................................VCC + 0.7V
Output Short Circuit Current ............................... 100mA
Lead Solder Temperature (10 secs).................... 300
°C
ESD Rating per JEDEC…………………………..2000V
Latch-Up testing per JEDEC……………......+/- 100mA
RECOMMENDED OPERATING CONDITIONS
Temperature Range(Ambient)...……-40
° C to +85°C
Supply Voltage………………….………2.7V to 6.0V
1/
Package Thermal Resistance (
θ JA)
48 Lead SSOP…………………………………80
oC/W
Moisture Classification Level 1 (MSL 1) per J-STD- 020
RELIABILITY CHARACTERISTICS
Data Retention…………………………..…..100 Years
Endurance…………………….……….100,000 Cycles
Stresses listed under Absolute Maximum Ratings may cause permanent
damage to the device. These are stress ratings only and functional operation
of the device at these or any other conditions outside those listed in the
operational sections of the specification is not implied. Exposure to any
absolute maximum rating for extended periods may affect device performance
and reliability.
Devices are ESD sensitive. Handling precautions are
recommended.
DC OPERATING CHARACTERISTICS
(Over recommended operating conditions, unless otherwise noted. All voltages are relative to GND.)
Symbol
Parameter
Notes
Min.
Typ.
Max
Unit
VCC
Supply Voltage VCCA, VCCB, VCCC,
VCCD, VCCE, VCCF
Device supply voltage
defined by the highest of
the six VCC inputs. Must
be > 2.7V. – Note 1/
2.7
6.0
V
IDD (ON)
Active Current with PUP
Outputs configured as
high-side drivers enabled
2
mA
IDD (Off)
Power Supply Current
Quiescent Current high-
side PUP Outputs disabled
1
mA
PVIT
Programmable Threshold (VCC and VM
Inputs)
8-bit resolution 20mV/bit
0.9
6.0
V
VTH
Fixed threshold Voltage
“naked” mode, V input
disconnected from ground
0.5
V
PUP characteristics when configured as high-side driver
Option 1 (MOSFETs on)
14.5
V
PVPUP
Programmable PUP Output
Option 2 (MOSFETs on)
10.5
V
VPUP OFF
PUP Output
IPUPSINK = 2mA
0
0.4
V
IPUP
PUP Drive Current
When configured as high-
side driver and with
MOSFET switches on
8
µA
SRPUP
PUP Slew Rate
When Configured as High
Side Driver
250
V/s
PUP characteristics when configured as a logic output
VOL
Output Low Voltage
ISINK = 2mA
0
0.4
V
All other input and output characteristics
VCC = 2.7V
0.9xVI
VI
V
VIH
Input High Voltage (FS#, PWR_ON/OFF,
MR#)
VCC = 5.0V
0.7xVI
VI
V
VCC = 2.7V
-0.1
0.1xVI
V
VIL
Input Low Voltage (FS#, PWR_ON/OFF,
MR#)
VCC = 5.0V
-0.1
0.3xVI
V
VOL
Open Drain Outputs (RST_A#, RST_B#,
IRQ#, HEALTHY#)
ISINK = 2mA
0
0.4
V
Notes: 1/ At least one of the VCC inputs needs to be at or above 2.7V for proper device operation.


유사한 부품 번호 - SMS64FR04

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SMS6001 SECOS-SMS6001 Datasheet
662Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SMS6001 SECOS-SMS6001_15 Datasheet
662Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
logo
Summit Microelectronics...
SMS66 SUMMIT-SMS66 Datasheet
1Mb / 26P
   Six-Channel Power Supply Supervisor and Cacsade Sequence Controller
SMS66FR0C SUMMIT-SMS66FR0C Datasheet
1Mb / 26P
   Six-Channel Power Supply Supervisor and Cacsade Sequence Controller
SMS66FR0D SUMMIT-SMS66FR0D Datasheet
1Mb / 26P
   Six-Channel Power Supply Supervisor and Cacsade Sequence Controller
More results

유사한 설명 - SMS64FR04

제조업체부품명데이터시트상세설명
logo
Lattice Semiconductor
ISPPAC-POWR604 LATTICE-ISPPAC-POWR604 Datasheet
266Kb / 29P
   In-System Programmable Power Supply Sequencing Controller and Monitor
ISPPAC-POWR1208P1 LATTICE-ISPPAC-POWR1208P1 Datasheet
448Kb / 34P
   In-System Programmable Power Supply Sequencing Controller and Precision Monitor
logo
Linear Integrated Syste...
LTC2908 LINEAR-LTC2908 Datasheet
165Kb / 16P
   Precision Six Supply Monitor
logo
Summit Microelectronics...
SMM665B SUMMIT-SMM665B_11 Datasheet
938Kb / 30P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665C SUMMIT-SMM665C_11 Datasheet
587Kb / 36P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665C SUMMIT-SMM665C Datasheet
639Kb / 36P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665B SUMMIT-SMM665B Datasheet
867Kb / 30P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
logo
Linear Technology
LTC2908 LINER-LTC2908_15 Datasheet
234Kb / 18P
   Precision Six Input Supply Monitor
LTC2908 LINER-LTC2908 Datasheet
205Kb / 16P
   Precision Six Input Supply Monitor
logo
Summit Microelectronics...
SMS66 SUMMIT-SMS66 Datasheet
1Mb / 26P
   Six-Channel Power Supply Supervisor and Cacsade Sequence Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com