전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMS66FR11 데이터시트(PDF) 9 Page - Summit Microelectronics, Inc.

부품명 SMS66FR11
상세설명  Six-Channel Power Supply Supervisor and Cacsade Sequence Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUMMIT [Summit Microelectronics, Inc.]
홈페이지  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS66FR11 데이터시트(HTML) 9 Page - Summit Microelectronics, Inc.

Back Button SMS66FR11 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMS66FR11 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS66FR11 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS66FR11 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS66FR11 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMS66FR11 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMS66FR11 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMS66FR11 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMS66FR11 Datasheet HTML 13Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
SMS66
Preliminary Information
Summit Microelectronics, Inc
2070 1.0 7/16/03
9
AC OPERATING CHARACTERISTICS
Over recommended operating conditions, unless otherwise noted. All voltages are relative to GND. See Figure 4B and 4C Timing
diagrams.
Symbol
Description
Conditions
Min
Typ
Max
Unit
0.64ms
12.5ms
25ms
tDPON
Programmable Power-on delay from
VMX out-of-fault to PUPY active
50ms
-15
tDPON
+15
%
0.64ms
12.5ms
25ms
tDPOFF
Programmable Power-off delay from
VMX off to PUPY inactive
50ms
-15
tDPOFF
+15
%
0.64ms
25ms
100ms
tPRTO
Programmable Reset Time-Out
Period
200ms
-15
tPRTO
+15
%
100ms
200ms
tSTT
Programmable Sequence
Termination Timer
400ms
-15
tSTT
+15
%
tADC
10-bit ADC sampling period
Time for all 11 channels
2
ms


유사한 부품 번호 - SMS66FR11

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SMS6001 SECOS-SMS6001 Datasheet
662Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SMS6001 SECOS-SMS6001_15 Datasheet
662Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
logo
Summit Microelectronics...
SMS64 SUMMIT-SMS64 Datasheet
658Kb / 24P
   Six-Channel Supply Monitor and Sequencing Controller
SMS64FR00 SUMMIT-SMS64FR00 Datasheet
658Kb / 24P
   Six-Channel Supply Monitor and Sequencing Controller
SMS64FR01 SUMMIT-SMS64FR01 Datasheet
658Kb / 24P
   Six-Channel Supply Monitor and Sequencing Controller
More results

유사한 설명 - SMS66FR11

제조업체부품명데이터시트상세설명
logo
Summit Microelectronics...
SMS64 SUMMIT-SMS64 Datasheet
658Kb / 24P
   Six-Channel Supply Monitor and Sequencing Controller
SMM766B SUMMIT-SMM766B_11 Datasheet
449Kb / 39P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
SMM766B SUMMIT-SMM766B Datasheet
498Kb / 39P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link
SMM766 SUMMIT-SMM766_11 Datasheet
420Kb / 32P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
logo
List of Unclassifed Man...
LW4933 ETC-LW4933 Datasheet
243Kb / 6P
   POWER SUPPLY SUPERVISOR WITH PWM CONTROLLER
Rev.A1.0
logo
Summit Microelectronics...
SMM766 SUMMIT-SMM766 Datasheet
960Kb / 32P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
logo
Anpec Electronics Corop...
APW1680 ANPEC-APW1680 Datasheet
84Kb / 7P
   3-Channel Power Supply Supervisor
logo
Texas Instruments
TPS5510 TI1-TPS5510_05 Datasheet
119Kb / 7P
[Old version datasheet]   3-CHANNEL POWER SUPPLY SUPERVISOR
logo
Anpec Electronics Corop...
APW1681 ANPEC-APW1681 Datasheet
82Kb / 7P
   3-Channel Power Supply Supervisor
logo
Texas Instruments
TPS5511 TI-TPS5511 Datasheet
118Kb / 8P
[Old version datasheet]   3-CHANNEL POWER SUPPLY SUPERVISOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com