전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMS47GR04 데이터시트(PDF) 7 Page - Summit Microelectronics, Inc.

부품명 SMS47GR04
상세설명  Quad Programmable Precision Cascade Sequencer and Supervisory Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUMMIT [Summit Microelectronics, Inc.]
홈페이지  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS47GR04 데이터시트(HTML) 7 Page - Summit Microelectronics, Inc.

Back Button SMS47GR04 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMS47GR04 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMS47GR04 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMS47GR04 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS47GR04 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS47GR04 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS47GR04 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMS47GR04 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMS47GR04 Datasheet HTML 11Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
2087 1.0 04/11/05
SMS47
SUMMIT MICROELECTRONICS, Inc.
Preliminary Information
A1,A2 (6, 7)
A1 and A2 are the address inputs. When addressing the
SMS47 configuration registers the address inputs distin-
guish which one of four possible devices sharing the
common bus is being addressed.
SDA (9)
SDA is the serial data input/output pin. It should be tied to
VDD_CAP through a pull-up resistor.
SCL (10)
SCL is the serial clock input. It should be tied to VDD_CAP
through a pull-up resistor.
PUP#1, PUP#2, PUP#3 (4, 5, 13)
These are the power-up permitted (PUP) active low open
drain outputs. The PUP pins are used when the SMS47 is
programmed to provide the cascade sequencing of LDOs
or DC/DC converters (see Figures 1 and 5 for illustra-
tions of cascading). Each delay is independently enabled
and programmable for its duration (configuration register
7). If all PUP# outputs are enabled the order of events
would be as follows: V0 above threshold then delay to
PUP#1 turning on; V1 above threshold then delay to PUP#2
turning on; V2 above threshold then delay to PUP#3 turning
on. The delays are programmable.
PIN DESCRIPTIONS (CONTINUED)


유사한 부품 번호 - SMS47GR04

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SMS4003K SECOS-SMS4003K Datasheet
641Kb / 4P
   N-Channel MOSFET
logo
VBsemi Electronics Co.,...
SMS4003K VBSEMI-SMS4003K Datasheet
482Kb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SMS4003K SECOS-SMS4003K_15 Datasheet
636Kb / 4P
   N-Channel MOSFET
SMS4021-C SECOS-SMS4021-C Datasheet
323Kb / 3P
   N-Channel Enhancement Mode Power MOSFET
logo
Summit Microelectronics...
SMS44 SUMMIT-SMS44 Datasheet
408Kb / 16P
   Highly Programmble Voltage Supervisory Circuit
More results

유사한 설명 - SMS47GR04

제조업체부품명데이터시트상세설명
logo
Summit Microelectronics...
SMS45 SUMMIT-SMS45 Datasheet
984Kb / 20P
   Quad Programmable Precision Cascade Sequencer and Supervisory Controller with 4k-Bit Nonvolatile Memory
SMS48 SUMMIT-SMS48 Datasheet
841Kb / 16P
   Quad Programmable Precision Supervisory Controller With Independent Resets
SMS46 SUMMIT-SMS46 Datasheet
910Kb / 17P
   Quad Programmable Precision Supervisory Controller With Independent Resets and 4k-Bit Nonvolatile Memory
logo
Analog Devices
ADM1186 AD-ADM1186 Datasheet
444Kb / 28P
   Quad Voltage Up and Down Sequencer and Monitor with Programmable Timing
REV. 0
ADM1185 AD-ADM1185_07 Datasheet
320Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. 0
ADM1185 AD-ADM1185 Datasheet
233Kb / 12P
   Quad Voltage Monitor and Sequencer
Rev. PrK June 2006
ADM1185 AD-ADM1185_15 Datasheet
299Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. B
logo
Maxim Integrated Produc...
MAX6876 MAXIM-MAX6876 Datasheet
378Kb / 39P
   EEPROM-Programmable, Quad, Power-Supply Tracker/Sequencer Circuit
Rev 0; 10/04
logo
Analog Devices
ADT14 AD-ADT14_15 Datasheet
352Kb / 16P
   Quad Setpoint, Programmable Temperature Monitor and Controller
REV. 0
ADT14 AD-ADT14 Datasheet
338Kb / 16P
   Quad Setpoint, Programmable Temperature Monitor and Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com