전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMM665BFCR9 데이터시트(PDF) 8 Page - Summit Microelectronics, Inc.

부품명 SMM665BFCR9
상세설명  Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUMMIT [Summit Microelectronics, Inc.]
홈페이지  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM665BFCR9 데이터시트(HTML) 8 Page - Summit Microelectronics, Inc.

Back Button SMM665BFCR9 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMM665BFCR9 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM665BFCR9 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM665BFCR9 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM665BFCR9 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM665BFCR9 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMM665BFCR9 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMM665BFCR9 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMM665BFCR9 Datasheet HTML 12Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
SMM665B
Preliminary Information
Summit Microelectronics, Inc
2089 1.1 10/20/04
8
DC OPERATING CHARACTERISTICS (CONTINUED)
(Over recommended operating conditions, unless otherwise noted. All voltages are relative to GND.)
Symbol
Parameter
Notes
Min
Typ
Max
Unit
VOL
Programmable Open Drain
Outputs (RST, HEALTHY,
FAULT, PUPx)
ISINK = 1mA
0
0.4
V
IOL
Output Low Current
Note – Total ISINK from all PUPx pins
should not exceed 6mA or ADOCACC
specification will be affected
0
1.0
mA
VSENSE
Positive Sense Voltage
VM pin
+0.3
VDD_CAP
V
VMonitor
Monitor Threshold Step Size
VM, AIN1/AIN2 pins
5
mV
Commercial Temp Range
-3
+3
oC
TSA
Internal Temperature Sensor
Accuracy
Industrial Temp Range
-5
+5
oC
TMonitor
Temperature Threshold Step Size
Internal Temp Sensor
0.25
oC
VREF
Internal 1.25VREF Output Voltage
1.24
1.25
1.26
V
–40
°C to +85°C
-0.25
+0.25
%
VREF TC
Internal VREF Temperature
Coefficient
–5
°C to +70°C
-0.15
+0.15
%
VREF ACC Internal VREF Accuracy
-0.4
+0.4
%
Ext VREF
External VREF Voltage Range
0.5
VDD_CAP
V
External VREF=1.25V, ±0.1%,
Total PUPx ISINK = 6ma,
VSENSE 3.5V
-0.2
±0.1
+0.2
%
External VREF=1.25V, ±0.1%,
Total PUPx ISINK = 6ma,
VSENSE 3.5V
-0.5
±0.3
+0.5
%
ADOCACC
ADOC/Margin Accuracy
Internal VREF=1.25V, Total
PUPx ISINK = 6ma
-0.5
±0.3
+0.5
%
VOUT_VALID
Minimum Output Valid Voltage
VDD_CAP voltage at which
the PUP, RST, HEALTHY
and FAULT outputs are valid
1
V
VDD_CAP Rising
2.6
V
UVLO
Under Voltage Lockout
Threshold
1
VDD_CAP Falling
2.5
V
IVDD_CAP
VDD_CAP Maximum Output
Current
VDD = 2.7V to 5.5V, Internal
regulator = 3.6V or 5.5V
5
mA
Note 1 - (100mV typ Hysteresis)


유사한 부품 번호 - SMM665BFCR9

제조업체부품명데이터시트상세설명
logo
Summit Microelectronics...
SMM665B SUMMIT-SMM665B_11 Datasheet
938Kb / 30P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
More results

유사한 설명 - SMM665BFCR9

제조업체부품명데이터시트상세설명
logo
Summit Microelectronics...
SMM665C SUMMIT-SMM665C Datasheet
639Kb / 36P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665B SUMMIT-SMM665B_11 Datasheet
938Kb / 30P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665C SUMMIT-SMM665C_11 Datasheet
587Kb / 36P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM766B SUMMIT-SMM766B Datasheet
498Kb / 39P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link
SMM766 SUMMIT-SMM766_11 Datasheet
420Kb / 32P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
SMM766B SUMMIT-SMM766B_11 Datasheet
449Kb / 39P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
SMM766 SUMMIT-SMM766 Datasheet
960Kb / 32P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
SMM465 SUMMIT-SMM465 Datasheet
950Kb / 30P
   4-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM764 SUMMIT-SMM764 Datasheet
385Kb / 33P
   Four-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
SMM605 SUMMIT-SMM605 Datasheet
899Kb / 23P
   Six-Channel Supply Voltage Marginer and Active DC Output Controller (ADOCTM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com