전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMS45GR07 데이터시트(PDF) 3 Page - Summit Microelectronics, Inc.

부품명 SMS45GR07
상세설명  Quad Programmable Precision Cascade Sequencer and Supervisory Controller with 4k-Bit Nonvolatile Memory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUMMIT [Summit Microelectronics, Inc.]
홈페이지  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS45GR07 데이터시트(HTML) 3 Page - Summit Microelectronics, Inc.

  SMS45GR07 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMS45GR07 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMS45GR07 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMS45GR07 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMS45GR07 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMS45GR07 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS45GR07 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS45GR07 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS45GR07 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
2079 1.2 05/24/04
SMS45
SUMMIT MICROELECTRONICS, Inc.
Preliminary Information
PIN CONFIGURATION
PIN NAMES
2047 Pins Table 2.0
MR#
V1
V2
PUP#1
PUP#2
A1
A2
GND
V0
WLDI
V3
PUP#3
VDD_CAP
RESET#
SCL
SDA
2047 PCon 2.0
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
n
i
Pe
m
a
Nn
o
i
t
c
n
u
F
1#
R
Mt
u
p
n
i
t
e
s
e
r
l
a
u
n
a
M
2V
1
t
u
p
n
i
r
o
ti
n
o
m
d
n
a
y
l
p
p
u
s
e
g
a
tl
o
V
3V
2
t
u
p
n
i
r
o
ti
n
o
m
d
n
a
y
l
p
p
u
s
e
g
a
tl
o
V
41
#
P
U
Pt
u
p
t
u
o
d
e
tt
i
m
r
e
p
p
u
r
e
w
o
P
52
#
P
U
Pt
u
p
t
u
o
d
e
tt
i
m
r
e
p
p
u
r
e
w
o
P
61
At
u
p
n
i
s
s
e
r
d
d
A
72
At
u
p
n
i
s
s
e
r
d
d
A
8D
N
Gn
r
u
t
e
r
y
l
p
p
u
s
r
e
w
o
P
9A
D
SO
/I
a
t
a
d
l
a
ir
e
S
0
1L
C
Sk
c
o
l
c
a
t
a
d
l
a
ir
e
S
1
1#
T
E
S
E
Rt
u
o
t
e
s
e
R
2
1P
A
C
_
D
D
Vt
u
p
t
u
o
y
l
p
p
u
s
r
e
w
o
P
3
13
#
P
U
Pd
e
tt
i
m
r
e
p
p
u
r
e
w
o
P
4
1V
3
t
u
p
n
i
r
o
ti
n
o
m
d
n
a
y
l
p
p
u
s
e
g
a
tl
o
V
5
1I
D
L
Wt
p
u
r
r
e
t
n
i
r
e
m
i
T
g
o
d
h
c
t
a
W
6
1V
0
t
u
p
n
i
r
o
ti
n
o
m
d
n
a
y
l
p
p
u
s
e
g
a
tl
o
V


유사한 부품 번호 - SMS45GR07

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SMS4003K SECOS-SMS4003K Datasheet
641Kb / 4P
   N-Channel MOSFET
logo
VBsemi Electronics Co.,...
SMS4003K VBSEMI-SMS4003K Datasheet
482Kb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SMS4003K SECOS-SMS4003K_15 Datasheet
636Kb / 4P
   N-Channel MOSFET
SMS4021-C SECOS-SMS4021-C Datasheet
323Kb / 3P
   N-Channel Enhancement Mode Power MOSFET
logo
Summit Microelectronics...
SMS44 SUMMIT-SMS44 Datasheet
408Kb / 16P
   Highly Programmble Voltage Supervisory Circuit
More results

유사한 설명 - SMS45GR07

제조업체부품명데이터시트상세설명
logo
Summit Microelectronics...
SMS47 SUMMIT-SMS47 Datasheet
915Kb / 19P
   Quad Programmable Precision Cascade Sequencer and Supervisory Controller
SMS46 SUMMIT-SMS46 Datasheet
910Kb / 17P
   Quad Programmable Precision Supervisory Controller With Independent Resets and 4k-Bit Nonvolatile Memory
SMS48 SUMMIT-SMS48 Datasheet
841Kb / 16P
   Quad Programmable Precision Supervisory Controller With Independent Resets
logo
Maxim Integrated Produc...
MAX792 MAXIM-MAX792_05 Datasheet
340Kb / 16P
   Microprocessor and Nonvolatile Memory Supervisory Circuits
Rev. 4; 11/05
logo
Global Mixed-mode Techn...
G1625 GMT-G1625 Datasheet
64Kb / 1P
   7-bit Programmable VCOM Reference with Integrated Nonvolatile Memory
logo
Summit Microelectronics...
S93WD662 SUMMIT-S93WD662 Datasheet
147Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 4k-bit Microwire Memory
S24042 SUMMIT-S24042 Datasheet
157Kb / 14P
   Precision RESET Controller and 4K I2C Memory With Both RESET and RESET Outputs
logo
Maxim Integrated Produc...
DS4510 MAXIM-DS4510 Datasheet
581Kb / 12P
   CPU Supervisor with Nonvolatile Memory and Programmable I/O
logo
Microchip Technology
MCP444X MICROCHIP-MCP444X Datasheet
4Mb / 100P
   7/8-Bit Quad I2C Digital POT with Nonvolatile Memory
08/04/10
MCP4461-503E-ML MICROCHIP-MCP4461-503E-ML Datasheet
4Mb / 100P
   7/8-Bit Quad I2C Digital POT with Nonvolatile Memory
08/04/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com