전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M74HCT4052RM13TR 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 M74HCT4052RM13TR
상세설명  DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT4052RM13TR 데이터시트(HTML) 4 Page - STMicroelectronics

  M74HCT4052RM13TR Datasheet HTML 1Page - STMicroelectronics M74HCT4052RM13TR Datasheet HTML 2Page - STMicroelectronics M74HCT4052RM13TR Datasheet HTML 3Page - STMicroelectronics M74HCT4052RM13TR Datasheet HTML 4Page - STMicroelectronics M74HCT4052RM13TR Datasheet HTML 5Page - STMicroelectronics M74HCT4052RM13TR Datasheet HTML 6Page - STMicroelectronics M74HCT4052RM13TR Datasheet HTML 7Page - STMicroelectronics M74HCT4052RM13TR Datasheet HTML 8Page - STMicroelectronics M74HCT4052RM13TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
M74HCT4052
4/14
DC SPECIFICATIONS
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
VEE
(V)
TA = 25°C
-40 to 85°C
-55 to
125°C
Min.
Typ.
Max.
Min.
Max. Min.
Max.
VIHC
High Level Input
Voltage
4.5
to
5.5
2.0
2.0
2.0
V
VILC
Low Level Input
Voltage
4.5
to
5.5
0.8
0.8
0.8
V
RON
ON Resistance
4.5
GND
VI =VIHC or VILC
VI/O =VCC to VEE
II/O ≤ 2mA
85
180
225
270
4.5
-4.5
55
120
150
180
4.5
GND
VI =VIHC or VILC
VI/O =VCC or VEE
II/O ≤ 2mA
70
150
190
230
4.5
-4.5
50
100
125
150
∆R
ON
Difference of ON
Resistance
between switches
4.5
GND
VI =VIHC or VILC
VI/O =VCC or VEE
II/O ≤ 2mA
10
30
35
45
4.5
-4.5
5
12
15
18
IOFF
Input/Output
Leakage Current
(SWITCH OFF)
5.5
GND VOS =VCC or GND
VIS = GND or VCC
VI =VILC or VIHC
±0.06
± 0.6
± 1.0
µA
5.5
-6.0
± 0.1
± 1
± 1
IIZ
Switch Input
Leakage Current
(SWITCH ON,
OUTPUT OPEN)
5.5
GND VOS =VCC or GND
VI =VIHC or VILC
±0.06
± 0.6
± 1.0
µA
5.5
-6.0
± 0.1
± 1
± 1
II
Input Leakage
Current
5.5
GND
VI =VCC or GND
± 0.1
± 0.1
± 1
µA
ICC
Quiescent Supply
Current
5.5
GND
VI =VCC or GND
440
80
µA
5.5
-6.0
8
80
160
∆I
CC
Additional
Quiescent Supply
Current per input
pin
4.5
to
5.5
GND
VI =VCC - 2.1V
other input at VCC
or GND
100
360
450
490
µA


유사한 부품 번호 - M74HCT4052RM13TR

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
M74HCT4052ADTR2G ONSEMI-M74HCT4052ADTR2G Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
M74HCT4052ADWR2G ONSEMI-M74HCT4052ADWR2G Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
More results

유사한 설명 - M74HCT4052RM13TR

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052 NXP-74HC4052 Datasheet
286Kb / 27P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 06-11 January 2010
logo
BCD Semiconductor Manuf...
AZ4052 BCDSEMI-AZ4052 Datasheet
618Kb / 18P
   Dual 4-channel Analog Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74LVX4052 UTC-U74LVX4052 Datasheet
239Kb / 11P
   Dual 4-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052D652 NXP-74HC4052D652 Datasheet
210Kb / 29P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
U74HC4052 UTC-U74HC4052_16 Datasheet
225Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
NXP Semiconductors
74LV4052 PHILIPS-74LV4052_15 Datasheet
228Kb / 26P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 4-1 July 2013
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_15 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER DEMULTIPLEXER
logo
Nexperia B.V. All right...
HEF4052B NEXPERIA-HEF4052B Datasheet
295Kb / 18P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 11 - 15 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com