전자부품 데이터시트 검색엔진 |
|
OP236TX 데이터시트(PDF) 2 Page - OPTEK Technologies |
|
OP236TX 데이터시트(HTML) 2 Page - OPTEK Technologies |
2 / 2 page Types OP235TX, OP235TXV, OP236TX, OP236TXV Electrical Characteristics (TA = 25 o C unless otherwise noted) Symbol Parameter Min Typ Max Units Test Conditions (3) Ee(APT) Apertured Radiant Incidence (3,4) OP235TX,TXV OP236TX,TXV 1.5 3.5 mW/cm 2 mW/cm 2 IF = 100 mA IF = 100 mA VF Forward Voltage (6) 1.1 1.3 0.9 2.0 2.2 1.8 V V V IF = 100 mA IF = 100 mA, TA = -55 o C IF = 100 mA, TA = 100 o C IR Reverse Current 100 µA VR = 2.0 V λp Wavelength at Peak Emission 890 nm IF = 100 mA B Spectral Bandwidth Between Half Power Points 50 nm IF = 100 mA θHP Emission Angle at Half Power Points 18.0 Deg. IF = 100 mA Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible. Optek Technology, Inc. 1215 W. Crosby Road Carrollton, Texas 75006 (972)323-2200 Fax (972)323-2396 13-29 |
유사한 부품 번호 - OP236TX |
|
유사한 설명 - OP236TX |