전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STC812L 데이터시트(PDF) 9 Page - List of Unclassifed Manufacturers

부품명 STC812L
상세설명  UP Supervisor Circuits
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

STC812L 데이터시트(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button STC812L Datasheet HTML 5Page - List of Unclassifed Manufacturers STC812L Datasheet HTML 6Page - List of Unclassifed Manufacturers STC812L Datasheet HTML 7Page - List of Unclassifed Manufacturers STC812L Datasheet HTML 8Page - List of Unclassifed Manufacturers STC812L Datasheet HTML 9Page - List of Unclassifed Manufacturers STC812L Datasheet HTML 10Page - List of Unclassifed Manufacturers STC812L Datasheet HTML 11Page - List of Unclassifed Manufacturers STC812L Datasheet HTML 12Page - List of Unclassifed Manufacturers STC812L Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
Data Sheet
STC803/809/810-811/812/-823/824/825-6342/6343/6344/6345
µµµµµP Supervisor Circuits
--------------------------------------------------------------------------------------------------------------------------------------------------------------------------
STC
Ver1.0
DC Electrical Characteristics
Table 4. DC Electrical Characteristics
* Valid for both RESET and RESET. V
RN is nominal reset threshold voltage.
** WDI is internally serviced within the watchdog period if WDI is left unconnected.
(Vcc=VRN+5% to 5.5V, TA= -40~85”C, unless otherwise noted)
Symbol
Description
Test Conditions
Min
Typ
Max
Unit
VCC
Operating Voltage Range
1.0
5.5
V
ICC
Supply Current
Vcc = 5V, No load
20
50
µA
VIH
Input High Voltage
Pin: MR, WDI
0.7 Vcc
V
VIL
Input Low Voltage
Pin: MR, WDI
0.3 Vcc
V
VRN-2.5%
VRN
VRN+2.5%
STCxxxL
4.514
4.63
4.746
STCxxxM
4.271
4.38
4.490
STCxxxT
3.003
3.08
3.157
STCxxxS
2.857
2.93
3.003
STCxxxR
2.564
2.63
2.696
STCxxxZ
2.262
2.32
2.378
VRST
Reset Threshold Voltage
(Note 1)
TA= -40 ~ 85”C
STCxxxY
2.145
2.20
2.255
V
VRTH
Reset Threshold
Hysteresis(Note 1)
Vcc varies between VRN
±5%
70
mV
Vcc
≥ 4.5V Isource=800µA
Vcc-1.5
Vcc
≥ 2.7V Isource=500µA
0.8 Vcc
VOH
Output High Voltage
Vcc
≥ 1.8V Isource=150µA
0.8 Vcc
V
Vcc
≥ 4.5V Isink=3.2mA
0.4
Vcc
≥ 2.7V Isink=1.2mA
0.3
VOL
Output Low Voltage
Vcc
≥ 1.2V Isink=100µA
0.3
V
ILKG
Open-Drain Output
Leakage Current
VCC > VTH(MAX)
for STC803 and STC6343
1
µA
VPFT
PFI Input Threshold
VPFI varies from 1.5V and 1.0V
1.20
1.25
1.30
V
IPFI
PFI Input Leakage
Current
±25
nA
WDI connected to VCC: 5.5V
120
160
IWDI
Average WDI Input
Current (Note 2)
WDI connected to GND
-20
-15
µA
STC811/7812
10
20
30
STC823/824/825
35
52
75
r
MR pull-up resistor
(internal)
STC6342/6343/6344
60
k


유사한 부품 번호 - STC812L

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
STC813L ETC1-STC813L Datasheet
58Kb / 7P
   UP Supervisor Circuits
STC813M ETC1-STC813M Datasheet
58Kb / 7P
   UP Supervisor Circuits
STC813R ETC1-STC813R Datasheet
58Kb / 7P
   UP Supervisor Circuits
STC813S ETC1-STC813S Datasheet
58Kb / 7P
   UP Supervisor Circuits
STC813T ETC1-STC813T Datasheet
58Kb / 7P
   UP Supervisor Circuits
More results

유사한 설명 - STC812L

제조업체부품명데이터시트상세설명
logo
Pericom Semiconductor C...
PT7A7511-15 PERICOM-PT7A7511-15 Datasheet
370Kb / 9P
   uP Supervisor Circuits
logo
List of Unclassifed Man...
STC705 ETC1-STC705 Datasheet
58Kb / 7P
   UP Supervisor Circuits
logo
Alliance Semiconductor ...
ASM705 ALSC-ASM705 Datasheet
190Kb / 15P
   Low Power UP Supervisor Circuits
AS705 ALSC-AS705 Datasheet
198Kb / 16P
   Low Power uP Supervisor Circuits
ASM706 ALSC-ASM706 Datasheet
274Kb / 16P
   3/3.3/4.0 V uP Supervisor Circuits
logo
Pericom Semiconductor C...
PT7A7511 PERICOM-PT7A7511_14 Datasheet
311Kb / 8P
   Supervisor Circuits
logo
Diodes Incorporated
PT7A7511 DIODES-PT7A7511 Datasheet
1Mb / 11P
   μP Supervisor Circuits
August 2020 Rev 1-3
PT7M7803 DIODES-PT7M7803 Datasheet
1Mb / 15P
   關P Supervisor Circuits
5/10/2017
logo
Fairchild Semiconductor
FM810LS3X FAIRCHILD-FM810LS3X Datasheet
460Kb / 9P
   3-Pin UC Supervisor Circuits
FM809 FAIRCHILD-FM809 Datasheet
54Kb / 8P
   3-Pin UC Supervisor Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com