전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

AV1015LT1 데이터시트(HTML) 1 Page - Avic Technology

부품명 AV1015LT1
상세내용  SOT-23 Plastic-Encapsulate Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  AVICTEK [Avic Technology]
홈페이지  
Logo 

AV1015LT1 데이터시트(HTML) 1 Page - Avic Technology

   
Zoom Inzoom in Zoom Outzoom out
/ 2 page
 1 / 2 page
background image
2.4
1.3
@vic
AV1015LT1
SOT-23 Plastic-Encapsulate Transistors
AV1015LT1
TRANSISTOR( PNP
FEATURES
Power dissipation
PCM :
0.2
W(Tamb=25℃)
Collector current
ICM
:
-0.15
A
Collector-base voltage
V(BR)CBO :
-50
V
Operating and storage junction temperature range
TJ,Tstg: -55℃ to +150
ELECTRICAL
CHARACTERISTICS(Tamb=25℃
unless
otherwise
specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic= -100μA,
IE=0
-50
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic= -0.1mA, IB=0
-50
V
Emitter-base breakdown voltage
V(BR)EBO
IE= -10μA, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-50 V ,
IE=0
-0.1
μA
Collector cut-off current
ICEO
VCE= -50 V ,
IB=0
-0.1
μA 
Emitter cut-off current
IEBO
VEB=- 5V ,
IC=0
-0.1
μA
DC current gain
HFE(1)
VCE=-6V,
IC= -2m A
130
400
Collector-emitter saturation voltage
VCE(sat)
IC=-100 mA, IB= -10m A
-0.3
V
Base-emitter saturation voltage
VBE(sat)
IC=-100 mA, IB= -10m A
-1.1
V
Transition frequency
fT
VCE=-10V,
IC= -1mA
f=30MHz
80
MHz
CLASSIFICATION
OF
HFE(1)
Rank 
L 
H 
Range  
130-200 
200-400 
MARKING 
BA 
Unit : mm
SOT—23
1. BASE
2. EMITTER
3. COLLECTOR
Copyright @vic Electronics Corp.
1
Website http://www.avictek.com


Html Pages

1  2 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn