전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

TC58NVG1S3BFT00 데이터시트(HTML) 4 Page - Toshiba Semiconductor

부품명 TC58NVG1S3BFT00
상세내용  TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
Download  37 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo 

TC58NVG1S3BFT00 데이터시트(HTML) 4 Page - Toshiba Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
/ 37 page
 4 / 37 page
background image
TC58NVG1S3BFT00/TC58NVG1S8BFT00
2003-10-30A
4
VALID BLOCKS
SYMBOL
PARAMETER
MIN
TYP.
MAX
UNIT
NVB
Number of Valid Blocks
2008
2048
Blocks
NOTE:
The device occasionally contains unusable blocks. Refer to Application Note (13) toward the end of this document.
The first block (Block 0) is guaranteed to be a valid block at the time of shipment.
The minimum number of valid blocks is guaranteed over the lifetime.
RECOMMENDED DC OPERATING CONDITIONS
SYMBOL
PARAMETER
MIN
TYP.
MAX
UNIT
VCC
Power Supply Voltage
2.7 V
3.6 V
V
VIH
High Level input Voltage
2.7 V
≤ VCC ≤ 3.6 V
2.0
VCC + 0.3
V
VIL
Low Level Input Voltage
2.7 V
≤ VCC ≤ 3.6 V
−0.3*
0.8
V
*
−2 V (pulse width lower than 20 ns)
DC CHARACTERISTICS (Ta = 0 to 70℃, VCC = 2.7 V to 3.6 V)
SYMBOL
PARAMETER
CONDITION
MIN
TYP.
MAX
UNIT
IIL
Input Leakage Current
VIN = 0 V to VCC
±10
µA
ILO
Output Leakage Current
VOUT = 0 V to VCC
±10
µA
PSL
= GND or NC
10
30
ICCO0*
Power On Reset Current
PSL
= VCC, FFh command input after
Power On
10
30
mA
ICCO1
Serial Read Current
CE
= VIL, IOUT = 0 mA, tcycle = 50 ns
10
30
mA
ICCO2
Programming Current
10
30
mA
ICCO3
Erasing Current
10
30
mA
ICCS1
Standby Current
CE
= VIH, WP = 0 V/VCC
1
mA
ICCS2
Standby Current
CE
= VCC − 0.2 V, WP = 0 V/VCC
10
50
µA
VOH
High Level Output Voltage
IOH = −0.4 mA (2.7 V ≤ VCC ≤ 3.6 V)
2.4
V
VOL
Low Level Output Voltage
IOL = 2.1 mA (2.7 V ≤ VCC ≤ 3.6 V)
0.4
V
IOL
(
BY
/
RY
)
Output current of
BY
/
RY
pin
VOL = 0.4 V (2.7 V ≤ VCC ≤ 3.6 V)
8
mA
*
Refer to application note (2) for detail


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn