전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

TC58NVG1S3BFT00 데이터시트(HTML) 6 Page - Toshiba Semiconductor

부품명 TC58NVG1S3BFT00
상세내용  TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
Download  37 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo 

TC58NVG1S3BFT00 데이터시트(HTML) 6 Page - Toshiba Semiconductor

Zoom Inzoom in Zoom Outzoom out
/ 37 page
 6 / 37 page
background image
TC58NVG1S3BFT00/TC58NVG1S8BFT00
2003-10-30A
6
AC TEST CONDITIONS
CONDITION
PARAMETER
2.7 V
≤ VCC ≤ 3.6 V
Input level
2.4 V, 0.4 V
Input pulse rise and fall time
3ns
Input comparison level
1.5 V, 1.5 V
Output data comparison level
1.5 V, 1.5 V
Output load
CL (100 pF) + 1 TTL
Note:
Busy to ready time depends on the pull-up resistor tied to the
BY
/
RY
pin.
(Refer to Application Note (9) toward the end of this document.)
PROGRAMMING AND ERASING CHARACTERISTICS
(Ta
= 0 to 70℃, VCC = 2.7 V to 3.6 V)
SYMBOL
PARAMETER
MIN
TYP.
MAX
UNIT
NOTES
tPROG
Average Programming Time
200
500
µs
N
Number of Partial Program Cycles in the Same Page
8
(1)
tBERASE
Block Erasing Time
1.5
3
ms
(1) Refer to Application Note (12) toward the end of this document.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn