전자부품 데이터시트 검색엔진 |
|
N04Q1612C2BB2-15I 데이터시트(PDF) 1 Page - NanoAmp Solutions, Inc. |
|
N04Q1612C2BB2-15I 데이터시트(HTML) 1 Page - NanoAmp Solutions, Inc. |
1 / 13 page NanoAmp Solutions, Inc. 670 North McCarthy Blvd. Suite 220, Milpitas, CA 95035 ph: 408-935-7777, FAX: 408-935-7770 www.nanoamp.com N04Q16yyC2B Stock No. 23451-B 2/06 1 The specification is ADVANCE INFORMATION and subject to change without notice. Advance Information 4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K×16 bit POWER SAVER TECHNOLOGY Overview The N04Q16yyC2B are ultra-low power memory devices containing a 4 Mbit Static Random Access Memory organized as 262,144 words by 16 bits. The device is designed and fabricated using NanoAmp’s advanced CMOS technology to provide ultra-low active and standby power. The device operates with two chip enable (CE1 and CE2) controls and output enable (OE) to allow for easy memory expansion. Byte controls (UB and LB) allow the upper and lower bytes to be accessed independently. The 4Mb SRAM is optimized for the ultimate in low power and is suited for various applications where ultra-low- power is critical such as medical applications, battery backup and power sensitive hand-held devices. The unique page mode operation saves active operating power and the dual power supply rails allow very low voltage operation while maintaining 3V I/O capability. The device can operate over a very wide temperature range of 0oC to +70oC for the lowest power and is also available in the industrial range of -40oC to +85oC. The devices are available in standard BGA and TSOP packages. The devices are also available as Known Good Die (KGD) for embedded package applications. Features • Multiple Power Supply Ranges 1.1V - 1.3V 1.65V - 1.95V 2.3V - 2.7V 2.7V - 3.6V • Dual Vcc / VccQ Power Supplies 1.2V Vcc with 3V VccQ 1.8V Vcc with 3V VccQ 2.5V Vcc with 3V VccQ • Very low standby current 50nA typical for 1.2V operation • Very low operating current 400µA typical for 1.2V operation at 1µs • Very low Page Mode operating current 80µA typical for 1.2V operation at 1µs • Simple memory control Dual Chip Enables (CE1 and CE2) Byte control for independent byte operation Output Enable (OE) for memory expansion • Automatic power down to standby mode • BGA, TSOP and KGD options • RoHS Compliant Product Options Part Number I/O Typical Standby Current Vcc (V) VccQ (V) Speed (nS) Typical Operating Current Operating Temperature N04Q1612C2Bx-15C x16 50nA 1.2 1.2, 1.8, 3 150ns 0.4 mA @ 1MHz 0oC to +70oC N04Q1618C2Bx-15C x16 50nA 1.8 1.8, 2.5, 3 150ns 0.4 mA @ 1MHz N04Q1618C2Bx-70C x16 200nA 70ns 0.6 mA @ 1MHz N04Q1625C2Bx-15C x16 800nA 2.5 2.5, 3 150ns 0.6 mA @ 1MHz N04Q1630C2Bx-70C x16 800nA 3.0 3.0 70ns 2.2mA @ 1MHz |
유사한 부품 번호 - N04Q1612C2BB2-15I |
|
유사한 설명 - N04Q1612C2BB2-15I |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |