전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

TC55NEM216ASTV55 데이터시트(HTML) 4 Page - Toshiba Semiconductor

부품명 TC55NEM216ASTV55
상세내용  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo 

TC55NEM216ASTV55 데이터시트(HTML) 4 Page - Toshiba Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
/ 12 page
 4 / 12 page
background image
TC55NEM216ASTV55,70
2002-10-30
4/12
DC CHARACTERISTICS (Ta = −40° to 85°C, VDD = 5 V ± 10%)
SYMBOL
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
IIL
Input Leakage
Current
VIN = 0 V~VDD
±1.0
µA
IOH
Output High Current
VOH = 2.4 V
−1.0
mA
IOL
Output Low Current
VOL = 0.4 V
2.1
mA
ILO
Output Leakage
Current
CE
= VIH or CS = VIL or LB = UB = VIH or
R/W
= VIL or OE = VIH, VOUT = 0 V~VDD
±1.0
µA
MIN
35
lDDO1
CE
= VIL and CS = VIH and
R/W
= VIH, LB = UB = VIL,
IOUT = 0 mA,
Other Input
= VIH/VIL
tcycle
1
µs
8
mA
MIN
30
lDDO2
Operating Current
CE
= 0.2 V and CS = VDD − 0.2 V and
R/W
= VDD − 0.2 V, LB = UB = 0.2 V,
IOUT = 0 mA,
Other Input
= VDD − 0.2 V/0.2 V
tcycle
1
µs
3
mA
IDDS1
1) CE
= VIH
2) CS
= VIL
3) LB
= UB = VIH
3
mA
Ta
= 25°C
1
Ta
= −40~40°C
3
IDDS2
Standby Current
1) CE
= VDD − 0.2 V
2) CS
= 0.2 V
3) LB
= UB = VDD − 0.2 V, CE = 0.2 V,
CS
= VDD − 0.2 V
Ta
= −40~85°C
20
µA
DC CHARACTERISTICS (Ta = −40° to 85°C, VDD = 3 V ± 10%)
SYMBOL
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
IIL
Input Leakage
Current
VIN = 0 V~VDD
±1.0
µA
IOH
Output High Current
VOH = VDD − 0.2 V
−0.1
mA
IOL
Output Low Current
VOL = 0.2 V
0.1
mA
ILO
Output Leakage
Current
CE
= VIH or CS = VIL or LB = UB = VIH or
R/W
= VIL or OE = VIH, VOUT = 0 V~VDD
±1.0
µA
MIN
30
IDDO2
Operating Current
CE
= 0.2 V and CS = VDD − 0.2 V and
R/W
= VDD − 0.2 V, LB = UB = 0.2 V,
IOUT = 0 mA,
Other Input
= VDD − 0.2 V/0.2 V
tcycle
1
µs
3
mA
Ta
= 25°C
1
Ta
= −40~40°C
3
IDDS2
Standby Current
1) CE
= VDD − 0.2 V
2) CS
= 0.2 V
3) LB
= UB = VDD − 0.2 V, CE = 0.2 V,
CS
= VDD − 0.2 V
Ta
= −40~85°C
20
µA
CAPACITANCE (Ta = 25°C, f = 1 MHz)
SYMBOL
PARAMETER
TEST CONDITION
MAX
UNIT
CIN
Input Capacitance
VIN = GND
10
pF
COUT
Output Capacitance
VOUT = GND
10
pF
Note:
This parameter is periodically sampled and is not 100% tested.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn