전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC55NEM216ASTV55 데이터시트(PDF) 5 Page - Toshiba Semiconductor

부품명 TC55NEM216ASTV55
상세설명  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC55NEM216ASTV55 데이터시트(HTML) 5 Page - Toshiba Semiconductor

  TC55NEM216ASTV55 Datasheet HTML 1Page - Toshiba Semiconductor TC55NEM216ASTV55 Datasheet HTML 2Page - Toshiba Semiconductor TC55NEM216ASTV55 Datasheet HTML 3Page - Toshiba Semiconductor TC55NEM216ASTV55 Datasheet HTML 4Page - Toshiba Semiconductor TC55NEM216ASTV55 Datasheet HTML 5Page - Toshiba Semiconductor TC55NEM216ASTV55 Datasheet HTML 6Page - Toshiba Semiconductor TC55NEM216ASTV55 Datasheet HTML 7Page - Toshiba Semiconductor TC55NEM216ASTV55 Datasheet HTML 8Page - Toshiba Semiconductor TC55NEM216ASTV55 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TC55NEM216ASTV55,70
2002-10-30
5/12
AC CHARACTERISTICS AND OPERATING CONDITIONS
(Ta
= −40° to 85°C, VDD = 5 V ± 10%)
READ CYCLE
TC55NEM216ASTV
55
70
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
UNIT
tRC
Read Cycle Time
55
70
tACC
Address Access Time
55
70
tCO
Chip Enable Access Time
55
70
tOE
Output Enable Access Time
30
35
tBA
Data Byte Control Access Time
55
70
tCOE
Chip Enable Low to Output Active
5
5
tOEE
Output Enable Low to Output Active
0
0
tBE
Data Byte Control Low to Output Active
5
5
tOD
Chip Enable High to Output High-Z
25
30
tODO
Output Enable High to Output High-Z
25
30
tBD
Data Byte Control High to Output High-Z
25
30
tOH
Output Data Hold Time
10
10
ns
WRITE CYCLE
TC55NEM216ASTV
55
70
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
UNIT
tWC
Write Cycle Time
55
70
tWP
Write Pulse Width
40
50
tCW
Chip Enable to End of Write
45
55
tBW
Data Byte Control to End of Write
45
55
tAS
Address Setup Time
0
0
tWR
Write Recovery Time
0
0
tODW
R/W Low to Output High-Z
25
30
tOEW
R/W High to Output Active
0
0
tDS
Data Setup Time
25
30
tDH
Data Hold Time
0
0
ns
Note:
tOD, tODO, tBD and tODW are specified in time when an output becomes high impedance, and are not judged depending on
an output voltage level.
AC TEST CONDITIONS
PARAMETER
TEST CONDITION
Input pulse level
0.4 V, 2.4 V
tR, tF
5 ns
Timing measurements
1.5 V
Reference level
1.5 V
Output load
100 pF
+ 1 TTL Gate


유사한 부품 번호 - TC55NEM216ASTV55

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC55NEM216AFTN55 TOSHIBA-TC55NEM216AFTN55 Datasheet
181Kb / 11P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55NEM216AFTN70 TOSHIBA-TC55NEM216AFTN70 Datasheet
181Kb / 11P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results

유사한 설명 - TC55NEM216ASTV55

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC58FVM5T2AFT65 TOSHIBA-TC58FVM5T2AFT65 Datasheet
799Kb / 63P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VD1618FF-133 TOSHIBA-TC55VD1618FF-133 Datasheet
888Kb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NYG0S3EBAI4 TOSHIBA-TC58NYG0S3EBAI4 Datasheet
487Kb / 65P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC554161AFTI-70 TOSHIBA-TC554161AFTI-70 Datasheet
142Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VEM208ASTN55 TOSHIBA-TC55VEM208ASTN55 Datasheet
173Kb / 11P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NVG0S3ETA00 TOSHIBA-TC58NVG0S3ETA00 Datasheet
486Kb / 65P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVM6B2ATG-65 TOSHIBA-TC58FVM6B2ATG-65 Datasheet
531Kb / 62P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V8512FTI-12 TOSHIBA-TC55V8512FTI-12 Datasheet
170Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V4366FF-133 TOSHIBA-TC55V4366FF-133 Datasheet
1Mb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V8128BFT-12 TOSHIBA-TC55V8128BFT-12 Datasheet
373Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V2325FF-100 TOSHIBA-TC55V2325FF-100 Datasheet
1Mb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com