전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC55NEM216ASTV55 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TC55NEM216ASTV55
상세설명  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC55NEM216ASTV55 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TC55NEM216ASTV55 Datasheet HTML 1Page - Toshiba Semiconductor TC55NEM216ASTV55 Datasheet HTML 2Page - Toshiba Semiconductor TC55NEM216ASTV55 Datasheet HTML 3Page - Toshiba Semiconductor TC55NEM216ASTV55 Datasheet HTML 4Page - Toshiba Semiconductor TC55NEM216ASTV55 Datasheet HTML 5Page - Toshiba Semiconductor TC55NEM216ASTV55 Datasheet HTML 6Page - Toshiba Semiconductor TC55NEM216ASTV55 Datasheet HTML 7Page - Toshiba Semiconductor TC55NEM216ASTV55 Datasheet HTML 8Page - Toshiba Semiconductor TC55NEM216ASTV55 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TC55NEM216ASTV55,70
2002-10-30
1/12
TENTATIVE
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
262,144-WORD BY 16-BIT FULL CMOS STATIC RAM
DESCRIPTION
The TC55NEM216ASTV is a 4,194,304-bit static random access memory (SRAM) organized as 262,144 words by
16 bits. Fabricated using Toshiba's CMOS Silicon gate process technology, this device operates from a single 2.7 to
5.5 V power supply. Advanced circuit technology provides both high speed and low power at an operating current of
3 mA/MHz (typ) and a minimum cycle time of 55 ns. It is automatically placed in low-power mode at 1
µA standby
current (typ) when chip enable ( CE ) is asserted high or chip select (CS) is asserted low. There are three control
inputs. CE is used to select the device and for data retention control, and output enable ( OE ) provides fast
memory access. Data byte control pin (
LB , UB ) provides lower and upper byte access. This device is well suited to
various microprocessor system applications where high speed, low power and battery backup are required. And,
with a guaranteed operating extreme temperature range of
−40° to 85°C, the TC55NEM216ASTV can be used in
environments exhibiting extreme temperature conditions. The TC55NEM216ASTV is available in a plastic 44-pin
thin-small-outline package (TSOP).
FEATURES
• Low-power dissipation
Operating: 15 mW/MHz (typical)
• Single power supply voltage of 2.7 to 5.5 V
• Power down features using CE
• Data retention supply voltage of 2.0 to 5.5 V
• Direct TTL compatibility for all inputs and outputs
• Wide operating temperature range of −40° to 85°C
• Standby Current (maximum): 20 µA
PIN ASSIGNMENT (TOP VIEW)
44 PIN TSOP
PIN NAMES
A0~A17
Address Inputs
CE
Chip Enable
CS
Chip Select
R/W
Read/Write Control
OE
Output Enable
LB , UB
Data Byte Control
I/O1~I/O16
Data Inputs/Outputs
VDD
Power
GND
Ground
NC
No Connection
• Access Times (maximum):
TC55NEM216ASTV
55
70
Access Time
55 ns
70 ns
CE Access Time
55 ns
70 ns
OE Access Time
30 ns
35 ns
• Package:
TSOP II44-P-400-0.80
(Weight:
g typ)
A4
A3
A2
A1
A0
I/O1
I/O2
I/O3
I/O4
VDD
GND
I/O5
I/O6
I/O7
I/O8
R/W
A15
A14
A13
A12
A16
A5
A6
A7
I/O16
I/O15
I/O14
I/O13
GND
VDD
I/O12
I/O11
I/O10
I/O9
CS
A8
A9
A10
A11
A17
1
44
2
43
3
42
4
41
5
40
6
39
7
38
8
37
9
36
10
35
11
34
12
33
13
32
14
31
15
30
16
29
17
28
18
27
19
26
20
25
21
24
22
23
OE
UB
LB
CE


유사한 부품 번호 - TC55NEM216ASTV55

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC55NEM216AFTN55 TOSHIBA-TC55NEM216AFTN55 Datasheet
181Kb / 11P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55NEM216AFTN70 TOSHIBA-TC55NEM216AFTN70 Datasheet
181Kb / 11P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results

유사한 설명 - TC55NEM216ASTV55

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC58FVM5T2AFT65 TOSHIBA-TC58FVM5T2AFT65 Datasheet
799Kb / 63P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VD1618FF-133 TOSHIBA-TC55VD1618FF-133 Datasheet
888Kb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NYG0S3EBAI4 TOSHIBA-TC58NYG0S3EBAI4 Datasheet
487Kb / 65P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC554161AFTI-70 TOSHIBA-TC554161AFTI-70 Datasheet
142Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VEM208ASTN55 TOSHIBA-TC55VEM208ASTN55 Datasheet
173Kb / 11P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NVG0S3ETA00 TOSHIBA-TC58NVG0S3ETA00 Datasheet
486Kb / 65P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVM6B2ATG-65 TOSHIBA-TC58FVM6B2ATG-65 Datasheet
531Kb / 62P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V8512FTI-12 TOSHIBA-TC55V8512FTI-12 Datasheet
170Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V4366FF-133 TOSHIBA-TC55V4366FF-133 Datasheet
1Mb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V8128BFT-12 TOSHIBA-TC55V8128BFT-12 Datasheet
373Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V2325FF-100 TOSHIBA-TC55V2325FF-100 Datasheet
1Mb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com