전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC55NEM216ASTV55 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TC55NEM216ASTV55
상세설명  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC55NEM216ASTV55 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TC55NEM216ASTV55 Datasheet HTML 1Page - Toshiba Semiconductor TC55NEM216ASTV55 Datasheet HTML 2Page - Toshiba Semiconductor TC55NEM216ASTV55 Datasheet HTML 3Page - Toshiba Semiconductor TC55NEM216ASTV55 Datasheet HTML 4Page - Toshiba Semiconductor TC55NEM216ASTV55 Datasheet HTML 5Page - Toshiba Semiconductor TC55NEM216ASTV55 Datasheet HTML 6Page - Toshiba Semiconductor TC55NEM216ASTV55 Datasheet HTML 7Page - Toshiba Semiconductor TC55NEM216ASTV55 Datasheet HTML 8Page - Toshiba Semiconductor TC55NEM216ASTV55 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TC55NEM216ASTV55,70
2002-10-30
3/12
OPERATING MODE
MODE
CE
CS
OE
R/W
LB
UB
I/O1~I/O8
I/O9~I/O16
POWER
L
H
L
H
L
L
Output
Output
IDDO
L
H
L
H
H
L
High-Z
Output
IDDO
Read
L
H
L
H
L
H
Output
High-Z
IDDO
L
H
*
L
L
L
Input
Input
IDDO
L
H
*
L
H
L
High-Z
Input
IDDO
Write
L
H
*
L
L
H
Input
High-Z
IDDO
L
H
H
H
L
L
High-Z
High-Z
IDDO
L
H
H
H
H
L
High-Z
High-Z
IDDO
Output Deselect
L
H
H
H
L
H
High-Z
High-Z
IDDO
CS Standby
*
L
*
*
*
*
High-Z
High-Z
IDDS
H
*
*
*
*
*
High-Z
High-Z
IDDS
Standby
*
*
*
*
H
H
High-Z
High-Z
IDDS
* = don't care
H = logic high
L = logic low
MAXIMUM RATINGS
SYMBOL
RATING
VALUE
UNIT
VDD
Power Supply Voltage
−0.3~7.0
V
VIN
Input Voltage
−0.3*~7.0
V
VI/O
Input/Output Voltage
−0.5~VDD + 0.5
V
PD
Power Dissipation
0.6
W
Tsolder
Soldering Temperature (10s)
260
°C
Tstg
Storage Temperature
−55~150
°C
Topr
Operating Temperature
−40~85
°C
*:
−2.0 V when measured at a pulse width of 20ns
DC RECOMMENDED OPERATING CONDITIONS (Ta = −40° to 85°C)
5 V
± 10%
2.7 V~5.5 V
SYMBOL
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VDD
Power Supply Voltage
4.5
5.0
5.5
2.7
5.0
5.5
V
VIH
Input High Voltage
2.2
VDD + 0.3 VDD − 0.2
VDD + 0.3
V
VIL
Input Low Voltage
−0.3*
0.6
−0.3*
0.2
V
VDH
Data Retention Supply Voltage
2.0
5.5
2.0
5.5
V
*:
−2.0V when measured at a pulse width of 20 ns


유사한 부품 번호 - TC55NEM216ASTV55

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC55NEM216AFTN55 TOSHIBA-TC55NEM216AFTN55 Datasheet
181Kb / 11P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55NEM216AFTN70 TOSHIBA-TC55NEM216AFTN70 Datasheet
181Kb / 11P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results

유사한 설명 - TC55NEM216ASTV55

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC58FVM5T2AFT65 TOSHIBA-TC58FVM5T2AFT65 Datasheet
799Kb / 63P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VD1618FF-133 TOSHIBA-TC55VD1618FF-133 Datasheet
888Kb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NYG0S3EBAI4 TOSHIBA-TC58NYG0S3EBAI4 Datasheet
487Kb / 65P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC554161AFTI-70 TOSHIBA-TC554161AFTI-70 Datasheet
142Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VEM208ASTN55 TOSHIBA-TC55VEM208ASTN55 Datasheet
173Kb / 11P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NVG0S3ETA00 TOSHIBA-TC58NVG0S3ETA00 Datasheet
486Kb / 65P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVM6B2ATG-65 TOSHIBA-TC58FVM6B2ATG-65 Datasheet
531Kb / 62P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V8512FTI-12 TOSHIBA-TC55V8512FTI-12 Datasheet
170Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V4366FF-133 TOSHIBA-TC55V4366FF-133 Datasheet
1Mb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V8128BFT-12 TOSHIBA-TC55V8128BFT-12 Datasheet
373Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V2325FF-100 TOSHIBA-TC55V2325FF-100 Datasheet
1Mb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com