전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSC51C2XXX12CAR 데이터시트(PDF) 1 Page - TEMIC Semiconductors

부품명 TSC51C2XXX12CAR
상세설명  8-Bit Microcontroller for Digital Computer Monitors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEMIC [TEMIC Semiconductors]
홈페이지  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC51C2XXX12CAR 데이터시트(HTML) 1 Page - TEMIC Semiconductors

  TSC51C2XXX12CAR Datasheet HTML 1Page - TEMIC Semiconductors TSC51C2XXX12CAR Datasheet HTML 2Page - TEMIC Semiconductors TSC51C2XXX12CAR Datasheet HTML 3Page - TEMIC Semiconductors TSC51C2XXX12CAR Datasheet HTML 4Page - TEMIC Semiconductors TSC51C2XXX12CAR Datasheet HTML 5Page - TEMIC Semiconductors TSC51C2XXX12CAR Datasheet HTML 6Page - TEMIC Semiconductors TSC51C2XXX12CAR Datasheet HTML 7Page - TEMIC Semiconductors TSC51C2XXX12CAR Datasheet HTML 8Page - TEMIC Semiconductors TSC51C2XXX12CAR Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
TSC8051C2
Rev. A (10 Jan. 97)
1
Preview
MATRA MHS
1. Introduction
The TSC8051C2 is a stand–alone high performance
CMOS 8–bit embedded microcontroller and is designed
for use in CRT monitors. It is also suitable for automotive
and industrial applications.
The TSC8051C2 includes the fully static 8–bit “80C51”
CPU core with 256 bytes of RAM; 4 Kbytes of ROM; two
16–bit timers; 12 PWM Channels; a 5 sources and 2–level
interrupt controller; a full duplex serial port; a watchdog
timer; power voltage monitor and on–chip oscillator.
In addition, the TSC8051C2 has 2 software selectable
modes of reduced activity for further reduction in power
consumption. In the idle mode the CPU is frozen while
the RAM, the timers, the serial ports, and the interrupt
system continue to function. In the power down mode the
RAM is saved and all other functions are inoperative.
The TSC8051C2 enables the users reducing a lot of
external
discrete
components
while
bringing
the
maximum of flexibility.
2. Features
D Boolean processor
D Fully static design
D 4K bytes of ROM
D 256 bytes of RAM
D 2 x 16–bit timer/counter
D Programmable serial port
D 5 interrupt sources:
D External interrupts (2)
D Timers interrupt (2)
D Serial port interrupt
D Watchdog reset
D Power Fail reset
D On chip oscillator for crystal or ceramic resonator
D 2 power saving control modes:
D Idle mode
D Power–down mode
D SYNC Processor
D Controlled HSYNC & VSYNC outputs
D Controlled HSYNC & VSYNC inputs
D Clamp pulse output
D Up to 12 programmable PWM channels with 8–bit
resolution
D Up to 32 programmable I/O lines depending on the
package
D 40 pins DIP, 44 pins PQFP, 44 and 52 pins PLCC
packages
D Commercial and industrial temperature ranges
D Operating Frequency: 12 MHz to 16 MHz
8-Bit Microcontroller for Digital Computer Monitors


유사한 부품 번호 - TSC51C2XXX12CAR

제조업체부품명데이터시트상세설명
logo
TEMIC Semiconductors
TSC51C1 TEMIC-TSC51C1 Datasheet
321Kb / 31P
   8-Bit Microcontroller for Digital Computer Monitors
TSC51C1XXX-12CAB TEMIC-TSC51C1XXX-12CAB Datasheet
321Kb / 31P
   8-Bit Microcontroller for Digital Computer Monitors
TSC51C1XXX-12CAD TEMIC-TSC51C1XXX-12CAD Datasheet
321Kb / 31P
   8-Bit Microcontroller for Digital Computer Monitors
TSC51C1XXX-12CAR TEMIC-TSC51C1XXX-12CAR Datasheet
321Kb / 31P
   8-Bit Microcontroller for Digital Computer Monitors
TSC51C1XXX-12CBB TEMIC-TSC51C1XXX-12CBB Datasheet
321Kb / 31P
   8-Bit Microcontroller for Digital Computer Monitors
More results

유사한 설명 - TSC51C2XXX12CAR

제조업체부품명데이터시트상세설명
logo
TEMIC Semiconductors
TSC51C1 TEMIC-TSC51C1 Datasheet
321Kb / 31P
   8-Bit Microcontroller for Digital Computer Monitors
logo
List of Unclassifed Man...
NT6861 ETC-NT6861 Datasheet
455Kb / 44P
   8-Bit Microcontroller for Monitor
NT6862 ETC-NT6862 Datasheet
580Kb / 57P
   8-Bit Microcontroller for Monitor
ML610Q793 ETC2-ML610Q793 Datasheet
527Kb / 24P
   8-bit Microcontroller for Sensor Control
logo
Samsung semiconductor
S3C89V5 SAMSUNG-S3C89V5 Datasheet
59Kb / 14P
   8-BIT MICROCONTROLLER for SMART CARD
logo
LAPIS Semiconductor Co....
ML610Q793 LAPIS-ML610Q793 Datasheet
444Kb / 24P
   8-bit Microcontroller for Sensor Control
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com