전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS2905Y15 데이터시트(PDF) 6 Page - List of Unclassifed Manufacturers

부품명 GS2905Y15
상세설명  500mA CMOS LDO Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

GS2905Y15 데이터시트(HTML) 6 Page - List of Unclassifed Manufacturers

  GS2905Y15 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS2905Y15 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS2905Y15 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS2905Y15 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS2905Y15 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS2905Y15 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS2905Y15 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS2905Y15 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS2905Y15 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
GS2905
Globaltech Semiconductor
www.globaltechsemi.com
6
GS2905
Typical Applications
Low Dropout Linear Regulator
3
2
GS2905-3.3
1
mF
GND
1
1
mF
CIN
COUT
VIN
VOUT
A 1µF (or greater) capacitor is required between the GS2905 output and ground for stability.
Without this capacitor the part will oscillate. Even though most types of capacitor may work,
the equivalent series resistance (ESR) should be held to 5 or less if Aluminum electrolytic
type is used. Many Aluminum electrolytic have electrolytes that freeze at about -30°C, so
solid tantalums are recommended for operation below -25°C. The value of this capacitor
may be increased without limit.
A 0.1µF capacitor (or greater) should be placed from the GS2905 input to ground if the lead
inductance between the input and power source exceeds 500nH (approximately 10 inches
of trace).


유사한 부품 번호 - GS2905Y15

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
GS2911 ETC1-GS2911 Datasheet
338Kb / 11P
   300mA CMOS Positive LDO Voltage Regulator
GS2911N15 ETC1-GS2911N15 Datasheet
338Kb / 11P
   300mA CMOS Positive LDO Voltage Regulator
GS2911N18 ETC1-GS2911N18 Datasheet
338Kb / 11P
   300mA CMOS Positive LDO Voltage Regulator
GS2911N20 ETC1-GS2911N20 Datasheet
338Kb / 11P
   300mA CMOS Positive LDO Voltage Regulator
GS2911N25 ETC1-GS2911N25 Datasheet
338Kb / 11P
   300mA CMOS Positive LDO Voltage Regulator
More results

유사한 설명 - GS2905Y15

제조업체부품명데이터시트상세설명
logo
Seaward Electronics Inc...
SE5218 SEAWARD-SE5218_16 Datasheet
233Kb / 7P
   500mA CMOS LDO Voltage Regulator
SE5218 SEAWARD-SE5218 Datasheet
181Kb / 7P
   500mA CMOS LDO Voltage Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219_08 Datasheet
282Kb / 10P
   500mA CMOS LDO Regulator
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219 Datasheet
297Kb / 10P
   500mA CMOS LDO Regulator
logo
Rohm
BU12TH5WNVX-1 ROHM-BU12TH5WNVX-1 Datasheet
2Mb / 24P
   FULL CMOS LDO Regulator (500mA)
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119 Datasheet
192Kb / 6P
   500mA CMOS LDO Linear Regulator
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Analog Microelectronics
AME8753 AME-AME8753 Datasheet
220Kb / 11P
   Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
   500mA Low Noise CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com