전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS6601HA 데이터시트(PDF) 7 Page - List of Unclassifed Manufacturers

부품명 TS6601HA
상세설명  Tact Switch Series (6x6mm)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

TS6601HA 데이터시트(HTML) 7 Page - List of Unclassifed Manufacturers

  TS6601HA Datasheet HTML 1Page - List of Unclassifed Manufacturers TS6601HA Datasheet HTML 2Page - List of Unclassifed Manufacturers TS6601HA Datasheet HTML 3Page - List of Unclassifed Manufacturers TS6601HA Datasheet HTML 4Page - List of Unclassifed Manufacturers TS6601HA Datasheet HTML 5Page - List of Unclassifed Manufacturers TS6601HA Datasheet HTML 6Page - List of Unclassifed Manufacturers TS6601HA Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7. Switch Handling Precautions
7.1 In case an automatic flow soldering apparatus is used for soldering, adhere to the following
conditions:
It e m
S o l d e r i n g c o ndit i o n
7.1.1. Preheat Temperature
100℃ max
(Ambient temperature of printed circuit board on
its soldering side)
7.1.2. Preheat Time
45 sec max.
7.1.3. Flux Foaming
To such an extent that fluxes will be kept flush with
the printed circuit board‘s top surface on which
components are mounted.
Preparatory flux must not be applied to that side of
printed circuit board on which components are
mounted and to the area where terminals located.
7.1.4. Soldering Temperature
255℃ max.
7.1.5. Duration of Solder Immersion
5 sec. max.
7.1.6. Allowable Frequency of Soldering process
2 times max.
7.2 Other precautions
7.2.1. Following the soldering process, do not try to clean the switch with a solvent or the like.
7.2.2. Safeguard the switch assembly against flux penetration from its topside.
7.2.3. Please have the products keep in close status and the storage time is 90 days guaranty after
delivering the goods at most.
PART NO:
TS6601H
6/6


유사한 부품 번호 - TS6601HA

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TS6 VISHAY-TS6 Datasheet
106Kb / 4P
   Multi-Turn Surface Mount Miniature 1/4" Square Ceremt Trimmers, Fully Sealed
Revision: 26-Jun-07
logo
STATEK CORPORATION
TS6 STATEK-TS6 Datasheet
196Kb / 2P
   Miniature Quartz Temperature Sensor
logo
Vishay Siliconix
TS6 VISHAY-TS6 Datasheet
116Kb / 5P
   Multi-Turn Surface Mount 1/4" Square Cermet Trimmers, Fully Sealed
Revision: 22-Sep-15
TS6 VISHAY-TS6 Datasheet
97Kb / 5P
   Multi-Turn Surface Mount 1/4 Square Cermet Trimmers, Fully Sealed
01-Jan-2022
logo
Tyco Electronics
TS6-1Y MACOM-TS6-1Y Datasheet
79Kb / 2P
   DC SOLID STATE RELAYS
More results

유사한 설명 - TS6601HA

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
4301X2XXX8X6 WURTH-4301X2XXX8X6 Datasheet
102Kb / 1P
   WS-TASV 6x6mm Tact Switch, SMD version
4304X1XXX8X6 WURTH-4304X1XXX8X6 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
430451025836 WURTH-430451025836 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
430451031836 WURTH-430451031836 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
430471035826 WURTH-430471035826 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
430481035816 WURTH-430481035816 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
logo
List of Unclassifed Man...
430152050826 ETC-430152050826 Datasheet
58Kb / 1P
   SWTACT WS-TSS 6X6MM TACT SWITCH, SMD VERSION
logo
Wurth Elektronik GmbH &...
4312X6XXX7X6 WURTH-4312X6XXX7X6 Datasheet
102Kb / 1P
   WS-TATU 6x6mm right angle Tact Switch, THT version
4304X3XXX8X6 WURTH-4304X3XXX8X6 Datasheet
99Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, J-Bend SMD version
430453035836 WURTH-430453035836 Datasheet
99Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, J-Bend SMD version
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com