전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

3-0110010-1 데이터시트(PDF) 2 Page - C&K Components

부품명 3-0110010-1
상세설명  Thumbwheel Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CK-COMPONENTS [C&K Components]
홈페이지  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

3-0110010-1 데이터시트(HTML) 2 Page - C&K Components

  3-0110010-1 Datasheet HTML 1Page - C&K Components 3-0110010-1 Datasheet HTML 2Page - C&K Components 3-0110010-1 Datasheet HTML 3Page - C&K Components 3-0110010-1 Datasheet HTML 4Page - C&K Components 3-0110010-1 Datasheet HTML 5Page - C&K Components 3-0110010-1 Datasheet HTML 6Page - C&K Components 3-0110010-1 Datasheet HTML 7Page - C&K Components 3-0110010-1 Datasheet HTML 8Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
M–4
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ckswitches.com
3 Series
Thumbwheel Switches
SERIES
NUMBER OF SECTIONS
FUNCTION CODE
Available Terminations: 0, 1, N
See fig. 1, page M-7.
Available Terminations: 1
See fig. 1, page M-7.
See fig. 1, page M-7.
Available Terminations: 0, 1, N
21  BCD 1-2-4-8; 10 POSITION
14  RESISTOR DECADE; 1-2-2-2-2 CODE
(RESISTORS NOT SUPPLIED)
11  DECIMAL–1 POLE; 10 POSITION
9
More than 8 switch sections, specify on CONFIGURATION FORM, page M–10 and consult Customer Service Center.
1-8 Number of switch sections in assembly, includes endplates.
0
Switch section only, no assembly. Blank bodies are considered sections; endplates are not sections.
Must be ordered with 09 or 19 mounting style options, see pages M–5 and M–6.
3  THUMBWHEEL SWITCHES
NOTE: Endplates and blank sections available separately, see pages M–13 and M–14.
NOTE: For terminal location diagram, see page M-7.
M
6 Mar 20


유사한 부품 번호 - 3-0110010-1

제조업체부품명데이터시트상세설명
logo
Altech corporation
3-001-Q-11 ALTECH-3-001-Q-11 Datasheet
221Kb / 1P
   22 mm Thermoplastic Enclosure White/Black Operator Capacity 1
3-001-R-11 ALTECH-3-001-R-11 Datasheet
176Kb / 1P
   22 mm Thermoplastic Enclosures White/Black Operator Capacity 2
logo
List of Unclassifed Man...
3-0057 ETC-3-0057 Datasheet
274Kb / 1P
   REVISED PER ECO 14834
REV. G
3-023 ETC2-3-023 Datasheet
93Kb / 1P
   SpectraDIL - 023 style SDS, SDC, SDD ranges
3-0258 ETC-3-0258 Datasheet
289Kb / 1P
   RED INDICATES ORIGINAL
REV.K
More results

유사한 설명 - 3-0110010-1

제조업체부품명데이터시트상세설명
logo
C&K Components
301100000 CK-COMPONENTS-301100000 Datasheet
387Kb / 8P
   Thumbwheel Switches
logo
ITT Industries
301100000 ITT-301100000 Datasheet
671Kb / 8P
   Thumbwheel Switches
logo
C&K Components
302719P02 CK-COMPONENTS-302719P02 Datasheet
381Kb / 8P
   3 Series Thumbwheel Switches
logo
Omron Electronics LLC
A7MD OMRON-A7MD Datasheet
466Kb / 4P
   Ultra-small Thumbwheel-operated Switches
A7MA OMRON-A7MA Datasheet
109Kb / 5P
   Thumbwheel Switch
logo
List of Unclassifed Man...
A7CN ETC-A7CN Datasheet
101Kb / 5P
   Thumbwheel Switch
logo
Omron Electronics LLC
A7AS OMRON-A7AS Datasheet
77Kb / 4P
   Thumbwheel Switch
A7P-M OMRON-A7P-M Datasheet
1Mb / 25P
   Thumbwheel Switch
logo
Grayhill, Inc
62T22-N0-040C GRAYHILL-62T22-N0-040C Datasheet
258Kb / 2P
   Thumbwheel with Pushbutton
logo
Omron Electronics LLC
A7CN OMRON-A7CN Datasheet
493Kb / 6P
   Thumbwheel Switch
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com