전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC12H064DBCA-2SA00 데이터시트(PDF) 10 Page - Samsung semiconductor

부품명 MC12H064DBCA-2SA00
상세설명  SAMSUNG MultiMediaCard
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

MC12H064DBCA-2SA00 데이터시트(HTML) 10 Page - Samsung semiconductor

Back Button MC12H064DBCA-2SA00 Datasheet HTML 6Page - Samsung semiconductor MC12H064DBCA-2SA00 Datasheet HTML 7Page - Samsung semiconductor MC12H064DBCA-2SA00 Datasheet HTML 8Page - Samsung semiconductor MC12H064DBCA-2SA00 Datasheet HTML 9Page - Samsung semiconductor MC12H064DBCA-2SA00 Datasheet HTML 10Page - Samsung semiconductor MC12H064DBCA-2SA00 Datasheet HTML 11Page - Samsung semiconductor MC12H064DBCA-2SA00 Datasheet HTML 12Page - Samsung semiconductor MC12H064DBCA-2SA00 Datasheet HTML 13Page - Samsung semiconductor MC12H064DBCA-2SA00 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 102 page
background image
MultiMediaCardTM
10
Sep.22.2005
Revision 0.3
3.9 SPI Mode
The operating condition negotiation function of the MultiMediaCard bus is not supported in SPI mode. The host must work
within the valid voltage range (2.7 to 3.6 volts) of the card.
3.9.1 Negotiating Operation Conditions
The SPI mode is a secondary (optional) communication protocol offered for MultiMediaCard. This mode is a subset of the
MultiMediaCard protocol, designed to communicate with an SPI channel, commonly found in Motorola’s(and lately a few
other vendors’) microcontrollers.
The card acquisition and identification function of the MultiMediaCard bus is not supported in SPI mode. The host must
know the number of cards currently connected on the bus. Specific card selection is done via the CS signal.
3.9.2 Card Acquisition and Identification
In SPI mode only 16bits (containing the errors relevant to SPI mode) can be read out of the MultiMediaCard status regis-
ter.
3.9.3 Card status
Memory partioning in SPI mode is equivalent to MultiMediaCard mode. All read and write commands are byte address-
able.
3.9.4 Memroy Array Partitioning
In SPI mode, only single block read/write mode is supported.
3.9.5 Read and Write Operations
In SPI mode, only single block mode is supported. The typical access time (latency) for each data block, in read opera-
tion, is 1.5ms. The write typical access time (latency) for each data block, in read operation, is 1.5ms. The write block
operation is done in handshake mode. The card will keep DataOut line low as long as the write operation is in progress
and there are no write buffers available.
3.9.6 Data Transfer Rate
Same as in the MultiMediaCard mode.
3.9.7 Data protection in the MultiMediaCard
Same as in the MultiMediaCard mode.
3.9.8 Erase


유사한 부품 번호 - MC12H064DBCA-2SA00

제조업체부품명데이터시트상세설명
logo
C&K Components
MC12 CK-COMPONENTS-MC12 Datasheet
545Kb / 5P
   Half-inch Rotary Switches
logo
SL Power Electronics
MC12-3.4-A SLPOWER-MC12-3.4-A Datasheet
374Kb / 7P
   DC Power Supplies
MC12-3.4-A SLPOWER-MC12-3.4-A Datasheet
720Kb / 7P
   Commercial/Medical International Linears
logo
Motorola, Inc
MC1200 MOTOROLA-MC1200 Datasheet
192Kb / 4P
   6-INPUT GATES
MC12002 MOTOROLA-MC12002 Datasheet
140Kb / 8P
   ANALOG MIXER
More results

유사한 설명 - MC12H064DBCA-2SA00

제조업체부품명데이터시트상세설명
logo
OKI electronic componet...
MR57T00101F OKI-MR57T00101F Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Transcend Information. ...
TS128MMC TRANSCEND-TS128MMC Datasheet
266Kb / 10P
   MultiMediaCard
logo
Samsung semiconductor
S3F49DAX SAMSUNG-S3F49DAX Datasheet
202Kb / 44P
   MultiMediaCard Controllers
logo
OKI electronic componet...
MR57T01601J OKI-MR57T01601J Datasheet
147Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
MC12U064HACA SAMSUNG-MC12U064HACA Datasheet
1Mb / 66P
   MultiMediaCard Specification
logo
OKI electronic componet...
MR57T00801G OKI-MR57T00801G Datasheet
148Kb / 24P
   P2ROM MultiMediaCard
MR57T00401J OKI-MR57T00401J Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Hitachi Semiconductor
HB288032MM1 HITACHI-HB288032MM1 Datasheet
236Kb / 80P
   MultiMediaCard 32 MByte
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
HB288016MM1 HITACHI-HB288016MM1 Datasheet
233Kb / 79P
   MultiMediaCard 16 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com