전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC1GH256DACA-2SA00 데이터시트(PDF) 5 Page - Samsung semiconductor

부품명 MC1GH256DACA-2SA00
상세설명  SAMSUNG MultiMediaCard
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

MC1GH256DACA-2SA00 데이터시트(HTML) 5 Page - Samsung semiconductor

  MC1GH256DACA-2SA00 Datasheet HTML 1Page - Samsung semiconductor MC1GH256DACA-2SA00 Datasheet HTML 2Page - Samsung semiconductor MC1GH256DACA-2SA00 Datasheet HTML 3Page - Samsung semiconductor MC1GH256DACA-2SA00 Datasheet HTML 4Page - Samsung semiconductor MC1GH256DACA-2SA00 Datasheet HTML 5Page - Samsung semiconductor MC1GH256DACA-2SA00 Datasheet HTML 6Page - Samsung semiconductor MC1GH256DACA-2SA00 Datasheet HTML 7Page - Samsung semiconductor MC1GH256DACA-2SA00 Datasheet HTML 8Page - Samsung semiconductor MC1GH256DACA-2SA00 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 102 page
background image
MultiMediaCardTM
5
Sep.22.2005
Revision 0.3
1. Ordering Information
1. Module: M
2. Card: C
3~4. Flash Density
64 : 64M
28 : 128M
56 : 256M
12 : 512M
5D : 512M DDP
1G : 1G
1D : 1G DDP
2G : 2G
2D : 2G DDP
4D : 4G DDP
4Q : 4G QDP
8Q : 8G QDP
5. Feature
H : High Speeed MultiMediaCard
6~8. Card Density
008 : 8M Byte
016 : 16M Byte
032 : 32M Byte
048 : 48M Byte
064 : 64M Byte
096 : 96M Byte
128 : 128M Byte
192 : 192M Byte
256 : 256M Byte
384 : 384M Byte
512 : 512M Byte
01G : 1G Byte
02G : 2G Byte
04G : 4G Byte
08G : 8G Byte
9. Card Type
N : Standard-Size MultiMediaCard
H : Reduced-Size MultiMediaCard
D : Dual Voltage Reduced-Size MultiMediaCard
10. Component Generation
M : 1st Generation
A : 2nd Generation
B : 3rd Generation
C : 4th Generation
D : 5th Generation
11. Flash Package
C : CHIP
Y : TSOP1
V : WSOP
B : TBGA
12. PCB Revision
A : None
B : 1st Rev.
C : 2nd Rev.
13. " - "
14. Packing Type
0 : Bulk Type I
1 : Bulk Type II (By White Case)
2 : Bulk Type I (No Label)
3 : Bulk Type II (No Label)
4 : Bulk Type I (only Back Label)
5 : Bulk Type II (only Back Label)
15. Controller
S : S3F49SAX
16. Controller Firmware Revision
A : None
B : 1st Rev.
C : 2nd Rev.
D : 3rd Rev.
E : 4th Rev.
17 ~ 18. Customer Grade
" Customer List Reference "
2. Product Line-up
M C X X X X X X X X X X - X X X X X
1
2 3 4
5 6 7 8 9 10 11 12 13 14 15 16 17 18
Model Number
Capacities
Remarks
MC12H064NBCA-2SA00
64MB
Standard-Size
High Speed MultiMediaCard
MC1GH128NACA-2SA00
128MB
MC2GH256NMCA-2SA00
256MB
MC2GH512NMCA-2SA00
512MB
MC4GH01GNMCA-2SA00
1GB
MC4GH02GNMCA-2SA00
2GB


유사한 부품 번호 - MC1GH256DACA-2SA00

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
MC1GU016HACA SAMSUNG-MC1GU016HACA Datasheet
1Mb / 66P
   MultiMediaCard Specification
MC1GU016HACA-0QC00 SAMSUNG-MC1GU016HACA-0QC00 Datasheet
1Mb / 66P
   MultiMediaCard Specification
MC1GU016HACB-0QC00 SAMSUNG-MC1GU016HACB-0QC00 Datasheet
1Mb / 66P
   MultiMediaCard Specification
MC1GU016HACC-0QC00 SAMSUNG-MC1GU016HACC-0QC00 Datasheet
1Mb / 66P
   MultiMediaCard Specification
MC1GU016HAFA-0QC00 SAMSUNG-MC1GU016HAFA-0QC00 Datasheet
1Mb / 66P
   MultiMediaCard Specification
More results

유사한 설명 - MC1GH256DACA-2SA00

제조업체부품명데이터시트상세설명
logo
OKI electronic componet...
MR57T00101F OKI-MR57T00101F Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Transcend Information. ...
TS128MMC TRANSCEND-TS128MMC Datasheet
266Kb / 10P
   MultiMediaCard
logo
Samsung semiconductor
S3F49DAX SAMSUNG-S3F49DAX Datasheet
202Kb / 44P
   MultiMediaCard Controllers
logo
OKI electronic componet...
MR57T01601J OKI-MR57T01601J Datasheet
147Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
MC12U064HACA SAMSUNG-MC12U064HACA Datasheet
1Mb / 66P
   MultiMediaCard Specification
logo
OKI electronic componet...
MR57T00801G OKI-MR57T00801G Datasheet
148Kb / 24P
   P2ROM MultiMediaCard
MR57T00401J OKI-MR57T00401J Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Hitachi Semiconductor
HB288032MM1 HITACHI-HB288032MM1 Datasheet
236Kb / 80P
   MultiMediaCard 32 MByte
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
HB288016MM1 HITACHI-HB288016MM1 Datasheet
233Kb / 79P
   MultiMediaCard 16 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com