전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTA1036S3 데이터시트(PDF) 3 Page - Cystech Electonics Corp.

부품명 BTA1036S3
상세설명  General Purpose PNP Epitaxial Planar Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTA1036S3 데이터시트(HTML) 3 Page - Cystech Electonics Corp.

  BTA1036S3 Datasheet HTML 1Page - Cystech Electonics Corp. BTA1036S3 Datasheet HTML 2Page - Cystech Electonics Corp. BTA1036S3 Datasheet HTML 3Page - Cystech Electonics Corp. BTA1036S3 Datasheet HTML 4Page - Cystech Electonics Corp. BTA1036S3 Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C305S3-R
Issued Date : 2003.11.18
Revised Date : 2005.08.31
Page No. : 3/5
BTA1036S3
CYStek Product Specification
Characteristic Curves
Current Gain vs Collector Current
10
100
1000
0.1
1
10
100
1000
Collector Current---IC(mA)
VCE=10V
Saturation Voltage vs Collector Current
0.01
0.1
1
10
0.1
1
10
100
1000
Collector Current---IC(mA)
VCE(sat)@IC=10IB
Saturation Voltage vs Collector Current
0.01
0.1
1
10
0.1
1
10
100
1000
Collector Current---IC(mA)
VCE(sat)@IC=20IB
Saturation Voltage vs Collector Current
0.1
1
10
0.1
1
10
100
1000
Collector Current---IC(mA)
VBE(sat)@IC=10IB
On Voltage vs Collector Current
0.4
0.6
0.8
1
1.2
0.1
1
10
100
1000
Collector Current---IC(mA)
VBE(on)@VCE=1V
Power Derating Curve
0
20
40
60
80
100
120
140
160
0
50
100
150
200
Ambient T emperature --- T a(℃)


유사한 부품 번호 - BTA1036S3

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
BTA1036N3 CYSTEKEC-BTA1036N3 Datasheet
265Kb / 5P
   General Purpose PNP Epitaxial Planar Transistor
More results

유사한 설명 - BTA1036S3

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KTA1042D KEC-KTA1042D Datasheet
395Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE)
KTA1276 KEC-KTA1276 Datasheet
121Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE)
logo
Cystech Electonics Corp...
BTB1198M3 CYSTEKEC-BTB1198M3 Datasheet
297Kb / 6P
   General Purpose PNP Epitaxial Planar Transistor
BTP1207A3 CYSTEKEC-BTP1207A3 Datasheet
301Kb / 6P
   General Purpose PNP Epitaxial Planar Transistor
BTP2907AN3 CYSTEKEC-BTP2907AN3 Datasheet
168Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTA733A3 CYSTEKEC-BTA733A3 Datasheet
177Kb / 5P
   General Purpose PNP Epitaxial Planar Transistor
BTA1579S3 CYSTEKEC-BTA1579S3 Datasheet
165Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTP3906N3 CYSTEKEC-BTP3906N3 Datasheet
181Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTA9012A3 CYSTEKEC-BTA9012A3 Datasheet
326Kb / 8P
   General Purpose PNP Epitaxial Planar Transistor
BTP5401A3 CYSTEKEC-BTP5401A3 Datasheet
154Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BCP53L3 CYSTEKEC-BCP53L3 Datasheet
265Kb / 7P
   General Purpose PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com