전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTA1576S3 데이터시트(PDF) 4 Page - Cystech Electonics Corp.

부품명 BTA1576S3
상세설명  General Purpose PNP Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTA1576S3 데이터시트(HTML) 4 Page - Cystech Electonics Corp.

  BTA1576S3 Datasheet HTML 1Page - Cystech Electonics Corp. BTA1576S3 Datasheet HTML 2Page - Cystech Electonics Corp. BTA1576S3 Datasheet HTML 3Page - Cystech Electonics Corp. BTA1576S3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C306S3
Issued Date : 2002.05.11
Revised Date : 2002.11.26
Page No. : 4/4
BTA1576S3
CYStek Product Specification
SOT-323 Dimension
*: Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.0315
0.0433
0.80
1.10
e1
0.0256
-
0.65
-
A1
0.0000
0.0039
0.00
0.10
He
0.0787
0.0886
2.00
2.25
bp
0.0118
0.0157
0.30
0.40
Lp
0.0059
0.0177
0.15
0.45
C
0.0039
0.0098
0.10
0.25
Q
0.0051
0.0091
0.13
0.23
D
0.0709
0.0866
1.80
2.20
v
0.0079
-
0.2
-
E
0.0453
0.0531
1.15
1.35
w
0.0079
-
0.2
-
e
0.0512
-
1.3
-
θ
-
-
10
°
0
°
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: 42 Alloy ; solder plating
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
He
E
A
A1
Q
Lp
e1
e
bp
12
3
D
W
B
v
A
Z
detail Z
A
C
θ
01
2
scale
mm
Style: Pin 1.Base 2.Emitter 3.Collector
3-Lead SOT-323 Plastic
Surface Mounted Package
CYStek Package Code: S3
Marking:
TE
A4


유사한 부품 번호 - BTA1576S3

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
BTA1577S3 CYSTEKEC-BTA1577S3 Datasheet
161Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTA1579S3 CYSTEKEC-BTA1579S3 Datasheet
165Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
More results

유사한 설명 - BTA1576S3

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KTA1042D KEC-KTA1042D Datasheet
395Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE)
KTA1276 KEC-KTA1276 Datasheet
121Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE)
logo
Cystech Electonics Corp...
BTB1198M3 CYSTEKEC-BTB1198M3 Datasheet
297Kb / 6P
   General Purpose PNP Epitaxial Planar Transistor
BTP1207A3 CYSTEKEC-BTP1207A3 Datasheet
301Kb / 6P
   General Purpose PNP Epitaxial Planar Transistor
BTP2907AN3 CYSTEKEC-BTP2907AN3 Datasheet
168Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTA733A3 CYSTEKEC-BTA733A3 Datasheet
177Kb / 5P
   General Purpose PNP Epitaxial Planar Transistor
BTA1579S3 CYSTEKEC-BTA1579S3 Datasheet
165Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTP3906N3 CYSTEKEC-BTP3906N3 Datasheet
181Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTA9012A3 CYSTEKEC-BTA9012A3 Datasheet
326Kb / 8P
   General Purpose PNP Epitaxial Planar Transistor
BTP5401A3 CYSTEKEC-BTP5401A3 Datasheet
154Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BCP53L3 CYSTEKEC-BCP53L3 Datasheet
265Kb / 7P
   General Purpose PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com