전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTB1132M3 데이터시트(PDF) 1 Page - Cystech Electonics Corp.

부품명 BTB1132M3
상세설명  Low Vcesat PNP Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTB1132M3 데이터시트(HTML) 1 Page - Cystech Electonics Corp.

  BTB1132M3 Datasheet HTML 1Page - Cystech Electonics Corp. BTB1132M3 Datasheet HTML 2Page - Cystech Electonics Corp. BTB1132M3 Datasheet HTML 3Page - Cystech Electonics Corp. BTB1132M3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C313M3
Issued Date : 2003.05.13
Revised Date :
Page No. : 1/4
BTB1132M3
CYStek Product Specification
Low Vcesat PNP Epitaxial Planar Transistor
BTB1132M3
Features
• Low VCE(sat), VCE(sat)=-0.15V (typical), at IC / IB =- 0.5A /- 50mA
• Complementary to BTD1664M3
Symbol
Outline
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Limits
Unit
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-32
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current(DC)
IC
-1
A
Collector Current(Pulse)
ICP
-2.5
*1
A
0.6
Power Dissipation
Pd
2
*2
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55~+150
°C
Note : *1 Single pulse, Pw=10ms
*2 When mounted on a 40 × 40 × 0.7mm ceramic board.
SOT-89
BTB1132M3
B:Base
C:Collector
E:Emitter
B C E


유사한 부품 번호 - BTB1132M3

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
BTB1116AN3 CYSTEKEC-BTB1116AN3 Datasheet
328Kb / 9P
   General Purpose PNP Epitaxial Planar Transistor
BTB1116AN3-0-T1-G;;SOT-23 CYSTEKEC-BTB1116AN3-0-T1-G;;SOT-23 Datasheet
328Kb / 9P
   General Purpose PNP Epitaxial Planar Transistor
BTB1182J3 CYSTEKEC-BTB1182J3 Datasheet
139Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1184J3 CYSTEKEC-BTB1184J3 Datasheet
169Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1184J3 CYSTEKEC-BTB1184J3 Datasheet
245Kb / 6P
   Low Vcesat PNP Epitaxial Planar Transistor
More results

유사한 설명 - BTB1132M3

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
BTB1205I3 CYSTEKEC-BTB1205I3_09 Datasheet
227Kb / 6P
   Low Vcesat PNP Epitaxial Planar Transistor
BTA1952E3 CYSTEKEC-BTA1952E3 Datasheet
149Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1326I3 CYSTEKEC-BTB1326I3 Datasheet
138Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188AM3 CYSTEKEC-BTB1188AM3 Datasheet
252Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188M3R CYSTEKEC-BTB1188M3R Datasheet
253Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTPA92T3 CYSTEKEC-BTPA92T3 Datasheet
311Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772D3 CYSTEKEC-BTB772D3 Datasheet
307Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772AT3 CYSTEKEC-BTB772AT3 Datasheet
268Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1205I3 CYSTEKEC-BTB1205I3 Datasheet
157Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1184J3 CYSTEKEC-BTB1184J3 Datasheet
169Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1412J3 CYSTEKEC-BTB1412J3_09 Datasheet
246Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com