전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS1524-CTD 데이터시트(PDF) 1 Page - Gennum Corporation

부품명 GS1524-CTD
상세설명  GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENNUM [Gennum Corporation]
홈페이지  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1524-CTD 데이터시트(HTML) 1 Page - Gennum Corporation

  GS1524-CTD Datasheet HTML 1Page - Gennum Corporation GS1524-CTD Datasheet HTML 2Page - Gennum Corporation GS1524-CTD Datasheet HTML 3Page - Gennum Corporation GS1524-CTD Datasheet HTML 4Page - Gennum Corporation GS1524-CTD Datasheet HTML 5Page - Gennum Corporation GS1524-CTD Datasheet HTML 6Page - Gennum Corporation GS1524-CTD Datasheet HTML 7Page - Gennum Corporation GS1524-CTD Datasheet HTML 8Page - Gennum Corporation GS1524-CTD Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
www.gennum.com
GS1524 HD-LINX™ II
Multi-Rate SDI Adaptive
Cable Equalizer
GS1524 Data Sheet
14976 - 7
June 2005
1 of 18
Key Features
SMPTE 292M, SMPTE 344M and SMPTE 259M
compliant
automatic cable equalization
multi-standard operation from 143Mb/s to
1.485Gb/s
supports DVB-ASI at 270Mb/s
manual bypass (useful for low data rates with slow
rise/fall times)
performance optimized for 270Mb/s and 1.485Gb/s
typical maximum equalized length of Belden 1694A
cable: 140m at 1.485Gb/s, 350m at 270Mb/s
•50
Ω differential output (with internal 50Ω pull-ups)
Pb-free and RoHS Compliant
Key Specifications
cable length indicator for SMPTE 259M inputs
output mute based on max cable length adjust or
manual override
single 3.3V power supply operation
operating temperature range: 0°C to +70°C
Applications
SMPTE 292M, SMPTE 344M and SMPTE 259M
Coaxial Cable Serial Digital Interfaces
Description
The GS1524 is a second-generation high-speed bipolar
integrated circuit designed to equalize and restore
signals received over 75
Ω co-axial cable at data rates
from 143Mb/s up to 1.485Gb/s. The GS1524 is
designed to support SMPTE 292M, SMPTE 344M and
SMPTE 259M, and is optimized for performance at
270Mb/s and 1.485Gb/s.
The GS1524 features DC restoration to compensate for
the DC content of SMPTE pathological test patterns.
The GS1524 also incorporates a Cable Length Indicator
(CLI) that provides an indication of the amount of cable
being equalized for data rates up to 360Mb/s.
A voltage programmable mute threshold (MCLADJ) is
included to allow muting of the GS1524 output when an
approximate selected cable length is reached for
SMPTE 259M signals. This feature allows the GS1524
to distinguish between low amplitude SD-SDI signals
and noise at the input of the device. The CD/MUTE pin
provides an indication of the GS1524 mute status in
addition to functioning as a mute control input. The SD
outputs of the GS1524 may be forced to a mute state by
applying a voltage to the CD/MUTE pin.
Power consumption is typically 265mW using a 3.3V
power supply.
This component and all homogeneous subcomponents
are RoHS compliant.
Functional Block Diagram
CABLE LENGTH INDICATOR/ADJUSTOR
CARRIER DETECT
MUTE
EQUALIZER
DC RESTORE
OUTPUT
AGC
CLI
CD/MUTE
SDO
BYPASS
SDO
SDI
SDI
MCLADJ


유사한 부품 번호 - GS1524-CTD

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS1524-CTDE3 GENNUM-GS1524-CTDE3 Datasheet
1Mb / 16P
   Multi-Rate SDI Adaptive Cable Equalizer
GS1524-CTDE3Z GENNUM-GS1524-CTDE3Z Datasheet
1Mb / 16P
   Multi-Rate SDI Adaptive Cable Equalizer
More results

유사한 설명 - GS1524-CTD

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS1574 GENNUM-GS1574 Datasheet
279Kb / 17P
   GS1574 HD-LINX -TM II Adaptive Cable Equalizer
GS9074A GENNUM-GS9074A_09 Datasheet
1Mb / 17P
   HD-LINX II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A_11 Datasheet
1Mb / 16P
   HD-LINX II Adaptive Cable Equalizer
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
   GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1524 GENNUM-GS1524_11 Datasheet
1Mb / 16P
   Multi-Rate SDI Adaptive Cable Equalizer
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1574A GENNUM-GS1574A Datasheet
342Kb / 16P
   GS1574A HD-LINX-R II Adaptive Cable Equalizer
GS9074A GENNUM-GS9074A Datasheet
342Kb / 16P
   GS9074A HD-LINX-R II Adaptive Cable Equalizer
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com