전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS1575A 데이터시트(PDF) 10 Page - Gennum Corporation

부품명 GS1575A
상세설명  GS1575A / GS9075A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENNUM [Gennum Corporation]
홈페이지  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1575A 데이터시트(HTML) 10 Page - Gennum Corporation

Back Button GS1575A Datasheet HTML 6Page - Gennum Corporation GS1575A Datasheet HTML 7Page - Gennum Corporation GS1575A Datasheet HTML 8Page - Gennum Corporation GS1575A Datasheet HTML 9Page - Gennum Corporation GS1575A Datasheet HTML 10Page - Gennum Corporation GS1575A Datasheet HTML 11Page - Gennum Corporation GS1575A Datasheet HTML 12Page - Gennum Corporation GS1575A Datasheet HTML 13Page - Gennum Corporation GS1575A Datasheet HTML 14Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
GS1575A / GS9075A Data Sheet
34716 - 0
December 2005
10 of 29
2.3 AC Electrical Characteristics
Bi-Directional Pins (Auto Mode)
SS[2:0], AUTO/MAN = 1
VOH
High, 250uA Load
2.8
V
VOL
Low, 250uA Load
0.5
V
XTAL_OUT+, XTAL_OUT-
VOH
High
VCC
–V
VOL
Low
VCC - 0.285
V
SCO_ENABLE
1.5mA of current
delivered
VCC - 0.165
VCC + 0.165
V
Serial Input Voltage
Common Mode
1.65 +
(VSID/2)
–VCC -
(VSID/2)
V
Serial Output Voltage
SDO/SDO, SCO/SCO
Common Mode
VCC - (VOD/2)
V
Table 2-1: DC Electrical Characteristics (Continued)
VCC = 3.3V, TA = 0°C to 70°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Table 2-2: AC Electrical Characteristics
VCC = 3.3V, TA = 0°C to 70°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Serial Input Data Rate
GS1575A
143
1485
Mb/s
GS9075A
143
540
Mb/s
Serial Input Jitter Tolerance
Worst case modulation (e.g.
square wave modulation)
143, 270, 360, 1485 Mb/s
0.8
UI
PLL Lock Time - Asynchronous
tALOCK
––
10
ms
PLL Lock Time - Synchronous
tSLOCK
CLF=47nF, SD/HD=0
10
us
tSLOCK
CLF=47nF, SD/HD=1
39
us
Serial Output Rise/Fall Time
SDO/SDO and SCO/SCO
(20% - 80%)
trSDO,trSCO
50
Ω load (on chip)
114
ps
tfSDO,tfSCO
50
Ω load (on chip)
106
ps
Serial Digital Input Signal Swing
VSID
Differential with internal 100
Ω
input termination
See Figure 2-1
100
800
mVp-p
Serial Digital Output Signal
Swing
SDO/SDO and SCO/SCO
VOD
100
Ω load differential
See Figure 2-2
1400
1600
2200
mVp-p


유사한 부품 번호 - GS1575A

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS1575B SEMTECH-GS1575B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
More results

유사한 설명 - GS1575A

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
GS1535A GENNUM-GS1535A Datasheet
439Kb / 27P
   GS1535A / GS9065A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
   GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS2975A SEMTECH-GS2975A Datasheet
1,005Kb / 27P
   HD-LINX짰 III Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS1535A GENNUM-GS1535A_06 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS1575B SEMTECH-GS1575B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
GS9075B SEMTECH-GS9075B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
logo
M/A-COM Technology Solu...
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
   3G/HD/SD-SDI Multi-rate Reclocker
M21245-15 MA-COM-M21245-15 Datasheet
1Mb / 54P
   3G/HD/SD-SDI Multi-rate Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com