전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS1501 데이터시트(PDF) 7 Page - Gennum Corporation

부품명 GS1501
상세설명  HDTV Serial Digital Formatter with ANC FIFOs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENNUM [Gennum Corporation]
홈페이지  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1501 데이터시트(HTML) 7 Page - Gennum Corporation

Back Button GS1501 Datasheet HTML 3Page - Gennum Corporation GS1501 Datasheet HTML 4Page - Gennum Corporation GS1501 Datasheet HTML 5Page - Gennum Corporation GS1501 Datasheet HTML 6Page - Gennum Corporation GS1501 Datasheet HTML 7Page - Gennum Corporation GS1501 Datasheet HTML 8Page - Gennum Corporation GS1501 Datasheet HTML 9Page - Gennum Corporation GS1501 Datasheet HTML 10Page - Gennum Corporation GS1501 Datasheet HTML 11Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
GENNUM CORPORATION
52234 - 4
7
95
FOEN
Non-
synchronous
Input
Control Signal Input.
Used to enable or disable the FIFO status
flags. When FOEN is low, the FIFO status flags are enabled.
When FOEN is high, the FIFO status flags are disabled.
96
FFRST
Synchronous
wrt PCLK_IN
Input
Control Signal Input.
FFRST is used to supply synchronous
reset signals to the FIFO. When FFRST is low, the FIFO is reset
and all internal read and write address pointers are set to their
starting locations.
97
WEN
Synchronous
wrt W_CLK
Input
Control Signal Input.
Used to enable or disable writing to the
internal FIFO. When WEN is high, writing to the internal FIFO is
not allowed. Internal write address pointers are stopped at their
current position. WEN is sampled on the rising edge of W_CLK.
When WEN is low, writing to the FIFO is enabled.
98
REN
Synchronous
wrt PCLK_IN
Input
Control Signal Input.
Used to enable or disable incrementation
of the internal read address pointers. When REN is low, the
internal read address pointers are incremented with each clock
pulse. When REN is high, the internal read address pointers are
stopped at their current position.
100
FM_I/E
Non-
synchronous
Input
Control Signal Input.
When FM_I/E is high, the device operates
in a mode where the FIFO reset and read enable signals are
generated internally. In this mode, the device limits the data
insertion to the HANC region of the video stream. The ANC data
to be inserted into the current HANC region are externally
supplied via the FIFO interface during the active video period of
the previous line using the WEN signal. When FM_I/E is low, the
device operates in another mode where the FIFO reset and
read enable signals are generated externally by the user and
supplied to the device via the FFRST and REN control signal
inputs.
101
ANC_Y/C
Synchronous
wrt W_CLK
Input
Control Signal Input.
Used to control insertion of ANC data into
the LUMA or CHROMA FIFO. When ANC_Y/C is high, data
written to the device is placed into the internal LUMA FIFO, or
read into the Luma data stream. When ANC_Y/C is low, data
written to the device is placed into the internal CHROMA FIFO,
or read into the Chroma data stream.
103,104,105,
106, 107, 108,
111, 112, 113,
114
DATA_IN [19:10]
(LUMA channel)
Synchronous
wrt PCLK_IN
Input
Input Data Bus.
LUMA CHANNEL. DATA_IN [19] is the MSB of
the LUMA input signal (pin 103). DATA_IN [10] is the LSB of the
LUMA input signal (pin 114).
117, 118, 119,
120, 121, 122,
123, 124, 125,
126
DATA_IN [9:0]
(CHROMA channel)
Synchronous
wrt PCLK_IN
Input
CHROMA Input Data Bus.
CHROMA CHANNEL DATA_IN [9] is
the MSB of the CHROMA signal (pin 117). DATA_IN [0] is the
LSB of the CHROMA signal (pin 126).
1.2 PIN DESCRIPTIONS
(Continued)
(Continued)
(Continued)
(Continued)
PIN NUMBER
NAME
TIMING
TYPE
DESCRIPTION


유사한 부품 번호 - GS1501

제조업체부품명데이터시트상세설명
logo
DAESAN ELECTRONIC CORP.
GS1501FL DAESAN-GS1501FL Datasheet
394Kb / 2P
   STANDARD RECTIFIER
More results

유사한 설명 - GS1501

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS1500 GENNUM-GS1500 Datasheet
146Kb / 17P
   HDTV Serial Digital Deformatter with ANC FIFOs
GS1511 GENNUM-GS1511 Datasheet
131Kb / 9P
   HD-LINX -TM GS1511 HDTV Serial Digital Formatter
GS1522 GENNUM-GS1522 Datasheet
414Kb / 20P
   HDTV Serial Digital Serializer
GS1510 GENNUM-GS1510 Datasheet
106Kb / 11P
   HDTV Serial Digital Deformatter
GS1515 GENNUM-GS1515 Datasheet
336Kb / 17P
   HDTV Serial Digital Reclocker
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS1545 GENNUM-GS1545_04 Datasheet
279Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1545 GENNUM-GS1545 Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
GS1540 GENNUM-GS1540 Datasheet
180Kb / 16P
   HDTV Serial Digital Non-Equalizing Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com