전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS1503-CFZ 데이터시트(PDF) 3 Page - Gennum Corporation

부품명 GS1503-CFZ
상세설명  HD EMBEDDED AUDIO CODEC
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENNUM [Gennum Corporation]
홈페이지  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1503-CFZ 데이터시트(HTML) 3 Page - Gennum Corporation

  GS1503-CFZ Datasheet HTML 1Page - Gennum Corporation GS1503-CFZ Datasheet HTML 2Page - Gennum Corporation GS1503-CFZ Datasheet HTML 3Page - Gennum Corporation GS1503-CFZ Datasheet HTML 4Page - Gennum Corporation GS1503-CFZ Datasheet HTML 5Page - Gennum Corporation GS1503-CFZ Datasheet HTML 6Page - Gennum Corporation GS1503-CFZ Datasheet HTML 7Page - Gennum Corporation GS1503-CFZ Datasheet HTML 8Page - Gennum Corporation GS1503-CFZ Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 83 page
background image
15879 - 4
3 of 83
Fig. 1 Video Data Input Setup & Hold Time
AC ELECTRICAL CHARACTERISTICS
VDD = 3.3V ± 5%, TA = 0°C to 70°C unless otherwise shown.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Video Clock Frequency
-
74.25
80
MHz
Video Clock Pulse Width Low
tVPWL
5.0
-
-
ns
Video Clock Pulse Width High
tVPWH
5.0
-
-
ns
Video Input Data Setup Time
tVS
3.5
-
-
ns
Video Input Data Hold Time
tVH
1.0
-
-
ns
Video Output Data Delay Time
tVOD
With 10pF loading
-
-
8.5
ns
Video Output Data Hold Time
tVOH
With 10pF loading
1.0
-
-
ns
Audio Clock Frequency
-
6.144
-
MHz
Audio Clock Pulse Width Low
tAPWL
60
-
-
ns
Audio Clock Pulse Width High
tAPWH
60
-
-
ns
Audio Input Data Setup Time
tAS
10.5
-
-
ns
Audio Input Data Hold Time
tAH
1.0
-
-
ns
Audio Output Data Delay Time
tAOD
With 10pF loading
-
-
20.0
ns
Audio Output Data Hold Time
tAOH
With 10pF loading
1.0
-
-
ns
Reset Pulse Width
tRESET
1-
-
ms
Device Latency
Multiplexer Mode
Demultiplexer Mode
53
53
53
53
53
53
PCLKs
VCLK
Data*
* VIN[19:0],
EXTF, EXTH, PKTEN, PKT[7:0]
tVS
tVH


유사한 부품 번호 - GS1503-CFZ

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS1503B GENNUM-GS1503B Datasheet
1Mb / 90P
   HD Embedded Audio CODEC Data Sheet
GS1503BCVE2 GENNUM-GS1503BCVE2 Datasheet
1Mb / 90P
   HD Embedded Audio CODEC Data Sheet
More results

유사한 설명 - GS1503-CFZ

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS1503B GENNUM-GS1503B Datasheet
1Mb / 90P
   HD Embedded Audio CODEC Data Sheet
GS9023B GENNUM-GS9023B Datasheet
714Kb / 56P
   Embedded Audio CODEC
logo
List of Unclassifed Man...
GS9023 ETC-GS9023 Datasheet
301Kb / 33P
   Embedded Audio CODEC
logo
Analog Devices
AD1983 AD-AD1983 Datasheet
427Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
AD1981HD AD-AD1981HD Datasheet
385Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
AD1981HD AD-AD1981HD_15 Datasheet
386Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
logo
Realtek Semiconductor C...
ALC888S-VD REALTEK-ALC888S-VD_11 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD_11 REALTEK-ALC888S-VD_11_05 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
logo
Analog Devices
ADAV400 AD-ADAV400_15 Datasheet
620Kb / 36P
   Audio Codec with Embedded SigmaDSP Processor
REV. A
logo
Texas Instruments
PCM3070 TI1-PCM3070 Datasheet
908Kb / 41P
[Old version datasheet]   Stereo Audio Codec With Embedded miniDSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com