전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM4920 데이터시트(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM4920
상세설명  Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4920 데이터시트(HTML) 8 Page - National Semiconductor (TI)

Back Button LM4920 Datasheet HTML 4Page - National Semiconductor (TI) LM4920 Datasheet HTML 5Page - National Semiconductor (TI) LM4920 Datasheet HTML 6Page - National Semiconductor (TI) LM4920 Datasheet HTML 7Page - National Semiconductor (TI) LM4920 Datasheet HTML 8Page - National Semiconductor (TI) LM4920 Datasheet HTML 9Page - National Semiconductor (TI) LM4920 Datasheet HTML 10Page - National Semiconductor (TI) LM4920 Datasheet HTML 11Page - National Semiconductor (TI) LM4920 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Typical Performance Characteristics (Continued)
THD+N vs Output Power
V
DD = 1.6V, RL =16
Ω, f = 1kHz
Two channels in phase
THD+N vs Output Power
V
DD = 1.6V, RL =32
Ω, f = 1kHz
Two channels in phase
20179351
20179353
THD+N vs Output Power
V
DD = 1.8V, RL =16
Ω, f = 1kHz
One channel enabled
THD+N vs Output Power
V
DD = 1.8V, RL =32
Ω, f = 1kHz
One channel enabled
20179359
20179361
THD+N vs Output Power
V
DD = 1.8V, RL =16
Ω, f = 1kHz
Two channels in phase
THD+N vs Output Power
V
DD = 1.8V, RL =32
Ω, f = 1kHz
Two channels in phase
20179363
20179365
www.national.com
8


유사한 부품 번호 - LM4920

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM49200 NSC-LM49200 Datasheet
960Kb / 26P
   Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
logo
Texas Instruments
LM49200 TI1-LM49200 Datasheet
1Mb / 29P
[Old version datasheet]   Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
logo
National Semiconductor ...
LM49200TL NSC-LM49200TL Datasheet
960Kb / 26P
   Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
logo
Texas Instruments
LM49200TL/NOPB TI1-LM49200TL/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
logo
National Semiconductor ...
LM49200TLX NSC-LM49200TLX Datasheet
960Kb / 26P
   Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
More results

유사한 설명 - LM4920

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM4926 NSC-LM4926 Datasheet
1Mb / 22P
   Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
LM4922 NSC-LM4922 Datasheet
1Mb / 21P
   Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
LM48860 NSC-LM48860 Datasheet
423Kb / 18P
   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
logo
Texas Instruments
LM48860 TI1-LM48860 Datasheet
1,017Kb / 21P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48860 TI1-LM48860_14 Datasheet
1,014Kb / 24P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48820 TI1-LM48820_14 Datasheet
994Kb / 19P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
LM48820 TI1-LM48820 Datasheet
994Kb / 18P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
logo
National Semiconductor ...
LM48820 NSC-LM48820 Datasheet
942Kb / 16P
   Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
LM48861 NSC-LM48861 Datasheet
355Kb / 16P
   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
Texas Instruments
LM48861 TI1-LM48861_14 Datasheet
845Kb / 20P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com