전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS9009A 데이터시트(PDF) 1 Page - Gennum Corporation

부품명 GS9009A
상세설명  GENLINX -TM GS9009A Cable Driver with Four Adjustable Outputs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENNUM [Gennum Corporation]
홈페이지  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9009A 데이터시트(HTML) 1 Page - Gennum Corporation

  GS9009A Datasheet HTML 1Page - Gennum Corporation GS9009A Datasheet HTML 2Page - Gennum Corporation GS9009A Datasheet HTML 3Page - Gennum Corporation GS9009A Datasheet HTML 4Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GENNUM CORPORATION P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3
Tel. +1 (905) 632-2996
Fax. +1 (905) 632-5946
E-mail: info@gennum.com
www.gennum.com
Revision Date: June 2004
Document No. 29782 - 1
DATA SHEET
KEY FEATURES
• two output pairs, adjustable from 0 to 1100mVp-p into
75
Ω loads
• nominal 600 ps rise and fall times
• accepts SMPTE and standard ECL input levels
• operates from a single +5 or -5 volt supply
• on-chip DC restoration for low jitter
• 250 mW power dissipation
• interfaces with GENLINX™ GS9002, GS9004A,
GS9005A and GS9015A
• Pb-free and Green
APPLICATIONS
SMPTE 259M Serial Digital Systems (4:2:2 & 4ƒsc)
Other Serial Digital Video Interfaces — 360Mb/s
General purpose high speed driver applications
PIN CONNECTIONS
DESCRIPTION
The GENLINX™ GS9009A is a bipolar integrated circuit
designed to drive four 75
Ω co-axial cables at data rates
exceeding
400Mb/s.
It
directly
interfaces
with
other
GENLINX™ devices and can also be used as a general
purpose high speed cable driver.
The differential inputs are AC-coupled and internally DC-
restored which allows correct passage of pathological
check codes associated with the serial digital standards.
Even though the inputs are AC coupled, static protection
diodes at each input restrict the DC differential so that if the
driving source uses the opposite polarity power supply,
external DC blocking capacitors must be used.
Correctly terminated output signal levels are adjustable
from as low as 0mV to as high as 1100mV with little change
in
other
performance
parameters.
Performance
is
guaranteed for output levels between 600 mV and 1000 mV.
The gain of the output stages is varied by adjusting the VSET
voltage with respect to an internal bandgap reference
voltage VREF.
Pinout is compatible with the GS9007A by interchanging
pins
3,4,5,6,9,10,11,12
on
the
GS9009A
with
pins
1,2,3,4,5,6,7,8 on the GS9007A. In this way, a layout can be
made for either device depending on whether adjustability
is desired or not.
The GS9009A is packaged in a 14 pin SOIC, and operates
from a single +5 or -5 volt supply consuming typically only
250mW of power.
ORDERING INFORMATION
FUNCTIONAL BLOCK DIAGRAM
NC
NC
OUTPUT 1
OUTPUT 1
OUTPUT 2
NC
INPUT
OUTPUT 2
VSET
INPUT
VEE
VREF
NC
VCC
14
9
8
10
12
13
11
1
4
3
6
5
7
2
GS9009A
PART NUMBER
PACKAGE TYPE
TEMPERATURE RANGE
Pb-FREE AND GREEN
GS9009ACKB
14 Pin SOIC
0° to 70°C
No
GS9009ACKBE3
14 Pin SOIC
0° to 70°C
Yes
GS9009A
INPUT
VSET
BAND-GAP
REFERENCE
INPUT BUFFER
&
DC RESTORE
VREF
INPUT
GAIN
CONTROL
OUTPUT 1
VCC (GND)
OUTPUT 1
OUTPUT 2
OUTPUT 2
GND (VEE)
OUTPUT
DRIVER
OUTPUT
DRIVER
GENLINX
GS9009A Cable Driver
with Four Adjustable Outputs


유사한 부품 번호 - GS9009A

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
GS9009 ETC-GS9009 Datasheet
129Kb / 4P
   GS9009 CABLE DRIVER WITH FOUR ADJUSTABLE OUTPUTS
GS9009-CKB ETC-GS9009-CKB Datasheet
129Kb / 4P
   GS9009 CABLE DRIVER WITH FOUR ADJUSTABLE OUTPUTS
More results

유사한 설명 - GS9009A

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS9008A GENNUM-GS9008A Datasheet
91Kb / 4P
   GENLINX -TM GS9008A Cable Driver with Two Adjustable Outputs
logo
List of Unclassifed Man...
GS9009 ETC-GS9009 Datasheet
129Kb / 4P
   GS9009 CABLE DRIVER WITH FOUR ADJUSTABLE OUTPUTS
GS9008 ETC-GS9008 Datasheet
70Kb / 4P
   Cable Driver with Two Adjustable Outputs
logo
Gennum Corporation
GS9028 GENNUM-GS9028 Datasheet
106Kb / 7P
   Cable Driver with Two Adjustable Outputs
GS9028 GENNUM-GS9028_04 Datasheet
272Kb / 7P
   Cable Driver with Two Adjustable Outputs
logo
National Semiconductor ...
CLC006 NSC-CLC006_07 Datasheet
298Kb / 12P
   Serial Digital Cable Driver with Adjustable Outputs
logo
Texas Instruments
CLC001AJE-TR13 TI-CLC001AJE-TR13 Datasheet
569Kb / 13P
[Old version datasheet]   Serial Digital Cable Driver with Adjustable Outputs
CLC001 TI1-CLC001_14 Datasheet
604Kb / 14P
[Old version datasheet]   Serial Digital Cable Driver with Adjustable Outputs
logo
National Semiconductor ...
CLC001 NSC-CLC001 Datasheet
155Kb / 10P
   Serial Digital Cable Driver with Adjustable Outputs
CLC006 NSC-CLC006 Datasheet
189Kb / 12P
   Serial Digital Cable Driver with Adjustable Outputs
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com