전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GT4123-CDA 데이터시트(PDF) 3 Page - Gennum Corporation

부품명 GT4123-CDA
상세설명  Two Channel Video Multipliers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENNUM [Gennum Corporation]
홈페이지  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GT4123-CDA 데이터시트(HTML) 3 Page - Gennum Corporation

  GT4123-CDA Datasheet HTML 1Page - Gennum Corporation GT4123-CDA Datasheet HTML 2Page - Gennum Corporation GT4123-CDA Datasheet HTML 3Page - Gennum Corporation GT4123-CDA Datasheet HTML 4Page - Gennum Corporation GT4123-CDA Datasheet HTML 5Page - Gennum Corporation GT4123-CDA Datasheet HTML 6Page - Gennum Corporation GT4123-CDA Datasheet HTML 7Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
520 - 38 - 3
ELECTRICAL CHARACTERISTICS GT4123A
Supply Voltage
V
S
Operating Range
+9
+12
± 12
V
-3
-5
+ Supply Current
I+
-
15
19.5
mA
- Supply Current
I-
-
13
17.0
mA
Common Mode Input Signal
V
IN CM
--
5
V
Bandwidth
BW
0.1
at
± 0.1 dB V
IN
= 150 mVp-p
20
25
-
MHz
Bandwidth
BW
3
at -3 dB V
IN
= 1 Vp-p
-
80
-
MHz
Frequency Response
DC -10 MHz
-
± 0.05
-
dB
Differential Gain
∂gV
IN
= 40 IRE at 3.58 MHz
-
0.02
0.05
%
Differential Phase
∂pV
IN
= 40 IRE at 3.58 MHz
-
0.02
0.05
degrees
Signal to Noise
S/N
V
SIG
= 1 V, BW = 5 MHz
64
70
-
dB
Gain
A
VL
100 kHz (ß = 100%)
-0.02
-0.005
-
dB
Delay
t
d SIG
-4
10
ns
Off Isolation & Crosstalk
V
A or B
V
O
ƒ
SIG
= 5 MHz (see note 1)
70
75
-
dB
V
C
V
A or B
ƒ
SIG
= 5 MHz (see note 2)
80
85
-
dB
Input Resistance
R
IN
ƒ=1MHz
150
-
-
k
Input Capacitance
C
IN
-
2.0
-
pF
Output Resistance
R
OUT
ƒ=1MHz (see Figure 9)
-
-
0.1
Output Capacitance
C
OUT
-
2.0
-
pF
Bandwidth
BW
0.1
at
± 0.1 dB V
IN
= 150 mVp-p
20
25
-
MHz
Bandwidth
BW
3
at -3 dB V
IN
= 1 Vp-p
-
80
-
MHz
Delay
t
D CONT
-4
10
ns
Linearity
10% to 90% range
-
1
-
%
Control Breakthrough
V
C
= 0 to 1 V ƒ
C
=1 to 10 MHz
-
-
-35
dB
Crossfade Balance
V
C
= 0 to 1 V ƒ
C
= 3.58 MHz
-
5
10
mVp-p
Control Range
V
C
(see Figure 10)
0
-
+1
V
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER
SUPPLIES
SIGNAL
CHANNEL
V
S
=
±12V, -5V, T
A
= 0
°C to 70°C, R
L
=10k
Ω unless otherwise shown.
CONTROL
CHANNEL
NOTE:
1. VA or B = +1 Vp-p output taken from OUTPUT
2 . VC = + 1 Vp-p output taken from VA or VB


유사한 부품 번호 - GT4123-CDA

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GT4123B GENNUM-GT4123B Datasheet
57Kb / 5P
   GT4123B Two Channel Video Multiplier
GT4123BCDA GENNUM-GT4123BCDA Datasheet
57Kb / 5P
   GT4123B Two Channel Video Multiplier
GT4123BCKA GENNUM-GT4123BCKA Datasheet
57Kb / 5P
   GT4123B Two Channel Video Multiplier
GT4123BCKAE3 GENNUM-GT4123BCKAE3 Datasheet
57Kb / 5P
   GT4123B Two Channel Video Multiplier
GT4123BCTA GENNUM-GT4123BCTA Datasheet
57Kb / 5P
   GT4123B Two Channel Video Multiplier
More results

유사한 설명 - GT4123-CDA

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GT4123B GENNUM-GT4123B Datasheet
57Kb / 5P
   GT4123B Two Channel Video Multiplier
logo
Sanyo Semicon Device
LA7471M SANYO-LA7471M Datasheet
198Kb / 9P
   Two-Channel Video camera microphone amplifier
logo
Spectrum Microwave, Inc...
X15 SPECTRUM-X15 Datasheet
235Kb / 1P
   Frequency Multipliers
X48 SPECTRUM-X48 Datasheet
190Kb / 1P
   Frequency Multipliers
logo
Analog Devices
AD530 AD-AD530_15 Datasheet
2Mb / 6P
   MULTIPLIERS DIVIDERS
AD531 AD-AD531_15 Datasheet
2Mb / 6P
   MULTIPLIERS DIVIDERS
logo
Spectrum Microwave, Inc...
X4-X8 SPECTRUM-X4-X8 Datasheet
180Kb / 1P
   Frequency Multipliers
logo
Maxim Integrated Produc...
MAX463 MAXIM-MAX463 Datasheet
162Kb / 16P
   Two-Channel, Triple/Quad RGB Video Switches and Buffers
Rev 2; 6/94
logo
Electronic devices inc.
NVM-4X EDI-NVM-4X Datasheet
73Kb / 1P
   NIGHT VISION MULTIPLIERS
logo
Texas Instruments
SN54167 TI-SN54167 Datasheet
296Kb / 8P
[Old version datasheet]   SYNCHRONOUS DECADE RATE MULTIPLIERS
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com