전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSAU113 데이터시트(PDF) 1 Page - Total Power International

부품명 MSAU113
상세설명  MSAU100 SERIES 1 WATT ULTRA MINIATURE SMD DC/DC CONVERTERS SINGLE OUTPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOTAL-POWER [Total Power International]
홈페이지  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MSAU113 데이터시트(HTML) 1 Page - Total Power International

  MSAU113 Datasheet HTML 1Page - Total Power International MSAU113 Datasheet HTML 2Page - Total Power International MSAU113 Datasheet HTML 3Page - Total Power International MSAU113 Datasheet HTML 4Page - Total Power International MSAU113 Datasheet HTML 5Page - Total Power International MSAU113 Datasheet HTML 6Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Key Features
l Lead Frame Technology
l CECC00802 Reflow
l Wide Temperature Performance
l I / O Isolation 1000VDC
l Efficiency Up To 82%
l MTBF > 2,000,000 Hours
Mechanical Configuration & Pin Connections
NA : Not available for
electrical connection
All dimensions in mm
12.7 +/- 0.25
8.0 +/- 0.1
0.7 +/- 0.1
6.7 +/- 0.1
2.0 +/- 0.1
0.25 +0 /- 0.15
7.62 +/- 0.1
2.54 +/- 0.1
- Vin
+ Vin
+ Vo
- Vo
NA
NA
NA
NA
Pin 1
6.5 +/- 0.1
7.0 +/- 0.1
9.0 +/- 0.2
11.0 +/- 0.2
1C
S
Seating Plane
0.30
0.20
1.20
0.90
0.50
+/- 5.00O
+Vo
Bipolar
Push-Pull
Inverter
+Vin
-Vin
-Vo
Single Output
MSAU100 Series 1 Watt Ultra Miniature SMD DC/DC Converters
with
TOTAL POWER INT'L
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-1-


유사한 부품 번호 - MSAU113

제조업체부품명데이터시트상세설명
logo
Minmax Technology Co., ...
MSAU113 MINMAX-MSAU113 Datasheet
237Kb / 8P
   1W, Miniature SMD, Single Output DC/DC Converters
MSAU113 MINMAX-MSAU113 Datasheet
265Kb / 4P
   DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
MSAU113 MINMAX-MSAU113 Datasheet
463Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
logo
Total Power Internation...
MSAU113 TOTAL-POWER-MSAU113 Datasheet
454Kb / 4P
   SMD Package with Industry Standard Pinout
More results

유사한 설명 - MSAU113

제조업체부품명데이터시트상세설명
logo
Intronics Power, Inc.
DC100 INTRONICS-DC100 Datasheet
247Kb / 1P
   1 WATT SINGLE OUTPUT DC-DC CONVERTERS
logo
Total Power Internation...
MSAU200 TOTAL-POWER-MSAU200 Datasheet
167Kb / 6P
   1 Watts Ultra Miniature SMD DC/DC Converters
logo
Minmax Technology Co., ...
MSAU100 MINMAX-MSAU100 Datasheet
237Kb / 8P
   1W, Miniature SMD, Single Output DC/DC Converters
logo
Wall Industries,Inc.
LANEC WALL-LANEC Datasheet
112Kb / 2P
   Single Output, to 1 Watt dc/dc converters
logo
Total Power Internation...
MAU100 TOTAL-POWER-MAU100 Datasheet
309Kb / 6P
   1 Watt Ultra Miniature SIP DC/DC Converters Single and Dual Outputs
logo
List of Unclassifed Man...
MAU101 ETC-MAU101 Datasheet
69Kb / 6P
   1 Watt Ultra Miniature SIP DC/DC Converters (Single and Dual Outputs)
logo
MicroPower Direct, LLC
LF100S MPD-LF100S Datasheet
477Kb / 4P
   Ultra-Miniature, 1W Single Output SMT DC/DC Converters
ML200SE MPD-ML200SE Datasheet
578Kb / 2P
   2W, Single Output Ultra-Miniature SMT DC/DC Converters
LF200S MPD-LF200S Datasheet
240Kb / 2P
   Ultra-Miniature, 2W Single Output SMT DC/DC Converters
I500ERW MPD-I500ERW Datasheet
178Kb / 2P
   Ultra-Miniature 5W Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com