전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM1117-3.3 데이터시트(PDF) 3 Page - Cystech Electonics Corp.

부품명 LM1117-3.3
상세설명  1A Low Dropout Positive Voltage Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM1117-3.3 데이터시트(HTML) 3 Page - Cystech Electonics Corp.

  LM1117-3.3 Datasheet HTML 1Page - Cystech Electonics Corp. LM1117-3.3 Datasheet HTML 2Page - Cystech Electonics Corp. LM1117-3.3 Datasheet HTML 3Page - Cystech Electonics Corp. LM1117-3.3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C506L3
Issued Date : 2003.03.22
Revised Date :2005.10.07
Page No. : 3/4
LM1117L3
CYStek Product Specification
Current Limit
All
(VIN-VOUT)=1.5V
*
1
A
Ripple Rejection (Note 2) All
VIN=VOUT+1.5V, ILOAD= 1A
60
72
dB
Dropout Voltage
(Note 1,3)
All
VIN≧2.65V, ILOAD= 1A
*
1.15
1.3
V
Temperature Coefficient
All
VIN=VOUT=1.5V, ILOAD= 10mA
*
0.005
%/℃
The * denotes the specifications which apply over the full temperature range.
Note 1:Low duty pulse testing with Kelvin connections required.
Note 2:120Hz input ripple(CADJ for ADJ=25μF)
Note 3:△VOUT, △VREF=1%.
Representative Circuit Diagram
GND
VIN
VOUT
FOR FIXED
VOLTAGE
DEVICE
FOR
ADJUSTABLE
VOLTAGE
DEVICE
ADJ


유사한 부품 번호 - LM1117-3.3

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
LM1117-3.3 CYSTEKEC-LM1117-3.3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
LM1117-3.3 CYSTEKEC-LM1117-3.3 Datasheet
464Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
First Components Intern...
LM1117-3.3-220 FCI-LM1117-3.3-220 Datasheet
1Mb / 14P
   800mA Low-dropout Linear Regulator Temperature Range Output Current 800mA
LM1117-3.3-223 FCI-LM1117-3.3-223 Datasheet
1Mb / 14P
   800mA Low-dropout Linear Regulator Temperature Range Output Current 800mA
LM1117-3.3-252 FCI-LM1117-3.3-252 Datasheet
1Mb / 14P
   800mA Low-dropout Linear Regulator Temperature Range Output Current 800mA
More results

유사한 설명 - LM1117-3.3

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com