전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPAC200P-490O 데이터시트(PDF) 2 Page - Total Power International

부품명 TPAC200P-490O
상세설명  UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 200 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPAC200P SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOTAL-POWER [Total Power International]
홈페이지  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPAC200P-490O 데이터시트(HTML) 2 Page - Total Power International

  TPAC200P-490O Datasheet HTML 1Page - Total Power International TPAC200P-490O Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OUTPUT VOLTAGE/CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 666.0 g (23.5 Oz.)
QUAD OUTPUT
MAIN +VO1 @★#≡⊙
AUX. +VO2 ▲@★#≡⊙
AUX. +VO3 ▲≡#⊙@
AUX. –VO4 ●⊙■=
MODEL NO.
Min.
Typ.
Volt.
Max.
Typ.
Volt.
Max.
Typ.
Volt.
Max.
Peak
Typ.
Volt.
Max. Peak.
TPAC200P-490(E) 2.0A 25.0A +5V 33.0A 10.0A
+3.3V
33.0A
3.0A +12V 5.0A
6.0A
0.5A
-12V
1.0A
1.0A
TPAC200P-490(O) 2.0A 25.0A +5V 33.0A 10.0A
+3.3V
33.0A
3.0A +12V 5.0A
6.0A
0.5A
-12V
1.0A
1.0A
Symbol: "★" OVP built-in. "@" Adjustable. "#" Remote sensing. "≡" 3rd- wire Load Sharing. "=" Droop Current Sharing.
"⊙" Installed with Or-ing diode. "▲" Magnetic Amplifier. "●" Installed with Post-regulator. "■" Common Choke.
Remark: Peak load less than 60sec. with duty cycle <10%.
Max. load is the continuous operating load of each rail. But the max. load of each rail can't be drawn from all outputs at the same time.
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
AC
INPUT
QUAD OUTPUT
STATUS/CONTROL
ASSIGNMENT
L
N
G
VO1 S+ S- Adj. C.S.
VO2
S+ Adj. C.S. VO3 S+ C.S VO4 DC COM EN# DEG# INH# FAL#
CNTR &PIN #
47 46 45
1,2,
3,4
30 34 29
35
13,14,
15,16,
17,18
33
32
41
20
36
44
21
5,6,7,8,9,
10,11,12,
19,22,24
27
38
39
42
Mating connector: PCIH47F400A1.
TPAC200P-490(E)
TPAC200P-490(O)
TOTAL POWER, INT. Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-2-


유사한 부품 번호 - TPAC200P-490O

제조업체부품명데이터시트상세설명
logo
Total Power Internation...
TPAC200P-490(E) TOTAL-POWER-TPAC200P-490(E) Datasheet
513Kb / 2P
   200W 3U X 8HP EUROCARD PACKAGE
TPAC200P-490(O) TOTAL-POWER-TPAC200P-490(O) Datasheet
513Kb / 2P
   200W 3U X 8HP EUROCARD PACKAGE
More results

유사한 설명 - TPAC200P-490O

제조업체부품명데이터시트상세설명
logo
HITRON ELECTRONICS CORP...
HAC400P HITRON-HAC400P Datasheet
198Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 400 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
HAC500P HITRON-HAC500P Datasheet
199Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 500 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
HAC250P HITRON-HAC250P Datasheet
318Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 250 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
HAC301P HITRON-HAC301P Datasheet
333Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 301 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
HAC202P HITRON-HAC202P Datasheet
240Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HALF SIZE HOT-SWAP CompactPCI QUAD OUTPUT 200 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
HAC175P HITRON-HAC175P Datasheet
386Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 175 WATTS CURRENT SHARING SWITCHING POWER SUPPLIES
logo
Total Power Internation...
TPAC250P TOTAL-POWER-TPAC250P Datasheet
509Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 250 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPAC250P SERIES
TPAC300P TOTAL-POWER-TPAC300P Datasheet
364Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 300 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPAC300P SERIES
TPAC500P TOTAL-POWER-TPAC500P Datasheet
338Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 500 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPAC500P SERIES
logo
HITRON ELECTRONICS CORP...
HAC203P HITRON-HAC203P Datasheet
319Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP LOW VOLTAGE CompactPCI PENTA OUTPUT 200 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com