전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPVI10 데이터시트(PDF) 1 Page - Total Power International

부품명 TPVI10
상세설명  UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE AND DUAL OUTPUT 10 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVI10 SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOTAL-POWER [Total Power International]
홈페이지  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPVI10 데이터시트(HTML) 1 Page - Total Power International

  TPVI10 Datasheet HTML 1Page - Total Power International TPVI10 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE &
DUAL OUTPUT 10 WATTS INTERNAL SWITCHING
POWER SUPPLIES TPVI10 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC SOURCES
COMPACT PCB OPEN FRAME FORMAT
MEET UNIVERSAL SAFETY STANDARDS
EMI MEET CISPR PUB. 22 & FCC CLASS B
CE MARKING COMPLIANCE
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Range Typ. 90-264Vac.
Rating 100 to 240Vac.
Input Connector: Molex # 5273.
Input Frequency: 47-63Hz.
Inrush Current: Typ. 20A @230Vac.
Input Current: Typ. 0.3A @115Vac, 0.15A @ 230Vac.
Dielectric Withstand: Meet IEC 60950-1.
EMI: Meet CISPR PUB.22 & FCC Class B.
Hold-up Time: Typ. 20mS @115Vac, 80mS @230Vac.
Earth leakage: Typ. 0.3mA @230Vac.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: Typ. 10 watts.
Output Connector: Molex # 5273.
Line Regulation: Typ. 0.1%.
Load Regulation: Main VO1 typ. ±1-1.5%.
Aux. VO2 typ. ±1-2%. (P.R.)
Noise & Ripple: Typ. 1.0% peak to peak.
OVP: Built-in at main output VO1.
Adjustability: Available at main output VO1.
Overload Protection (OLP):
Fully protected against output overload and short circuit.
OLP set at about 125-150% rating output wattage.
Consult the factory for OLP setting.
GENERAL SPECIFICATION
Efficiency: Typ. 65%.
Switching Frequency: Typ. 55K Hz at 115Vac.
Circuit Topology: Free-running flyback circuit.
Transient Response: Output voltage returns in
less than 3mS following a 25% load change.
Safety Standard: IEC 60950-1/UL 60950-1 Class I.
Operating Temperature: 0 to +50°C.
Storage Temperature: -20 to +85°C.
Temperature Coefficient: Typ. 0.04%/°C.
Cooling: Free air convection.
Construction: PCB open frame format.
Power Density: 0.89Watts / Cubic Inch.
Note: Due to requests in market and advances in technology, specifications subject to change without notification.
TOTAL POWER INT'L


유사한 부품 번호 - TPVI10

제조업체부품명데이터시트상세설명
logo
Total Power Internation...
TPVI12 TOTAL-POWER-TPVI12 Datasheet
308Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE OUTPUT 12 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVI12 SERIES
TPVI12-03030 TOTAL-POWER-TPVI12-03030 Datasheet
308Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE OUTPUT 12 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVI12 SERIES
TPVI12-03329 TOTAL-POWER-TPVI12-03329 Datasheet
308Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE OUTPUT 12 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVI12 SERIES
TPVI12-05024 TOTAL-POWER-TPVI12-05024 Datasheet
308Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE OUTPUT 12 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVI12 SERIES
TPVI12-09013 TOTAL-POWER-TPVI12-09013 Datasheet
308Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE OUTPUT 12 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVI12 SERIES
More results

유사한 설명 - TPVI10

제조업체부품명데이터시트상세설명
logo
HITRON ELECTRONICS CORP...
HVI10 HITRON-HVI10 Datasheet
314Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE & DUAL OUTPUT 10 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI20 HITRON-HVI20 Datasheet
278Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE OUTPUT 10-25 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI12 HITRON-HVI12 Datasheet
305Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE OUTPUT 12 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI10.5 HITRON-HVI10.5 Datasheet
289Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME DUAL OUTPUT 10.5 WATTS INTERNAL SWITCHING POWER SUPPLIES
logo
Total Power Internation...
TPVI20 TOTAL-POWER-TPVI20 Datasheet
282Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE OUTPUT 10-25 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVI20 SERIES
logo
HITRON ELECTRONICS CORP...
HVI13 HITRON-HVI13 Datasheet
428Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE & DUAL OUTPUT 13-15 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI08 HITRON-HVI08 Datasheet
106Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME DUAL OUTPUT 8 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI50 HITRON-HVI50 Datasheet
332Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE OUTPUT 50 WATTS INTERNAL SWITCHING POWER SUPPLIES
logo
Total Power Internation...
TPVI12 TOTAL-POWER-TPVI12 Datasheet
308Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE OUTPUT 12 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVI12 SERIES
logo
HITRON ELECTRONICS CORP...
HVI14 HITRON-HVI14 Datasheet
339Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME QUAD OUTPUT 14 WATTS INTERNAL SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com