전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CASD355SG 데이터시트(PDF) 2 Page - Cystech Electonics Corp.

부품명 CASD355SG
상세설명  100V/100mA SURFACE MOUNT SWITCHING DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CASD355SG 데이터시트(HTML) 2 Page - Cystech Electonics Corp.

  CASD355SG Datasheet HTML 1Page - Cystech Electonics Corp. CASD355SG Datasheet HTML 2Page - Cystech Electonics Corp. CASD355SG Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C332SG
Issued Date : 2004.03.26
Revised Date :
Page No. : 2/3
CASD355SG
CYStek Product Specification
Characteristic Curves
Reverse Leakage Current vs Junction Temperature
0.01
0.1
1
10
100
1000
0
20
40
60
80 100 120 140 160 180 200
Junction Temperature---Tj(℃)
VR=80V / Max. Values
VR=25V / Typ. Values
VR=80V / Typ Values
Forward Current vs Forward Voltage
0.1
1
10
100
1000
0
0.4
0.8
1.2
1.6
2
Forward Voltage---VF(V)
Scattering Limit
Tj=25℃
Pulse Width 300μs
1% Duty Cycle
Reverse Leakage Current vs Reverse Voltage
1
10
100
1000
110
100
Reverse Voltage---VR(V)
Scattering Limit
Tj= 25℃
Capacitance vs Reverse Voltage
0.5
1
1.5
2
2.5
3
0.1
1
10
100
Reverse Voltage---VR(V)
f=1MHz
Ta=25℃


유사한 부품 번호 - CASD355SG

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
CASD355SY CYSTEKEC-CASD355SY Datasheet
146Kb / 3P
   80V/100mA SURFACE MOUNT SWITCHING DIODE
More results

유사한 설명 - CASD355SG

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
CDSS355ASN CYSTEKEC-CDSS355ASN Datasheet
140Kb / 3P
   100V/100mA SURFACE MOUNT SWITCHING DIODE
logo
SUNMATE electronic Co.,...
1SS181 SUNMATE-1SS181 Datasheet
1Mb / 2P
   100mA Surface Mount Switching Diode
1SS187 SUNMATE-1SS187 Datasheet
2Mb / 2P
   100mA Surface Mount Switching Diode
1SS190 SUNMATE-1SS190 Datasheet
2Mb / 2P
   100mA Surface Mount Switching Diode
1SS184 SUNMATE-1SS184 Datasheet
2Mb / 2P
   100mA Surface Mount Switching Diode
logo
Cystech Electonics Corp...
CASD355SY CYSTEKEC-CASD355SY Datasheet
146Kb / 3P
   80V/100mA SURFACE MOUNT SWITCHING DIODE
logo
SeCoS Halbleitertechnol...
SCS400S SECOS-SCS400S_11 Datasheet
152Kb / 2P
   0.1A , 100V Surface Mount Switching Diode
logo
WILLAS ELECTRONIC CORP
MMDL914 WILLAS-MMDL914 Datasheet
313Kb / 3P
   200mA Surface Mount Switching Diode - 100V
logo
Formosa MS
MCL4148 FORMOSA-MCL4148_10 Datasheet
102Kb / 7P
   150mA Surface Mount Switching Diode- 100V
logo
E-CMOS Corporation
ECC1N4148W E-CMOS-ECC1N4148W Datasheet
376Kb / 5P
   410mW Surface Mount Switching Diode-100V
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com