전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPDC300P-48B 데이터시트(PDF) 2 Page - Total Power International

부품명 TPDC300P-48B
상세설명  36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 300 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPDC300P-48B SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOTAL-POWER [Total Power International]
홈페이지  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPDC300P-48B 데이터시트(HTML) 2 Page - Total Power International

  TPDC300P-48B Datasheet HTML 1Page - Total Power International TPDC300P-48B Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OUTPUT VOLTAGE/CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 1.42Kg (3.13 lb.)
QUAD OUTPUT
MAIN +VO1 @★#≡⊙ AUX. +VO2 ▲@★#≡⊙
AUX. +VO3 ▲≡#⊙@★
AUX. -VO4 ●⊙★
MODEL NO.
Min. Typ. Volt. Max. Min Typ.
Volt. Max. Min. Typ. Volt. Max Pk. Min. Typ. Volt. Max. Pk.
TPDC300P-48B-490
2.0A 20A +5V 35A
0A
20A +3.3V 25A 0A 10A +12V 12A 15A 0A 0.8A -12V 1A 1.5A
Symbol: "★" OVP built-in. "@" Adjustable. "#" Remote sensing. "=" Droop Load Sharing. "⊙" Installed with Or-ing diode.
"▲" Magnetic Amplifier. "●" Installed with Post-regulator. "≡" 3rd-wire Load Sharing.
Remark: Peak load less than 60sec. with duty cycle <10%.
Max. load is the continuous operating load of each rail. But the max. load of each rail can't be drawn from all outputs at the same time.
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
DC
INPUT
QUAD OUTPUT
STATUS/CONTROL
ASSIGNMENT -Vin +Vin G
VO1 S+ S RTN Adj. C.S. VO2
S+ Adj. C.S. VO3
S+
C.S VO4
DC
COM
EN# DEG#
Signal
RTN
INH# FAL#
CNTR &PIN #
47
46
45
1,2,
3,4
30
34
29
35
13,14,
15,16,
17,18
33
32
41
20
36
44
21
5,6,7,8
,9,10,11,
12,19,24
27
38
22
39
42
Mating connector: PCIH47F400A1.
TOTAL POWER, INT. Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-2-


유사한 부품 번호 - TPDC300P-48B

제조업체부품명데이터시트상세설명
logo
Total Power Internation...
TPDC-201 TOTAL-POWER-TPDC-201 Datasheet
508Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI
TPDC-202 TOTAL-POWER-TPDC-202 Datasheet
470Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HALF SIZE HOT-SWAP
TPDC-250 TOTAL-POWER-TPDC-250 Datasheet
505Kb / 2P
   18-36VDC/36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP
TPDC-301 TOTAL-POWER-TPDC-301 Datasheet
460Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP
TPDC-350 TOTAL-POWER-TPDC-350 Datasheet
405Kb / 2P
   18-36VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI
More results

유사한 설명 - TPDC300P-48B

제조업체부품명데이터시트상세설명
logo
HITRON ELECTRONICS CORP...
HDC301P-48B HITRON-HDC301P-48B Datasheet
298Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 300 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
logo
Total Power Internation...
TPDC400P-48B TOTAL-POWER-TPDC400P-48B Datasheet
371Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 400 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPDC400P-48B SERIES
TPDC500P-48B TOTAL-POWER-TPDC500P-48B Datasheet
333Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 500 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPDC500P-48B SERIES
TPDC250P-48B TOTAL-POWER-TPDC250P-48B Datasheet
428Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 250 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPDC250P-48B SERIES
logo
HITRON ELECTRONICS CORP...
HDC500P-48B HITRON-HDC500P-48B Datasheet
197Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 500 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
HDC250P-48B HITRON-HDC250P-48B Datasheet
326Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 250 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
HDC201P-48B HITRON-HDC201P-48B Datasheet
337Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 200 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
logo
Total Power Internation...
TPDC200P-48B TOTAL-POWER-TPDC200P-48B Datasheet
428Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 200 WATTS CURRENT SHARING SWITCHING POWER SUPPLIES TPDC200P-48B SERIES
TPDC202P-48B TOTAL-POWER-TPDC202P-48B Datasheet
365Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HALF SIZE HOT-SWAP CompactPCI QUAD OUTPUT 202 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPDC202P-48B
logo
HITRON ELECTRONICS CORP...
HDC400P-24B HITRON-HDC400P-24B Datasheet
197Kb / 2P
   18-36 OR 36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 400 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com