전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPES14-33 데이터시트(PDF) 2 Page - Total Power International

부품명 TPES14-33
상세설명  AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 14-16 WATTS SWITCHING POWER SUPPLIES TPES14 SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOTAL-POWER [Total Power International]
홈페이지  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPES14-33 데이터시트(HTML) 2 Page - Total Power International

  TPES14-33 Datasheet HTML 1Page - Total Power International TPES14-33 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OUTPUT VOLTAGE/CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 330.0g (11.6 Oz.).
DUAL OUTPUT
MAIN O/P VO1
AUX. O/P VO2 †
MODEL NO.
TYP.
VOLT. MAX.
TYP.
VOLT. MAX.
TPES14-21
1.0A
+5.0V
1.5A
0.75A +12.0V
1.5A
TPES14-22
1.0A
+5.0V
1.5A
0.60A +15.0V
1.2A
TPES14-23
1.0A
+5.0V
1.5A
0.40A +24.0V
0.8A
TPES14-291
1.0A
+3.3V
1.5A
0.75A +12.0V
1.5A
TPES14-292
1.0A
+3.3V
1.5A
0.60A +15.0V
1.2A
TPES14-293
1.0A
+3.3V
1.5A
0.40A +24.0V
0.8A
TRIPLE OUTPUT
MAIN O/P VO1
AUX. O/P VO2
AUX. O/P VO3 ●
MODEL NO.
TYP.
VOLT.
MAX.
TYP.
VOLT.
MAX.
TYP.
VOLT.
MAX.
TPES14-30A
0.75A
+5.0V
2.0A
1.0A
+12.0V
1.0A
0.05A
-12.0V
0.5A
TPES14-30
1.50A
+5.0V
2.0A
0.2A
+12.0V
0.5A
0.20A
-12.0V
0.4A
TPES14-31
1.50A
+5.0V
2.0A
0.2A
+12.0V
0.5A
0.50A
-5.0V
0.9A
TPES14-32
1.50A
+5.0V
2.0A
0.1A
+24.0V
0.3A
0.20A
-12.0V
0.4A
TPES14-33
1.50A
+5.0V
2.0A
0.2A
+15.0V
0.4A
0.50A
-5.0V
0.8A
TPES14-34
1.50A
+5.0V
2.0A
0.2A
+15.0V
0.4A
0.15A
-15.0V
0.3A
Symbol: " " OVP Built-in. "●" Installed with Post Regulator (P.R.
). " †" Stacked on main output.
Remark: (1) At least 20% of typical main output current is required to maintain stated regulation.
(2) Max. load is the continuous operating load of each rail. But the max. load of each rail can not be drawn from all output
at the same time.
SINGLE OUTPUT
MAIN O/P VO1
MODEL NO.
TYP.
VOLT.
TPES14-10
2.50A
5.0V
TPES14-10A
2.20A
6.2V
TPES14-11
1.25A
12.0V
TPES14-12
1.00A
15.0V
TPES14-14
1.40A
9.5V
TPES14-16
1.50A
9.0V
TPES14-19
3.00A
3.3V


유사한 부품 번호 - TPES14-33

제조업체부품명데이터시트상세설명
logo
Total Power Internation...
TPES10 TOTAL-POWER-TPES10 Datasheet
696Kb / 4P
   UNIVERSAL INPUT AC TO DC EXTERNAL WALLMOUNT & DESKTOP ADAPTORS SINGLE & DUAL OUTPUT 10-12 WATTS SWITCHING POWER SUPPLIES TPES10 & TPES10B SERIES
TPES10-03310-A-1 TOTAL-POWER-TPES10-03310-A-1 Datasheet
696Kb / 4P
   UNIVERSAL INPUT AC TO DC EXTERNAL WALLMOUNT & DESKTOP ADAPTORS SINGLE & DUAL OUTPUT 10-12 WATTS SWITCHING POWER SUPPLIES TPES10 & TPES10B SERIES
TPES10-03325-0-1 TOTAL-POWER-TPES10-03325-0-1 Datasheet
696Kb / 4P
   UNIVERSAL INPUT AC TO DC EXTERNAL WALLMOUNT & DESKTOP ADAPTORS SINGLE & DUAL OUTPUT 10-12 WATTS SWITCHING POWER SUPPLIES TPES10 & TPES10B SERIES
TPES10-03420-0-3 TOTAL-POWER-TPES10-03420-0-3 Datasheet
696Kb / 4P
   UNIVERSAL INPUT AC TO DC EXTERNAL WALLMOUNT & DESKTOP ADAPTORS SINGLE & DUAL OUTPUT 10-12 WATTS SWITCHING POWER SUPPLIES TPES10 & TPES10B SERIES
TPES10-05010-B-3 TOTAL-POWER-TPES10-05010-B-3 Datasheet
696Kb / 4P
   UNIVERSAL INPUT AC TO DC EXTERNAL WALLMOUNT & DESKTOP ADAPTORS SINGLE & DUAL OUTPUT 10-12 WATTS SWITCHING POWER SUPPLIES TPES10 & TPES10B SERIES
More results

유사한 설명 - TPES14-33

제조업체부품명데이터시트상세설명
logo
HITRON ELECTRONICS CORP...
HES14 HITRON-HES14 Datasheet
323Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 14-16 WATTS SWITCHING POWER SUPPLIES
HES15 HITRON-HES15 Datasheet
345Kb / 4P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 15-16 WATTS SWITCHING POWER SUPPLIES
HES61 HITRON-HES61 Datasheet
350Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 50-60 WATTS SWITCHING POWER SUPPLIES
HES24 HITRON-HES24 Datasheet
337Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE & MULTIPLE OUTPUT 24-26 WATTS SWITCHING POWER SUPPLIES
HES102 HITRON-HES102 Datasheet
272Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 100 WATTS SWITCHING POWER SUPPLIES
HES75 HITRON-HES75 Datasheet
297Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 75 WATTS SWITCHING POWER SUPPLIES
HES18 HITRON-HES18 Datasheet
330Kb / 2P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 16-18 WATTS SWITCHING POWER SUPPLIES
HES34 HITRON-HES34 Datasheet
144Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 25-36 WATTS SWITCHING POWER SUPPLIES
HES51 HITRON-HES51 Datasheet
484Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 45-51 WATTS SWITCHING POWER SUPPLIES
HES65 HITRON-HES65 Datasheet
331Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 60-65 WATTS SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com