전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS100LBP-31 데이터시트(PDF) 2 Page - Total Power International

부품명 TPS100LBP-31
상세설명  TPS100LBP SWITCHING MODE 100W LOW COST BOX TYPE POWER SUPPLY WITH POWER FACTOR CORRECTION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOTAL-POWER [Total Power International]
홈페이지  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPS100LBP-31 데이터시트(HTML) 2 Page - Total Power International

  TPS100LBP-31 Datasheet HTML 1Page - Total Power International TPS100LBP-31 Datasheet HTML 2Page - Total Power International TPS100LBP-31 Datasheet HTML 3Page - Total Power International TPS100LBP-31 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
T!"DEE%&!."'()*+(,-./012.DEE'.%0'.*0").&03.)4!2>.7*)(=2.!6*
&'#()
'*+,*+
-')+$.(
$#/*0+&(1+
2$1.(
&$34&*&!'*+,*+
5*22(1+
,($6!'*+,*+
5*22(1+71'+(%8
&414&*&!'*+,*+
5*22(1+
+'+$)
2(.*)$+4'171'+(98
24,,)(!:!1'40(
;,",71'+(<8
,($6!'*+,*+
,'=(271'+(%8
041.)(!'*+,*+!&'#()!0()(5+4'1!5>$2+
T,0%AA)@,"%A
TD3
±
H.K!`>%7=):
0.4
014
.4
±
@K
±
HK
H@.Z!`>%7=):
T,0%AA)@,"%%
TH03
±
H.K!`>%7=):
LV@@4
H.VL4
.4
±
@K
±
HK
H@.Z!`>%7=):
T,0%AA)@,"%<
THD3
±
H.K!`>%7=):
1V1?4
LV14
.4
±
@K
±
HK
H@.Z!`>%7=):
T,0%AA)@,"%9
T023
±
H.K!`>%7=):
2VH?4
DV24
.4
±
@K
±
HK
H@.Z!`>%7=):
T,0%AA)@,"%B
T2L3
±
H.K!`>%7=):
0V.L4
0V?4
.4
±
@K
±
HK
H@.Z!`>%7=):
T,0%AA)@,"%?
T@V@3
±
H.K!`>%7=):
0.4
014
.4
±
DK
±
HVDK
H@.Z!`>%7=):
#*$)!'*+,*+!&'#()!0()(5+4'1!5>$2+
TD!3
±
H.K!`>%7=):
HH4
H2V24
HVH4
±
DK
±
HK
T,0%AA)@,"<A
TH03
;7W+F
2VD4
14
.V2D4
±
DK
±
HK
H@.Z!`>%7=):
TD!3
±
H.K!`>%7=):
HH4
H2V24
HVH4
±
DK
±
HK
T,0%AA)@,"<%
T023
;7W+F
0VD4
@VH4
.V0D4
±
DK
±
HK
H@.Z!`>%7=):
TD!3
±
H.K!`>%7=):
HH4
H2V24
HVH4
±
DK
±
HK
T,0%AA)@,"<<
,!D!3
;7W+F
HH4
H2V24
HVH4
±
DK
±
HK
H@.Z!`>%7=):
TH03
±
H.K!`>%7=):
2VD4
14
.V2D4
±
DK
±
HK
T,0%AA)@,"<9
,!H0!3
;7W+F
2VD4
14
.V2D4
±
DK
±
HK
H@.Z!`>%7=):
THD!3
±
H.K!`>%7=):
@VL4
2V-4
.V@L4
±
DK
±
HK
T,0%AA)@,"<B
,!HD!3
;7W+F
@VL4
2V-4
.V@L4
±
DK
±
HK
H@.Z!`>%7=):
T@V@3
±
H.K!`>%7=):
HD4
0.4
HVD4
±
DK
±
HVDK
T,0%AA)@,"<?
TH0!3
;7W+F
2VD4
14
.V2D4
±
DK
±
HK
H@.Z!`>%7=):
T!D!3
±
H.K!`>%7=):
H4
HV@4
.VH4
±
DK
±
HK
T,0%AA)@,"<C
T2L3
;7W+F
04
0V14
.V04
±
DK
±
HK
H@.Z!`>%7=):
+24,)(!'*+,*+!&'#()!0()(5+4'1!5>$2+
T!D3
±
H.K!`>%7=):
HH4
H2V24
HVH4
±
DK
±
HK
T,0%AA)@,"9A
TH03
;7W+F
2VD4
DV?4
.V2D4
±
DK
±
HK
,!D!3
;7W+F
.V?4
.VL4
.V.?4
±
H.K
±
HK
H@.Z!`>%7=):
T!D3
±
H.K!`>%7=):
HH4
H2V24
HVH4
±
DK
±
HK
T,0%AA)@,"9%
TH03
;7W+F
2VD4
DV?4
.V2D4
±
DK
±
HK
,H03
;7W+F
.V?4
.VL4
.V.?4
±
H.K
±
HK
H@.Z!`>%7=):
T!D3
±
H.K!`>%7=):
HH4
H2V24
HVH4
±
DK
±
HK
T,0%AA)@,"9<
THD3
;7W+F
@4
24
.V@4
±
DK
±
HK
,HD3
;7W+F
.V?4
.VL4
.V.?4
±
H.K
±
HK
H@.Z!`>%7=):
T!D3
±
H.K!`>%7=):
HD4
0.4
HVD4
±
DK
±
HK
THD3
;7W+F
04
0VL4
.V04
±
DK
±
HK
T,0%AA)@,"99
,!D!3
;7W+F
.V14
.V?4
.V.14
±
H.K
±
HK
H@.Z!`>%7=):
T!D3
±
H.K!`>%7=):
H24
HLV?4
HV24
±
DK
±
HK
THD3
;7W+F
04
0VL4
.V04
±
DK
±
HK
T,0%AA)@,"9B
,H03
;7W+F
.V14
.VL4
.V.14
±
H.K
±
HK
H@.Z!`>%7=):
T!D!3
±
H.K!`>%7=):
H.4
H@4
H4
±
DK
±
HK
T023
;7W+F
04
0VL4
.V04
±
DK
±
HK
T,0%AA)@,"9?
,H03
;7W+F
.V14
.VL4
.V.14
±
H.K
±
HK
H@.Z!`>%7=):
T!D3
±
H.K!`>%7=):
24
DV04
.V24
±
DK
±
HK
TH03
;7W+F
?4
-VH4
.V?4
±
DK
±
HK
T,0%AA)@,"9C
,!H03
;7W+F
.V14
.VL4
.V.14
±
H.K
±
HK
H@.Z!`>%7=):
T!D3
±
H.K!`>%7=):
H.4
H@4
H4
±
DK
±
HK
TH03
;7W+F
24
D4
.V24
±
DK
±
HK
T,0%AA)@,"9D
T023
;7W+F
.V@4
.VL4
.V.@4
±
H.K
±
HK
H@.Z!`>%7=):
T!D3
±
H.K!`>%7=):
?4
LV14
.V?4
±
DK
±
HK
TH03
;7W+F
04
0VL4
.V04
±
DK
±
HK
T,0%AA)@,"9E
T2L3
;7W+F
H4
HV24
.VH4
±
H.K
±
HK
H@.Z!`>%7=):
X*$#!'*+,*+!&'#()!0()(5+4'1!5>$2+
T!D3
±
H.K!`>%7=):
HH4
H2V24
HVH4
±
DK
±
HK
TH03
;7W+F
24
D4
.V24
±
DK
±
HK
,!H03
;7W+F
.V14
.V?4
.V.14
±
H.K
±
HK
T,0%AA)@,"BA
,!D!3
;7W+F
.V14
.V?4
.V.14
±
H.K
±
HK
H@.Z!`>%7=):
"2"
TOTAL POWER, INT. TEL: 877-646-0900 FAX: 978-453-7395
E-mail: sales@total-power.com
http://www.total-power.com
TOTAL POWER


유사한 부품 번호 - TPS100LBP-31

제조업체부품명데이터시트상세설명
logo
Total Power Internation...
TPS100 TOTAL-POWER-TPS100 Datasheet
130Kb / 4P
   SWITCHING MODE 90W U CHANNEL POWER SUPPLIES
TPS100-10 TOTAL-POWER-TPS100-10 Datasheet
130Kb / 4P
   SWITCHING MODE 90W U CHANNEL POWER SUPPLIES
TPS100-10 TOTAL-POWER-TPS100-10 Datasheet
135Kb / 4P
   SWITCHING MODE 90W U CHANNEL POWER SUPPLIES
TPS100-11 TOTAL-POWER-TPS100-11 Datasheet
130Kb / 4P
   SWITCHING MODE 90W U CHANNEL POWER SUPPLIES
TPS100-11 TOTAL-POWER-TPS100-11 Datasheet
135Kb / 4P
   SWITCHING MODE 90W U CHANNEL POWER SUPPLIES
More results

유사한 설명 - TPS100LBP-31

제조업체부품명데이터시트상세설명
logo
Total Power Internation...
TPS150LBP TOTAL-POWER-TPS150LBP Datasheet
252Kb / 4P
   TPS150LBP SWITCHING MODE 150W LOW COST BOX TYPE POWER SUPPLY WITH POWER FACTOR CORRECTION
TPS40LB TOTAL-POWER-TPS40LB Datasheet
275Kb / 3P
   SWITCHING MODE 40W LOW COST BOX TYPE POWER SUPPLY
TPS60LB TOTAL-POWER-TPS60LB Datasheet
398Kb / 4P
   SWITCHING MODE 60W LOW COST BOX TYPE POWER SUPPLY
logo
Omron Electronics LLC
S82H OMRON-S82H Datasheet
778Kb / 16P
   Industrial Power Supply with Power Factor Correction
logo
Emerson Network Power
LPT80 EMERSON-NETWORKPOWER-LPT80 Datasheet
281Kb / 3P
   Power Factor Correction
logo
EPCOS
B25667B4287A375 EPCOS-B25667B4287A375 Datasheet
136Kb / 3P
   Power Factor Correction
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
125Kb / 3P
   Power Factor Correction
B25667B5197A375 EPCOS-B25667B5197A375 Datasheet
100Kb / 3P
   Power Factor Correction
B25667B5217A175 EPCOS-B25667B5217A175 Datasheet
131Kb / 3P
   Power Factor Correction
B25667B3497A375 EPCOS-B25667B3497A375_05 Datasheet
103Kb / 3P
   Power Factor Correction
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com