전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CM1401-03 데이터시트(PDF) 3 Page - California Micro Devices Corp

부품명 CM1401-03
상세설명  4-Channel ESD/EMI Filter Array plus 4-Channel ESD Array for USB
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CALMIRCO [California Micro Devices Corp]
홈페이지  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1401-03 데이터시트(HTML) 3 Page - California Micro Devices Corp

  CM1401-03 Datasheet HTML 1Page - California Micro Devices Corp CM1401-03 Datasheet HTML 2Page - California Micro Devices Corp CM1401-03 Datasheet HTML 3Page - California Micro Devices Corp CM1401-03 Datasheet HTML 4Page - California Micro Devices Corp CM1401-03 Datasheet HTML 5Page - California Micro Devices Corp CM1401-03 Datasheet HTML 6Page - California Micro Devices Corp CM1401-03 Datasheet HTML 7Page - California Micro Devices Corp CM1401-03 Datasheet HTML 8Page - California Micro Devices Corp CM1401-03 Datasheet HTML 9Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
© 2005 California Micro Devices Corp. All rights reserved.
10/04/05
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
3
CM1401-03
Specifications
Note 1: TA=25°C unless otherwise specified.
Note 2: ESD applied to input and output pins with respect to GND, one at a time.
Note 3: Clamping voltage is measured at the opposite side of the EMI filter to the ESD pin. For example, if ESD is applied to Pin A2,
then clamping voltage is measured at Pin C2.
Note 4: These parameters are guaranteed by design and characterization.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNITS
Storage Temperature Range
-65 to +150
°C
DC Power per Resistor
100
mW
DC Package Power Rating
600
mW
STANDARD OPERATING CONDITIONS
PARAMETER
RATING
UNITS
Operating Temperature Range
-40 to +85
°C
ELECTRICAL OPERATING CHARACTERISTICS (SEE NOTE1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
R
Resistance
80
100
120
Ω
C
Capacitance
At 2.5V DC
24
30
36
pF
TCR
Temperature Coefficient of Resistance
1200
ppm/°C
TCC
Temperature Coefficient of Capacitance
At 2.5V DC
-300
ppm/°C
VDIODE
Diode Voltage (reverse bias)
IDIODE=10μA6.0
V
ILEAK
Diode Leakage Current (reverse bias)
VDIODE=3.3V
100
nA
VSIG
Signal Voltage
Positive Clamp
Negative Clamp
ILOAD = 10mA
5.6
-1.5
6.8
-0.8
9.0
-0.4
V
V
VESD
In-system ESD Withstand Voltage
a) Human Body Model, MIL-STD-883,
Method 3015
b) Contact Discharge per IEC 61000-4-2
Level 4
Notes 2 and 4
±30
±15
kV
kV
VCL
Clamping Voltage during ESD Discharge
MIL-STD-883 (Method 3015), 8kV
Positive Transients
Negative Transients
Notes 2,3 and 4
+10
-5
V
V
fC
Cut-off Frequency
ZSOURCE=50Ω, ZLOAD=50Ω
R=100
Ω, C=30pF
58
MHz


유사한 부품 번호 - CM1401-03

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CM1401-03 ONSEMI-CM1401-03 Datasheet
570Kb / 9P
   4-Channel ESD/EMI Filter Array Plus 4-Channel ESD Array for USB
March, 2011 ??Rev. 4
CM1401-03CP ONSEMI-CM1401-03CP Datasheet
570Kb / 9P
   4-Channel ESD/EMI Filter Array Plus 4-Channel ESD Array for USB
March, 2011 ??Rev. 4
More results

유사한 설명 - CM1401-03

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CSPEMI307A ONSEMI-CSPEMI307A Datasheet
373Kb / 12P
   4-Channel ESD/EMI Filter Array Plus 4-Channel ESD Array for USB
May 2010 Rev. 2
logo
California Micro Device...
CSPEMI307A CALMIRCO-CSPEMI307A Datasheet
1Mb / 9P
   4-Channel ESD/EMI Filter Array plus 4-Channel ESD Array for USB
logo
ON Semiconductor
CM1401-32CP ONSEMI-CM1401-32CP Datasheet
354Kb / 12P
   4-Channel ESD/EMI Filter Array Plus 4-Channel ESD Array for USB
June 2010 Rev. 0
CM1401-03 ONSEMI-CM1401-03 Datasheet
570Kb / 9P
   4-Channel ESD/EMI Filter Array Plus 4-Channel ESD Array for USB
March, 2011 ??Rev. 4
CSPEMI307A ONSEMI-CSPEMI307A_11 Datasheet
807Kb / 8P
   4-Channel ESD/EMI Filter Array Plus 4-Channel ESD
May, 2011 ??Rev. 3
logo
California Micro Device...
CM1441 CALMIRCO-CM1441 Datasheet
615Kb / 8P
   4-Channel EMI Filter Array w/ ESD 4-channel ESD Array
CM1421 CALMIRCO-CM1421 Datasheet
368Kb / 8P
   4-Channel LCD EMI Filter Array plus / 4-Channel ESD Protection Array
CSPEMI607 CALMIRCO-CSPEMI607 Datasheet
198Kb / 5P
   4-Channel LCD EMI Filter Array with ESD Protection plus 4-Channel of ESD Protection Array
CM1406 CALMIRCO-CM1406 Datasheet
514Kb / 7P
   4 Channel EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1443-04CP ONSEMI-CM1443-04CP Datasheet
270Kb / 11P
   4-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com