전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSLF-190LB-K 데이터시트(PDF) 4 Page - Hitachi Metals, Ltd

부품명 FSLF-190LB-K
상세설명  3216 Size Chip Multilayer Diplexer with Low Pass Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI-METALS [Hitachi Metals, Ltd]
홈페이지  http://www.hitachi-metals.co.jp/e
Logo HITACHI-METALS - Hitachi Metals, Ltd

FSLF-190LB-K 데이터시트(HTML) 4 Page - Hitachi Metals, Ltd

  FSLF-190LB-K Datasheet HTML 1Page - Hitachi Metals, Ltd FSLF-190LB-K Datasheet HTML 2Page - Hitachi Metals, Ltd FSLF-190LB-K Datasheet HTML 3Page - Hitachi Metals, Ltd FSLF-190LB-K Datasheet HTML 4Page - Hitachi Metals, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Foot Pattern
Foot Pattern Example
st r i p l i ne
50ohm
st r i p l i ne
50ohm
gr ound
gr ound
gr ound
0. 5
0. 5
0. 5
0. 45
0. 45
3-
0. 3- t hr ough hol e
LF-FSLF-190LB-K-0410A
All the technical data and information contained
herein are subject to change without notice.


유사한 부품 번호 - FSLF-190LB-K

제조업체부품명데이터시트상세설명
logo
Hitachi Metals, Ltd
FSLF-080HL HITACHI-METALS-FSLF-080HL Datasheet
55Kb / 4P
   3216 Size Chip Multilayer Diplexer for CELL/PCS
FSLF-080HR HITACHI-METALS-FSLF-080HR Datasheet
57Kb / 4P
   3216 Size Chip Multilayer Diplexer for CELL/PCS
FSLF-080ML HITACHI-METALS-FSLF-080ML Datasheet
61Kb / 4P
   3216 Size Chip Multilayer Diplexer for CELL/PCS
FSLF-S080HL HITACHI-METALS-FSLF-S080HL Datasheet
51Kb / 4P
   2012 Size Chip Multilayer Diplexer for CELL / PCS
FSLF-S090JG HITACHI-METALS-FSLF-S090JG Datasheet
56Kb / 4P
   2012 Size Chip Multilayer Diplexer for CELL / GPS
More results

유사한 설명 - FSLF-190LB-K

제조업체부품명데이터시트상세설명
logo
Hitachi Metals, Ltd
FSLF-080HL HITACHI-METALS-FSLF-080HL Datasheet
55Kb / 4P
   3216 Size Chip Multilayer Diplexer for CELL/PCS
FSLF-080HR HITACHI-METALS-FSLF-080HR Datasheet
57Kb / 4P
   3216 Size Chip Multilayer Diplexer for CELL/PCS
FSLF-080ML HITACHI-METALS-FSLF-080ML Datasheet
61Kb / 4P
   3216 Size Chip Multilayer Diplexer for CELL/PCS
FSLL-S240E HITACHI-METALS-FSLL-S240E Datasheet
54Kb / 4P
   2012 Size Chip Low Pass Filter
FSLB-S245C HITACHI-METALS-FSLB-S245C Datasheet
61Kb / 3P
   2012 Size Chip Multilayer Band Pass Filter
logo
Wurth Elektronik GmbH &...
748111009 WURTH-748111009 Datasheet
534Kb / 7P
   WE-LPF Multilayer Chip Low-Pass Filter
002.000
logo
TDK Electronics
DEA162500LT-1217A1 TDK-DEA162500LT-1217A1_15 Datasheet
72Kb / 6P
   Multilayer Low Pass Filter
DEA070960LT-4006B1 TDK-DEA070960LT-4006B1 Datasheet
73Kb / 6P
   Multilayer Low Pass Filter
DEA161990LT-1182 TDK-DEA161990LT-1182 Datasheet
70Kb / 6P
   Multilayer Low Pass Filter
DEA162025LT-5003C3 TDK-DEA162025LT-5003C3 Datasheet
73Kb / 6P
   Multilayer Low Pass Filter
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com